Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2KBP10 Datasheet(PDF) 2 Page - Vishay Siliconix

Part # 2KBP10
Description  Single Phase Rectifier Bridge, 2 A
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

2KBP10 Datasheet(HTML) 2 Page - Vishay Siliconix

  2KBP10 Datasheet HTML 1Page - Vishay Siliconix 2KBP10 Datasheet HTML 2Page - Vishay Siliconix 2KBP10 Datasheet HTML 3Page - Vishay Siliconix 2KBP10 Datasheet HTML 4Page - Vishay Siliconix 2KBP10 Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
www.vishay.com
For technical questions, contact: ind-modules@vishay.com
Document Number: 93562
2
Revision: 17-Jun-08
2KBP Series
Vishay High Power Products
Single Phase
Rectifier Bridge, 2 A
Fig. 1 - Ambient Temperature Ratings
Fig. 2 - Non-Repetitive Surge Ratings
FORWARD CONDUCTION
PARAMETER
SYMBOL
TEST CONDITIONS
VALUES
UNITS
Maximum DC output current
IO
TA = 50 °C, resistive or inductive load
2.0
A
TA = 50 °C, capacitive load
1.8
Maximum peak one cycle,
non-repetitive surge current
IFSM
t = 10 ms, 20 ms
Following any rated load
condition and with rated VRRM
reapplied
60
A
t = 8.3 ms, 16.7 ms
63
Maximum I2t capability for fusing
I2t
t = 10 ms
100 % VRRM
reapplied
Initial TJ =
TJ maximum
18
A2s
t = 8.3 ms
16
t = 10 ms
No voltage
reapplied
26
t = 8.3 ms
23
Maximum I2
√t capability for fusing
I2
√t
t = 0.1 to 10 ms, no voltage reapplied
255
A2
√s
Maximum peak forward voltage per diode
VFM
IFM = 1 A, TJ = 25 °C
1.0
V
Typical peak reverse leakage
current per diode
IRM
TJ = 25 °C, 100 % VRRM
10
µA
TJ = 150 °C, 100 % VRRM
1.0
mA
Operating frequency range
f
40 to 1000
Hz
THERMAL AND MECHANICAL SPECIFICATIONS
PARAMETER
SYMBOL
VALUES
UNITS
Operating junction and storage temperature range
TJ, TStg
- 40 to 150
°C
Approximate weight
4g
0.14
oz.
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
2.2
0
0
204060
80
100
120
140
160
Maximum Allowable Ambient Temperature (°C)
Capacitive load
Resistive, inductive load
Pulse Train Duration (s)
50
40
30
20
10
0
10
-2
10
-1
110
60
70
From any rated
load condition


Similar Part No. - 2KBP10

ManufacturerPart #DatasheetDescription
logo
International Rectifier
2KBP10 IRF-2KBP10 Datasheet
47Kb / 3P
   2A single phase rectifier bridge
logo
Vishay Siliconix
2KBP10 VISHAY-2KBP10 Datasheet
105Kb / 4P
   Single Phase Rectifier Bridge, 2 A
Revision: 17-Jun-08
logo
EIC discrete Semiconduc...
2KBP10 EIC-2KBP10 Datasheet
51Kb / 2P
   SILICON BRIDGE RECTIFIERS
logo
Micro Commercial Compon...
2KBP10 MCC-2KBP10 Datasheet
279Kb / 3P
   2.0 Amp Glass Passivated Bridge Rectifier 50 to 1000 Volts
logo
Vishay Siliconix
2KBP10 VISHAY-2KBP10 Datasheet
112Kb / 5P
   Single Phase Rectifier Bridge, 2 A
Revision: 17-Jun-08
More results

Similar Description - 2KBP10

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
2KBP10M-E4 VISHAY-2KBP10M-E4 Datasheet
112Kb / 5P
   Single Phase Rectifier Bridge, 2 A
Revision: 17-Jun-08
VS-2KBP VISHAY-VS-2KBP Datasheet
117Kb / 5P
   Single Phase Bridge Rectifier, 2 A
Revision: 22-Dec-16
2KBP VISHAY-2KBP_08 Datasheet
105Kb / 4P
   Single Phase Rectifier Bridge, 2 A
Revision: 17-Jun-08
VS-2KBP VISHAY-VS-2KBP_V02 Datasheet
116Kb / 5P
   Single Phase Bridge Rectifier, 2 A
01-Jan-2023
VS-2KBP VISHAY-VS-2KBP_V01 Datasheet
116Kb / 5P
   Single Phase Bridge Rectifier, 2 A
01-Jan-2022
VS-1KAB-E VISHAY-VS-1KAB-E_V01 Datasheet
112Kb / 5P
   Single Phase Rectifier Bridge, 1.2 A
01-Jan-2022
VS-KBPC8 VISHAY-VS-KBPC8_V02 Datasheet
118Kb / 4P
   Single Phase Rectifier Bridge, 8 A
01-Jan-2023
KBPC8 VISHAY-KBPC8 Datasheet
100Kb / 3P
   Single Phase Rectifier Bridge, 8 A
Revision: 29-Sep-08
KBPC810PBF VISHAY-KBPC810PBF Datasheet
109Kb / 4P
   Single Phase Rectifier Bridge, 8 A
Revision: 29-Sep-08
VS-KBPC8 VISHAY-VS-KBPC8_V01 Datasheet
119Kb / 4P
   Single Phase Rectifier Bridge, 8 A
01-Jan-2022
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com