Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

12CWQ04FNTRR-M3 Datasheet(PDF) 5 Page - Vishay Siliconix

Part # 12CWQ04FNTRR-M3
Description  Schottky Rectifier, 2 x 6 A
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

12CWQ04FNTRR-M3 Datasheet(HTML) 5 Page - Vishay Siliconix

  12CWQ04FNTRR-M3 Datasheet HTML 1Page - Vishay Siliconix 12CWQ04FNTRR-M3 Datasheet HTML 2Page - Vishay Siliconix 12CWQ04FNTRR-M3 Datasheet HTML 3Page - Vishay Siliconix 12CWQ04FNTRR-M3 Datasheet HTML 4Page - Vishay Siliconix 12CWQ04FNTRR-M3 Datasheet HTML 5Page - Vishay Siliconix 12CWQ04FNTRR-M3 Datasheet HTML 6Page - Vishay Siliconix 12CWQ04FNTRR-M3 Datasheet HTML 7Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
Document Number: 93286
For technical questions within your region, please contact one of the following:
www.vishay.com
Revision: 03-Nov-10
DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
5
VS-12CWQ04FN-M3
Schottky Rectifier, 2 x 6 A
Vishay Semiconductors
ORDERING INFORMATION TABLE
ORDERING INFORMATION (Example)
PREFERRED P/N
QUANTITY PER T/R
MINIMUM ORDER QUANTITY
PACKAGING DESCRIPTION
VS-12CWQ04FN-M3
75
3000
Antistatic plastic tube
VS-12CWQ04FNTR-M3
2000
2000
13" diameter reel
VS-12CWQ04FNTRL-M3
3000
3000
13" diameter reel
VS-12CWQ04FNTRR-M3
3000
3000
13" diameter reel
LINKS TO RELATED DOCUMENTS
Dimensions
www.vishay.com/doc?95016
Part marking information
www.vishay.com/doc?95176
Packaging information
www.vishay.com/doc?95033
2
-
Current rating (12 A)
3
-
Center tap configuration-
4
4
-
Package identifier:
W = D-PAK
5
-
Schottky “Q” series
6
-
Voltage rating (04 = 40 V)
7
-
FN = TO-252AA
8
-
None = Tube
TR = Tape and reel
TRL = Tape and reel (left oriented)
TRR = Tape and reel (right oriented)
1
-
Vishay Semiconductors product
-
Environmental digit:
-M3 = Halogen-free, RoHS compliant and terminations lead (Pb)-free
9
Device code
5
1
3
2
4
6
7
8
9
VS-
12
C
W
Q
04
FN
TRL -M3


Similar Part No. - 12CWQ04FNTRR-M3

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
12CWQ04FNTRRPBF VISHAY-12CWQ04FNTRRPBF Datasheet
141Kb / 7P
   Schottky Rectifier, 2 x 6 A
Revision: 14-Jan-11
More results

Similar Description - 12CWQ04FNTRR-M3

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VS-12CWQ10FNTRPBF VISHAY-VS-12CWQ10FNTRPBF Datasheet
148Kb / 7P
   Schottky Rectifier, 2 x 6 A
Revision: 14-Jan-11
VS-12CWQ10FNPBF VISHAY-VS-12CWQ10FNPBF Datasheet
140Kb / 7P
   Schottky Rectifier, 2 x 6 A
Revision: 14-Jan-11
VS-12CWQ04FNPBF VISHAY-VS-12CWQ04FNPBF_15 Datasheet
140Kb / 7P
   Schottky Rectifier, 2 x 6 A
Revision: 14-Jan-11
VS-12CWQ04FNHM3 VISHAY-VS-12CWQ04FNHM3_15 Datasheet
105Kb / 6P
   Schottky Rectifier, 2 x 6 A
Revision: 21-Aug-13
12CWQ04FNPBF VISHAY-12CWQ04FNPBF Datasheet
141Kb / 7P
   Schottky Rectifier, 2 x 6 A
Revision: 14-Jan-11
12CTQ VISHAY-12CTQ Datasheet
120Kb / 6P
   Schottky Rectifier, 2 x 6 A
Revision: 06-Oct-08
12CWQ03FNPBF VISHAY-12CWQ03FNPBF Datasheet
140Kb / 7P
   Schottky Rectifier, 2 x 6 A
Revision: 14-Jan-11
12CWQ10FNPBF VISHAY-12CWQ10FNPBF Datasheet
145Kb / 7P
   Schottky Rectifier, 2 x 6 A
Revision: 14-Jan-11
VS-12CWQ06FNPBF VISHAY-VS-12CWQ06FNPBF Datasheet
149Kb / 7P
   Schottky Rectifier, 2 x 6 A
Revision: 14-Jan-11
VS-12CWQ03FNPBF VISHAY-VS-12CWQ03FNPBF_15 Datasheet
139Kb / 7P
   Schottky Rectifier, 2 x 6 A
Revision: 14-Jan-11
VS-12CWQ04FN-M3 VISHAY-VS-12CWQ04FN-M3_15 Datasheet
141Kb / 7P
   Schottky Rectifier, 2 x 6 A
Revision: 03-Nov-10
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com