Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

21DQ04 Datasheet(PDF) 1 Page - Vishay Siliconix

Part # 21DQ04
Description  Schottky Rectifier, 2 A
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

21DQ04 Datasheet(HTML) 1 Page - Vishay Siliconix

  21DQ04_12 Datasheet HTML 1Page - Vishay Siliconix 21DQ04_12 Datasheet HTML 2Page - Vishay Siliconix 21DQ04_12 Datasheet HTML 3Page - Vishay Siliconix 21DQ04_12 Datasheet HTML 4Page - Vishay Siliconix 21DQ04_12 Datasheet HTML 5Page - Vishay Siliconix 21DQ04_12 Datasheet HTML 6Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
VS-21DQ04, VS-21DQ04-M3
www.vishay.com
Vishay Semiconductors
Revision: 21-Sep-11
1
Document Number: 93279
For technical questions within your region: DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Schottky Rectifier, 2 A
FEATURES
• Low profile, axial leaded outline
• High frequency operation
• Very low forward voltage drop
• High
purity,
high
temperature
epoxy
encapsulation
for
enhanced
mechanical
strength and moisture resistance
• Guard ring for enhanced ruggedness and
long term reliability
• Compliant to RoHS Directive 2002/95/EC
• Designed and qualified for commercial level
• Halogen-free according to IEC 61249-2-21 definition
(-M3 only)
DESCRIPTION
The VS-21DQ04... axial leaded Schottky rectifier has been
optimized for very low forward voltage drop, with moderate
leakage. Typical applications are in switching power
supplies, converters, freewheeling diodes, and reverse
battery protection.
PRODUCT SUMMARY
Package
DO-204AL (DO-41)
IF(AV)
2 A
VR
40 V
VF at IF
0.5 V
IRM max.
10 mA at 125 °C
TJ max.
150 °C
Diode variation
Single die
EAS
5.0 mJ
Cathode
Anode
DO-204AL
MAJOR RATINGS AND CHARACTERISTICS
SYMBOL
CHARACTERISTICS
VALUES
UNITS
IF(AV)
Rectangular waveform
2A
VRRM
40
V
VF
2 Apk, TJ = 125 °C
0.5
TJ
Range
- 40 to 150
°C
VOLTAGE RATINGS
PARAMETER
SYMBOL
VS-21DQ04
VS-21DQ04-M3
UNITS
Maximum DC reverse voltage
VR
40
40
V
Maximum working peak reverse voltage
VRWM
ABSOLUTE MAXIMUM RATINGS
PARAMETER
SYMBOL
TEST CONDITIONS
VALUES
UNITS
Maximum average forward current
See fig. 4
IF(AV)
50 % duty cycle at TC = 112 °C, rectangular waveform
2
A
Maximum peak one cycle
non-repetitive surge current
See fig. 6
IFSM
5 µs sine or 3 µs rect. pulse
Following any rated load
condition and with rated
VRRM applied
420
10 ms sine or 6 ms rect. pulse
70
Non-repetitive avalanche energy
EAS
TJ = 25 °C, IAS = 1.0 A, L = 10 mH
5.0
mJ
Repetitive avalanche current
IAR
Current decaying linearly to zero in 1 μs
Frequency limited by TJ maximum VA = 1.5 x VR typical
1.0
A


Similar Part No. - 21DQ04_12

ManufacturerPart #DatasheetDescription
logo
National Instruments Co...
21DQ04 NI-21DQ04_15 Datasheet
123Kb / 1P
   SBD
More results

Similar Description - 21DQ04_12

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
21DQ06 VISHAY-21DQ06 Datasheet
87Kb / 5P
   Schottky Rectifier, 2 A
Revision: 06-Nov-08
VS-20BQ030PBF VISHAY-VS-20BQ030PBF_V01 Datasheet
116Kb / 7P
   Schottky Rectifier, 2 A
02-Oct-12
VS-20BQ030TRPBF VISHAY-VS-20BQ030TRPBF Datasheet
116Kb / 7P
   Schottky Rectifier, 2 A
Revision: 04-Mar-10
20MQ100-M3 VISHAY-20MQ100-M3 Datasheet
115Kb / 6P
   Schottky Rectifier, 2 A
Revision: 22-Aug-11
21DQ04 VISHAY-21DQ04 Datasheet
85Kb / 5P
   Schottky Rectifier, 2 A
Revision: 06-Nov-08
20MQ040-M3 VISHAY-20MQ040-M3 Datasheet
112Kb / 6P
   Schottky Rectifier, 2 A
Revision: 22-Aug-11
VS-20MQ040-M3 VISHAY-VS-20MQ040-M3_15 Datasheet
110Kb / 6P
   Schottky Rectifier, 2 A
Revision: 12-Oct-11
VS-20BQ030-M3 VISHAY-VS-20BQ030-M3_15 Datasheet
103Kb / 6P
   Schottky Rectifier, 2 A
Revision: 29-May-12
20BQ030PBF VISHAY-20BQ030PBF Datasheet
97Kb / 6P
   Schottky Rectifier, 2 A
Revision: 16-Apr-08
VS-21DQ04 VISHAY-VS-21DQ04 Datasheet
121Kb / 6P
   Schottky Rectifier, 2 A
Revision: 21-Sep-11
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com