Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

21DQ04-M3 Datasheet(PDF) 5 Page - Vishay Siliconix

Part # 21DQ04-M3
Description  Schottky Rectifier, 2 A
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

21DQ04-M3 Datasheet(HTML) 5 Page - Vishay Siliconix

  21DQ04-M3 Datasheet HTML 1Page - Vishay Siliconix 21DQ04-M3 Datasheet HTML 2Page - Vishay Siliconix 21DQ04-M3 Datasheet HTML 3Page - Vishay Siliconix 21DQ04-M3 Datasheet HTML 4Page - Vishay Siliconix 21DQ04-M3 Datasheet HTML 5Page - Vishay Siliconix 21DQ04-M3 Datasheet HTML 6Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
Outline Dimensions
www.vishay.com
Vishay Semiconductors
Revision: 29-Aug-11
1
Document Number: 95241
For technical questions within your region: DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Axial DO-204AL (DO-41)
DIMENSIONS in millimeters (inches)
2.70 (0.106)
2.29 (0.090)
DIA.
2.70 (0.106)
2.29 (0.090)
DIA.
0.86 (0.034)
0.72 (0.028)
(2 places)
27.0 (1.06) MIN.
(2 places)
5.21 (0.205)
MAX.
5.21 (0.205)
MAX.
27.0 (1.06) MIN.
(2 places)
1.27 (0.050) MAX.
Flash (2 places)
DIA.
0.86 (0.034)
0.72 (0.028)
(2 places)
DIA.
Cathode band


Similar Part No. - 21DQ04-M3

ManufacturerPart #DatasheetDescription
logo
International Rectifier
21DQ04 IRF-21DQ04 Datasheet
39Kb / 5P
   SCHOTTKY RECTIFIER(2 Amp)
logo
Nihon Inter Electronics...
21DQ04 NIEC-21DQ04 Datasheet
43Kb / 6P
   Low Forward Voltage drop Diode
logo
Monolithic Power System...
21DQ04 MPS-21DQ04 Datasheet
254Kb / 11P
   2A, 32V, 330KHz Step-Down Converter
logo
Vishay Siliconix
21DQ04 VISHAY-21DQ04 Datasheet
85Kb / 5P
   Schottky Rectifier, 2 A
Revision: 06-Nov-08
logo
New Jersey Semi-Conduct...
21DQ04 NJSEMI-21DQ04 Datasheet
142Kb / 1P
   Schottky Rectifiers
More results

Similar Description - 21DQ04-M3

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
21DQ06 VISHAY-21DQ06 Datasheet
87Kb / 5P
   Schottky Rectifier, 2 A
Revision: 06-Nov-08
VS-20BQ030PBF VISHAY-VS-20BQ030PBF_V01 Datasheet
116Kb / 7P
   Schottky Rectifier, 2 A
02-Oct-12
VS-20BQ030TRPBF VISHAY-VS-20BQ030TRPBF Datasheet
116Kb / 7P
   Schottky Rectifier, 2 A
Revision: 04-Mar-10
20MQ100-M3 VISHAY-20MQ100-M3 Datasheet
115Kb / 6P
   Schottky Rectifier, 2 A
Revision: 22-Aug-11
21DQ04 VISHAY-21DQ04 Datasheet
85Kb / 5P
   Schottky Rectifier, 2 A
Revision: 06-Nov-08
20MQ040-M3 VISHAY-20MQ040-M3 Datasheet
112Kb / 6P
   Schottky Rectifier, 2 A
Revision: 22-Aug-11
VS-20MQ040-M3 VISHAY-VS-20MQ040-M3_15 Datasheet
110Kb / 6P
   Schottky Rectifier, 2 A
Revision: 12-Oct-11
VS-20BQ030-M3 VISHAY-VS-20BQ030-M3_15 Datasheet
103Kb / 6P
   Schottky Rectifier, 2 A
Revision: 29-May-12
20BQ030PBF VISHAY-20BQ030PBF Datasheet
97Kb / 6P
   Schottky Rectifier, 2 A
Revision: 16-Apr-08
VS-21DQ04 VISHAY-VS-21DQ04 Datasheet
121Kb / 6P
   Schottky Rectifier, 2 A
Revision: 21-Sep-11
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com