Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

26MT Datasheet(PDF) 1 Page - Vishay Siliconix

Part # 26MT
Description  Three Phase Bridge (Power Modules), 25/35 A
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

26MT Datasheet(HTML) 1 Page - Vishay Siliconix

  26MT_12 Datasheet HTML 1Page - Vishay Siliconix 26MT_12 Datasheet HTML 2Page - Vishay Siliconix 26MT_12 Datasheet HTML 3Page - Vishay Siliconix 26MT_12 Datasheet HTML 4Page - Vishay Siliconix 26MT_12 Datasheet HTML 5Page - Vishay Siliconix 26MT_12 Datasheet HTML 6Page - Vishay Siliconix 26MT_12 Datasheet HTML 7Page - Vishay Siliconix 26MT_12 Datasheet HTML 8Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
Document Number: 93565
For technical questions, contact: ind-modules@vishay.com
www.vishay.com
Revision: 03-Nov-08
1
Three Phase Bridge
(Power Modules), 25/35 A
26MT../36MT.. Series
Vishay High Power Products
FEATURES
• Universal, 3 way terminals: push-on, wrap
around or solder
• High thermal conductivity package, electrically
insulated case
• Center hole fixing
• Excellent power/volume ratio
• UL E300359 approved
• Gold plated terminals solderable using lead (Pb)-free
solder;
solder
alloy
Sn/Ag/Cu
(SAC305);
solder
temperature 260 to 275 °C
• RoHS compliant
• Designed and qualified for industrial and consumer level
DESCRIPTION
A range of extremely compact, encapsulated three phase
bridge rectifiers offering efficient and reliable operation. They
are intended for use in general purpose and instrumentation
applications.
ELECTRICAL SPECIFICATIONS
PRODUCT SUMMARY
IO
25/35 A
D-63
MAJOR RATINGS AND CHARACTERISTICS
SYMBOL
CHARACTERISTICS
26MT
36MT
UNITS
IO
25
35
A
TC
70
60
°C
IFSM
50 Hz
360
475
A
60 Hz
375
500
I2t
50 Hz
635
1130
A2s
60 Hz
580
1030
VRRM
100 to 1600
V
TJ
- 55 to 150
°C
VOLTAGE RATINGS
TYPE NUMBER
VOLTAGE
CODE
VRRM, MAXIMUM REPETITIVE
PEAK REVERSE VOLTAGE
V
VRSM, MAXIMUM NON-REPETITIVE
PEAK REVERSE VOLTAGE
V
IRRM MAXIMUM
AT TJ MAXIMUM
mA
26MT../36MT..
10
100
150
2
20
200
275
40
400
500
60
600
725
80
800
900
100
1000
1100
120
1200
1300
140
1400
1500
160
1600
1700


Similar Part No. - 26MT_12

ManufacturerPart #DatasheetDescription
logo
International Rectifier
26MT10 IRF-26MT10 Datasheet
75Kb / 6P
   THREE PHASE BRIDGE Power Modules
logo
Vishay Siliconix
26MT10 VISHAY-26MT10 Datasheet
187Kb / 7P
   Three Phase Bridge (Power Modules), 25/35 A
Revision: 03-Nov-08
logo
International Rectifier
26MT100 IRF-26MT100 Datasheet
75Kb / 6P
   THREE PHASE BRIDGE Power Modules
logo
Vishay Siliconix
26MT100 VISHAY-26MT100 Datasheet
187Kb / 7P
   Three Phase Bridge (Power Modules), 25/35 A
Revision: 03-Nov-08
logo
International Rectifier
26MT120 IRF-26MT120 Datasheet
75Kb / 6P
   THREE PHASE BRIDGE Power Modules
More results

Similar Description - 26MT_12

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VS-36MT80 VISHAY-VS-36MT80 Datasheet
201Kb / 8P
   Three Phase Bridge (Power Modules), 25/35 A
Revision: 03-Nov-08
26MT VISHAY-26MT Datasheet
187Kb / 7P
   Three Phase Bridge (Power Modules), 25/35 A
Revision: 03-Nov-08
VS-36MT160 VISHAY-VS-36MT160 Datasheet
208Kb / 9P
   Three Phase Bridge (Power Modules), 25/35 A
Revision: 03-Nov-08
VS-26MT40 VISHAY-VS-26MT40 Datasheet
170Kb / 7P
   Three Phase Bridge (Power Modules), 25 A to 35 A
Revision: 22-Jan-14
VS-26MT100 VISHAY-VS-26MT100 Datasheet
170Kb / 7P
   Three Phase Bridge (Power Modules), 25 A to 35 A
Revision: 22-Jan-14
VS-26MT80 VISHAY-VS-26MT80 Datasheet
170Kb / 7P
   Three Phase Bridge (Power Modules), 25 A to 35 A
Revision: 22-Jan-14
VS-36MT120 VISHAY-VS-36MT120 Datasheet
170Kb / 7P
   Three Phase Bridge (Power Modules), 25 A to 35 A
Revision: 22-Jan-14
GBPC25 VISHAY-GBPC25 Datasheet
129Kb / 7P
   Single Phase Bridge (Power Modules), 25/35 A
Revision: 29-Sep-08
26MB20A VISHAY-26MB20A Datasheet
119Kb / 6P
   Single Phase Bridge (Power Modules), 25/35 A
Revision: 27-Jun-08
26MB140A VISHAY-26MB140A_12 Datasheet
173Kb / 7P
   Single Phase Bridge (Power Modules), 25 A/35 A
Revision: 17-Jun-08
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com