Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

21DQ06-M3 Datasheet(PDF) 3 Page - Vishay Siliconix

Part # 21DQ06-M3
Description  Schottky Rectifier, 2 A
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

21DQ06-M3 Datasheet(HTML) 3 Page - Vishay Siliconix

  21DQ06-M3 Datasheet HTML 1Page - Vishay Siliconix 21DQ06-M3 Datasheet HTML 2Page - Vishay Siliconix 21DQ06-M3 Datasheet HTML 3Page - Vishay Siliconix 21DQ06-M3 Datasheet HTML 4Page - Vishay Siliconix 21DQ06-M3 Datasheet HTML 5Page - Vishay Siliconix 21DQ06-M3 Datasheet HTML 6Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
VS-21DQ06, VS-21DQ06-M3
www.vishay.com
Vishay Semiconductors
Revision: 21-Sep-11
3
Document Number: 93280
For technical questions within your region: DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Fig. 1 - Maximum Forward Voltage Drop Characteristics
Fig. 2 - - Typical Values of Reverse Current vs.
Reverse Voltage
Fig. 3 - - Typical Junction Capacitance vs.
Reverse Voltage
Fig. 4 - Maximum Allowable Lead Temperature vs.
Average Forward Current
Fig. 5 - Forward Power Loss Characteristics
Fig. 6 - Maximum Non-Repetitive Surge Current
Note
(1) Formula used: TL = TJ - (Pd + PdREV) x RthJL;
Pd = Forward power loss = IF(AV) x VFM at (IF(AV)/D) (see fig. 5); PdREV = Inverse power loss = VR1 x IR (1 - D); IR at VR1 = 80 % rated VR
93280_01
VFM - Forward Voltage Drop (V)
0.1
1
10
0
0.3
0.6
0.9
1.2
T
J = 150°C
T
J = 125°C
T
J =
25°C
VR - Reverse Voltage (V)
93280_02
0.0001
0.001
0.01
0.1
1
10
100
0
20
40
60
T
J = 150° C
T
J = 125° C
T
J = 100° C
T
J = 75° C
T
J = 25° C
T
J = 50° C
VR - Reverse Voltage (V)
93280_03
10
100
1000
0
20
40
60
T
J = 25 °C
IF(AV) - Average Forward Current (A)
93280_04
0
30
60
90
120
150
0
1
2
3
DC
see note (1)
Square wave (D = 0.50)
80 % rated V
R applied
= 1/8 inch
Average Forward Current - IF(AV) (A)
93280_05
0
0.4
0.8
1.2
1.6
2
0
1
2
3
DC
RMS Limit
D = 0.20
D = 0.25
D = 0.33
D = 0.50
D = 0.75
tp - Square Wave Pulse Duration (µs)
93280_06
10
100
1000
10
100
1000
10 000
At Any Rated Load Condition
And With rated V
RRM Applied
Following Surge


Similar Part No. - 21DQ06-M3

ManufacturerPart #DatasheetDescription
logo
Nihon Inter Electronics...
21DQ06 NIEC-21DQ06 Datasheet
25Kb / 2P
   HIGH SURGE CAPABILITY 30VOLTS TROUGH 100VOLTS TYPE AVAILABLE
logo
International Rectifier
21DQ06 IRF-21DQ06 Datasheet
44Kb / 5P
   SCHOTTKY RECTIFIER
logo
Vishay Siliconix
21DQ06 VISHAY-21DQ06 Datasheet
87Kb / 5P
   Schottky Rectifier, 2 A
Revision: 06-Nov-08
logo
Shenzhen Ping Sheng Ele...
21DQ06 PFS-21DQ06 Datasheet
272Kb / 4P
   SCHOTTKY RECTIFIER
logo
New Jersey Semi-Conduct...
21DQ06 NJSEMI-21DQ06 Datasheet
142Kb / 1P
   Schottky Rectifiers
More results

Similar Description - 21DQ06-M3

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
21DQ06 VISHAY-21DQ06 Datasheet
87Kb / 5P
   Schottky Rectifier, 2 A
Revision: 06-Nov-08
VS-20BQ030PBF VISHAY-VS-20BQ030PBF_V01 Datasheet
116Kb / 7P
   Schottky Rectifier, 2 A
02-Oct-12
VS-20BQ030TRPBF VISHAY-VS-20BQ030TRPBF Datasheet
116Kb / 7P
   Schottky Rectifier, 2 A
Revision: 04-Mar-10
20MQ100-M3 VISHAY-20MQ100-M3 Datasheet
115Kb / 6P
   Schottky Rectifier, 2 A
Revision: 22-Aug-11
21DQ04 VISHAY-21DQ04_12 Datasheet
123Kb / 6P
   Schottky Rectifier, 2 A
Revision: 21-Sep-11
21DQ04 VISHAY-21DQ04 Datasheet
85Kb / 5P
   Schottky Rectifier, 2 A
Revision: 06-Nov-08
20MQ040-M3 VISHAY-20MQ040-M3 Datasheet
112Kb / 6P
   Schottky Rectifier, 2 A
Revision: 22-Aug-11
VS-20MQ040-M3 VISHAY-VS-20MQ040-M3_15 Datasheet
110Kb / 6P
   Schottky Rectifier, 2 A
Revision: 12-Oct-11
VS-20BQ030-M3 VISHAY-VS-20BQ030-M3_15 Datasheet
103Kb / 6P
   Schottky Rectifier, 2 A
Revision: 29-May-12
20BQ030PBF VISHAY-20BQ030PBF Datasheet
97Kb / 6P
   Schottky Rectifier, 2 A
Revision: 16-Apr-08
VS-21DQ04 VISHAY-VS-21DQ04 Datasheet
121Kb / 6P
   Schottky Rectifier, 2 A
Revision: 21-Sep-11
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com