Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

21DQ06TR-M3 Datasheet(PDF) 2 Page - Vishay Siliconix

Part # 21DQ06TR-M3
Description  Schottky Rectifier, 2 A
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

21DQ06TR-M3 Datasheet(HTML) 2 Page - Vishay Siliconix

  21DQ06TR-M3 Datasheet HTML 1Page - Vishay Siliconix 21DQ06TR-M3 Datasheet HTML 2Page - Vishay Siliconix 21DQ06TR-M3 Datasheet HTML 3Page - Vishay Siliconix 21DQ06TR-M3 Datasheet HTML 4Page - Vishay Siliconix 21DQ06TR-M3 Datasheet HTML 5Page - Vishay Siliconix 21DQ06TR-M3 Datasheet HTML 6Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
VS-21DQ06, VS-21DQ06-M3
www.vishay.com
Vishay Semiconductors
Revision: 21-Sep-11
2
Document Number: 93280
For technical questions within your region: DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Note
(1) Pulse width < 300 μs, duty cycle < 2 %
Note
(1)
thermal runaway condition for a diode on its own heatsink
ELECTRICAL SPECIFICATIONS
PARAMETER
SYMBOL
TEST CONDITIONS
VALUES
UNITS
TYP.
MAX.
Maximum forward voltage drop
VFM (1)
2 A
TJ = 25 °C
0.53
0.60
V
4 A
0.67
0.75
2 A
TJ = 125 °C
0.49
0.55
4 A
0.61
0.67
Maximum reverse leakage current
IRM (1)
TJ = 25 °C
VR = Rated VR
0.02
0.50
mA
TJ = 125 °C
7.0
10
Typical junction capacitance
CT
VR = 5 VDC (test signal range 100 kHz to 1 MHz) 25 °C
120
pF
Typical series inductance
LS
Measured lead to lead 5 mm from package body
8.0
nH
THERMAL - MECHANICAL SPECIFICATIONS
PARAMETER
SYMBOL
TEST CONDITIONS
VALUES
UNITS
Maximum junction and storage
temperature range
TJ (1), TStg
- 40 to 150
°C
Maximum thermal resistance,
junction to ambient
RthJA
DC operation
Without cooling fin
100
°C/W
Typical thermal resistance,
junction to lead
RthJL
DC operation
See fig. 4
25
Approximate weight
0.33
g
0.012
oz.
Marking device
Case style DO-204AL (D-41)
21DQ06
dP
tot
dT
J
-------------
1
R
thJA
--------------
<


Similar Part No. - 21DQ06TR-M3

ManufacturerPart #DatasheetDescription
logo
International Rectifier
21DQ06TR IRF-21DQ06TR Datasheet
44Kb / 5P
   SCHOTTKY RECTIFIER
logo
Vishay Siliconix
21DQ06TR VISHAY-21DQ06TR Datasheet
87Kb / 5P
   Schottky Rectifier, 2 A
Revision: 06-Nov-08
More results

Similar Description - 21DQ06TR-M3

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
21DQ06 VISHAY-21DQ06 Datasheet
87Kb / 5P
   Schottky Rectifier, 2 A
Revision: 06-Nov-08
VS-20BQ030PBF VISHAY-VS-20BQ030PBF_V01 Datasheet
116Kb / 7P
   Schottky Rectifier, 2 A
02-Oct-12
VS-20BQ030TRPBF VISHAY-VS-20BQ030TRPBF Datasheet
116Kb / 7P
   Schottky Rectifier, 2 A
Revision: 04-Mar-10
20MQ100-M3 VISHAY-20MQ100-M3 Datasheet
115Kb / 6P
   Schottky Rectifier, 2 A
Revision: 22-Aug-11
21DQ04 VISHAY-21DQ04_12 Datasheet
123Kb / 6P
   Schottky Rectifier, 2 A
Revision: 21-Sep-11
21DQ04 VISHAY-21DQ04 Datasheet
85Kb / 5P
   Schottky Rectifier, 2 A
Revision: 06-Nov-08
20MQ040-M3 VISHAY-20MQ040-M3 Datasheet
112Kb / 6P
   Schottky Rectifier, 2 A
Revision: 22-Aug-11
VS-20MQ040-M3 VISHAY-VS-20MQ040-M3_15 Datasheet
110Kb / 6P
   Schottky Rectifier, 2 A
Revision: 12-Oct-11
VS-20BQ030-M3 VISHAY-VS-20BQ030-M3_15 Datasheet
103Kb / 6P
   Schottky Rectifier, 2 A
Revision: 29-May-12
20BQ030PBF VISHAY-20BQ030PBF Datasheet
97Kb / 6P
   Schottky Rectifier, 2 A
Revision: 16-Apr-08
VS-21DQ04 VISHAY-VS-21DQ04 Datasheet
121Kb / 6P
   Schottky Rectifier, 2 A
Revision: 21-Sep-11
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com