Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

6MT40 Datasheet(PDF) 5 Page - Vishay Siliconix

Part # 6MT40
Description  Three Phase Bridge (Power Modules), 25/35 A
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

6MT40 Datasheet(HTML) 5 Page - Vishay Siliconix

  6MT40 Datasheet HTML 1Page - Vishay Siliconix 6MT40 Datasheet HTML 2Page - Vishay Siliconix 6MT40 Datasheet HTML 3Page - Vishay Siliconix 6MT40 Datasheet HTML 4Page - Vishay Siliconix 6MT40 Datasheet HTML 5Page - Vishay Siliconix 6MT40 Datasheet HTML 6Page - Vishay Siliconix 6MT40 Datasheet HTML 7Page - Vishay Siliconix 6MT40 Datasheet HTML 8Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
Document Number: 93565
For technical questions, contact: ind-modules@vishay.com
www.vishay.com
Revision: 03-Nov-08
5
26MT../36MT.. Series
Three Phase Bridge
(Power Modules), 25/35 A
Vishay High Power Products
Fig. 11 - Thermal Impedance ZthJC Characteristics
Fig. 12 - Thermal Impedance ZthJC Characteristics
0.01
0.1
1
10
0.001
0.01
0.1
1
10
Square Wave Pulse Duration (s)
26MT.. Series
per bridge
.
.
100
0.001
Steady state value:
R
thJC = 1.42 K/W
(DC operation)
0.01
0.1
1
10
0.001
0.01
0.1
1
10
Square Wave Pulse Duration (s)
36MT.. Series
per bridge
.
.
100
0.001
Steady state value:
R
thJC = 1.35 K/W
(DC operation)


Similar Description - 6MT40

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VS-36MT80 VISHAY-VS-36MT80 Datasheet
201Kb / 8P
   Three Phase Bridge (Power Modules), 25/35 A
Revision: 03-Nov-08
26MT VISHAY-26MT Datasheet
187Kb / 7P
   Three Phase Bridge (Power Modules), 25/35 A
Revision: 03-Nov-08
VS-36MT160 VISHAY-VS-36MT160 Datasheet
208Kb / 9P
   Three Phase Bridge (Power Modules), 25/35 A
Revision: 03-Nov-08
VS-26MT40 VISHAY-VS-26MT40 Datasheet
170Kb / 7P
   Three Phase Bridge (Power Modules), 25 A to 35 A
Revision: 22-Jan-14
VS-26MT100 VISHAY-VS-26MT100 Datasheet
170Kb / 7P
   Three Phase Bridge (Power Modules), 25 A to 35 A
Revision: 22-Jan-14
VS-26MT80 VISHAY-VS-26MT80 Datasheet
170Kb / 7P
   Three Phase Bridge (Power Modules), 25 A to 35 A
Revision: 22-Jan-14
VS-36MT120 VISHAY-VS-36MT120 Datasheet
170Kb / 7P
   Three Phase Bridge (Power Modules), 25 A to 35 A
Revision: 22-Jan-14
GBPC25 VISHAY-GBPC25 Datasheet
129Kb / 7P
   Single Phase Bridge (Power Modules), 25/35 A
Revision: 29-Sep-08
26MB20A VISHAY-26MB20A Datasheet
119Kb / 6P
   Single Phase Bridge (Power Modules), 25/35 A
Revision: 27-Jun-08
26MB140A VISHAY-26MB140A_12 Datasheet
173Kb / 7P
   Single Phase Bridge (Power Modules), 25 A/35 A
Revision: 17-Jun-08
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com