Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

31DQ06TR Datasheet(PDF) 1 Page - Vishay Siliconix

Part # 31DQ06TR
Description  Schottky Rectifier, 3.3 A
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

31DQ06TR Datasheet(HTML) 1 Page - Vishay Siliconix

  31DQ06TR Datasheet HTML 1Page - Vishay Siliconix 31DQ06TR Datasheet HTML 2Page - Vishay Siliconix 31DQ06TR Datasheet HTML 3Page - Vishay Siliconix 31DQ06TR Datasheet HTML 4Page - Vishay Siliconix 31DQ06TR Datasheet HTML 5Page - Vishay Siliconix 31DQ06TR Datasheet HTML 6Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
VS-31DQ05, VS-31DQ05-M3, VS-31DQ06, VS-31DQ06-M3
www.vishay.com
Vishay Semiconductors
Revision: 19-Sep-11
1
Document Number: 93320
For technical questions within your region: DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Schottky Rectifier, 3.3 A
FEATURES
• Low profile, axial leaded outline
• High frequency operation
• Very low forward voltage drop
• High
purity,
high
temperature
epoxy
encapsulation for enhanced mechanical
strength and moisture resistance
• Guard ring for enhanced ruggedness and
long term reliability
• Compliant to RoHS Directive 2002/95/EC
• Designed and qualified for commercial level
• Halogen-free according to IEC 61249-2-21 definition
(-M3 only)
DESCRIPTION
The VS-31DQ... axial leaded Schottky rectifier has been
optimized for very low forward voltage drop, with moderate
leakage. Typical applications are in switching power
supplies, converters, freewheeling diodes, and reverse
battery protection
PRODUCT SUMMARY
Package
DO-201AD (C-16)
IF(AV)
3.3 A
VR
50 V, 60 V
VF at IF
See Electrical table
IRM max.
15 mA at 125 °C
TJ max.
150 °C
Diode variation
Single die
EAS
5.0 mJ
Cathode
Anode
C-16
MAJOR RATINGS AND CHARACTERISTICS
SYMBOL
CHARACTERISTICS
VALUES
UNITS
IF(AV)
Rectangular waveform
3.3
A
VRRM
50/60
V
IFSM
tp = 5 μs sine
340
A
VF
3 Apk, TJ = 25 °C
0.62
V
TJ
- 40 to 150
°C
VOLTAGE RATINGS
PARAMETER
SYMBOL
VS-31DQ05
VS-31DQ05-M3
VS-31DQ06
VS-31DQ06-M3
UNITS
Maximum DC reverse voltage
VR
50
50
60
60
V
Maximum working peak
reverse voltage
VRWM
ABSOLUTE MAXIMUM RATINGS
PARAMETER
SYMBOL
TEST CONDITIONS
VALUES
UNITS
Maximum average forward current
See fig. 4
IF(AV)
50 % duty cycle at TL = 105 °C, rectangular waveform
3.3
A
Maximum peak one cycle
non-repetitive surge current
See fig. 6
IFSM
5 µs sine or 3 µs rect. pulse
Following any rated load
condition and with rated
VRRM applied
340
10 ms sine or 6 ms rect. pulse
55
Non-repetitive avalanche energy
EAS
TJ = 25 °C, IAS = 1 A, L = 10 mH
5.0
mJ
Repetitive avalanche current
IAR
Current decaying linearly to zero in 1 μs
Frequency limited by TJ maximum VA = 1.5 x VR typical
1.0
A


Similar Part No. - 31DQ06TR

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
31DQ06TR VISHAY-31DQ06TR Datasheet
80Kb / 5P
   Schottky Rectifier, 3.3 A
Revision: 06-Nov-08
More results

Similar Description - 31DQ06TR

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
31DQ09G VISHAY-31DQ09G_12 Datasheet
115Kb / 6P
   Schottky Rectifier, 3.3 A
Revision: 19-Sep-11
VS-31DQ03 VISHAY-VS-31DQ03 Datasheet
117Kb / 6P
   Schottky Rectifier, 3.3 A
02-Oct-12
31DQ03 VISHAY-31DQ03_12 Datasheet
119Kb / 6P
   Schottky Rectifier, 3.3 A
Revision: 20-Sep-11
VS-31DQ04 VISHAY-VS-31DQ04 Datasheet
117Kb / 6P
   Schottky Rectifier, 3.3 A
Revision: 20-Sep-11
VS-31DQ09G VISHAY-VS-31DQ09G Datasheet
113Kb / 6P
   Schottky Rectifier, 3.3 A
Revision: 19-Sep-11
VS-31DQ10TR VISHAY-VS-31DQ10TR Datasheet
118Kb / 6P
   Schottky Rectifier, 3.3 A
Revision: 19-Sep-11
31DQ09 VISHAY-31DQ09 Datasheet
80Kb / 5P
   Schottky Rectifier, 3.3 A
Revision: 06-Nov-08
31DQ09G VISHAY-31DQ09G Datasheet
80Kb / 5P
   Schottky Rectifier, 3.3 A
Revision: 06-Nov-08
31DQ09 VISHAY-31DQ09_12 Datasheet
120Kb / 6P
   Schottky Rectifier, 3.3 A
Revision: 19-Sep-11
VS-31DQ05 VISHAY-VS-31DQ05 Datasheet
118Kb / 6P
   Schottky Rectifier, 3.3 A
Revision: 19-Sep-11
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com