Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BSM300GA120DN2E3166 Datasheet(PDF) 7 Page - Siemens Semiconductor Group

Part # BSM300GA120DN2E3166
Description  IGBT Power Module (Single switch Including fast free-wheeling diodes Enlarged diode area)
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

BSM300GA120DN2E3166 Datasheet(HTML) 7 Page - Siemens Semiconductor Group

  BSM300GA120DN2E3166 Datasheet HTML 1Page - Siemens Semiconductor Group BSM300GA120DN2E3166 Datasheet HTML 2Page - Siemens Semiconductor Group BSM300GA120DN2E3166 Datasheet HTML 3Page - Siemens Semiconductor Group BSM300GA120DN2E3166 Datasheet HTML 4Page - Siemens Semiconductor Group BSM300GA120DN2E3166 Datasheet HTML 5Page - Siemens Semiconductor Group BSM300GA120DN2E3166 Datasheet HTML 6Page - Siemens Semiconductor Group BSM300GA120DN2E3166 Datasheet HTML 7Page - Siemens Semiconductor Group BSM300GA120DN2E3166 Datasheet HTML 8Page - Siemens Semiconductor Group BSM300GA120DN2E3166 Datasheet HTML 9Page - Siemens Semiconductor Group  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
Semiconductor Group
7
Mar-29-1996
BSM300GA120DN2E3166
Typ. switching time
I = f (IC) , inductive load , Tj = 125°C
par.:
VCE = 600 V, VGE = ± 15 V, RG = 3.3 Ω
0
100
200
300
400
500
A
700
I
C
1
10
2
10
3
10
4
10
ns
t
tr
tdon
tdoff
tf
Typ. switching time
t = f (RG) , inductive load , Tj = 125°C
par.:
VCE = 600 V, VGE = ± 15 V, IC = 300 A
0
5
10
15
20
25
30
40
R
G
1
10
2
10
3
10
4
10
ns
t
tdon
tr
tdoff
tf
Typ. switching losses
E = f (IC) , inductive load , Tj = 125°C
par.:
VCE = 600 V, VGE = ± 15 V, RG = 3.3 Ω
0
100
200
300
400
500
A
700
I
C
0
20
40
60
80
100
mWs
140
E
Eon
Eoff
Typ. switching losses
E = f (RG) , inductive load , Tj = 125°C
par.:
VCE = 600V, VGE = ± 15 V, IC = 300 A
0
5
10
15
20
25
30
40
R
G
0
20
40
60
80
100
mWs
140
E
Eon
Eoff


Similar Part No. - BSM300GA120DN2E3166

ManufacturerPart #DatasheetDescription
logo
eupec GmbH
BSM300GA120DN2 EUPEC-BSM300GA120DN2 Datasheet
246Kb / 11P
   IGBT Power Module
BSM300GA120DN2S EUPEC-BSM300GA120DN2S Datasheet
246Kb / 11P
   IGBT Power Module
logo
Infineon Technologies A...
BSM300GA120DN2SE3256 INFINEON-BSM300GA120DN2SE3256 Datasheet
201Kb / 10P
   HighSpeed 2-Technology
Mar-04, Rev. 2.0
More results

Similar Description - BSM300GA120DN2E3166

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
BSM300GA170DN2E3166 SIEMENS-BSM300GA170DN2E3166 Datasheet
124Kb / 9P
   IGBT Power Module (Half-bridge Including fast free-wheeling diodes Enlarged diode area)
BSM150GB120DN2E3166 SIEMENS-BSM150GB120DN2E3166 Datasheet
130Kb / 9P
   IGBT Power Module (Half-bridge Including fast free-wheeling diodes Enlarged diode area)
BSM150GB170DN2E3166 SIEMENS-BSM150GB170DN2E3166 Datasheet
129Kb / 9P
   IGBT Power Module (Half-bridge Including fast free-wheeling diodes Enlarged diode area)
BSM150GAL120DN2 SIEMENS-BSM150GAL120DN2 Datasheet
81Kb / 5P
   IGBT Power Module (Single switch with chopper diode Including fast free-wheeling diodes)
BSM35GB120DN2 SIEMENS-BSM35GB120DN2 Datasheet
110Kb / 9P
   IGBT Power Module (Half-bridge Including fast free-wheeling diodes Doubled diode area)
BSM75GAL120DN2 SIEMENS-BSM75GAL120DN2 Datasheet
62Kb / 5P
   IGBT Power Module (Single switch with chopper diode Including fast free-wheeling diodes)
BSM100GAL120DN2 SIEMENS-BSM100GAL120DN2 Datasheet
81Kb / 5P
   IGBT Power Module (Single switch with chopper diode Including fast free-wheeling diodes)
BSM150GAL120DN2E3166 SIEMENS-BSM150GAL120DN2E3166 Datasheet
80Kb / 5P
   IGBT Power Module (Single switch with chopper diode Including fast free-wheeling diodes)
BSM400GA120DL SIEMENS-BSM400GA120DL Datasheet
115Kb / 9P
   IGBT Power Module (Low Loss IGBT Low inductance single switch Including fast free- wheeling diodes)
BSM200GB120DL SIEMENS-BSM200GB120DL Datasheet
128Kb / 9P
   IGBT Power Module (Low Loss IGBT Low inductance halfbridge Including fast free- wheeling diodes)
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com