Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

60CTQ045-N3 Datasheet(PDF) 2 Page - Vishay Siliconix

Part # 60CTQ045-N3
Description  Schottky Rectifier, 2 x 30 A
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

60CTQ045-N3 Datasheet(HTML) 2 Page - Vishay Siliconix

  60CTQ045-N3 Datasheet HTML 1Page - Vishay Siliconix 60CTQ045-N3 Datasheet HTML 2Page - Vishay Siliconix 60CTQ045-N3 Datasheet HTML 3Page - Vishay Siliconix 60CTQ045-N3 Datasheet HTML 4Page - Vishay Siliconix 60CTQ045-N3 Datasheet HTML 5Page - Vishay Siliconix 60CTQ045-N3 Datasheet HTML 6Page - Vishay Siliconix 60CTQ045-N3 Datasheet HTML 7Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
VS-60CTQ...PbF Series, VS-60CTQ...-N3 Series
www.vishay.com
Vishay Semiconductors
Revision: 29-Aug-11
2
Document Number: 94239
For technical questions within your region: DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Note
(1) Pulse width < 300 μs, duty cycle < 2 %
ELECTRICAL SPECIFICATIONS
PARAMETER
SYMBOL
TEST CONDITIONS
TYP.
MAX.
UNITS
Maximum forward voltage drop
VFM (1)
30 A
TJ = 25 °C
0.51
0.56
V
60 A
0.66
0.72
30 A
TJ = 125 °C
0.48
0.53
60 A
0.68
0.75
Maximum instantaneous reverse current
IRM
TJ = 25 °C
Rated DC voltage
0.33
2
mA
TJ = 125 °C
145
250
Maximum junction capacitance
CT
VR = 5 VDC (test signal range 100 kHz to 1 MHz) 25 °C
2000
pF
Typical series inductance
LS
Measured from top of terminal to mounting plane
8.0
nH
Maximum voltage rate of change
dV/dt
Rated VR
10 000
V/μs
THERMAL - MECHANICAL SPECIFICATIONS
PARAMETER
SYMBOL
TEST CONDITIONS
VALUES
UNITS
Maximum junction temperature range
TJ
- 65 to 150
°C
Maximum storage temperature range
TStg
- 65 to 175
Maximum thermal resistance,
junction to case per leg
RthJC
DC operation
1.2
°C/W
Typical thermal resistance,
case to heatsink
RthCS
Mounting surface, smooth and greased
0.50
Approximate weight
2g
0.07
oz.
Mounting torque
minimum
Non-lubricated threads
6 (5)
kgf · cm
(lbf · in)
maximum
12 (10)
Marking device
Case style TO-220AB
60CTQ035
60CTQ040
60CTQ045


Similar Part No. - 60CTQ045-N3

ManufacturerPart #DatasheetDescription
logo
International Rectifier
60CTQ045 IRF-60CTQ045 Datasheet
101Kb / 6P
   SCHOTTKY RECTIFIER
60CTQ045 IRF-60CTQ045 Datasheet
129Kb / 6P
   SCHOTTKY RECTIFIER 60 Amp
logo
Vishay Siliconix
60CTQ045 VISHAY-60CTQ045 Datasheet
88Kb / 6P
   Schottky Rectifier, 2 x 30 A
Revision: 21-Aug-08
logo
Thinki Semiconductor Co...
60CTQ045 THINKISEMI-60CTQ045 Datasheet
531Kb / 2P
   60 Ampere,45 Volt Dual Common Cathode Super Schottky Barrier Rectifier
Rev.12T
logo
Inchange Semiconductor ...
60CTQ045 ISC-60CTQ045 Datasheet
349Kb / 2P
   Schottky Rectifier
More results

Similar Description - 60CTQ045-N3

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
60CPQ150PBF VISHAY-60CPQ150PBF Datasheet
111Kb / 6P
   Schottky Rectifier, 2 x 30 A
Revision: 13-Aug-08
61CTQ035PBF VISHAY-61CTQ035PBF Datasheet
109Kb / 6P
   Schottky Rectifier, 2 x 30 A
Revision: 13-Aug-08
63CPQ100GPBF VISHAY-63CPQ100GPBF Datasheet
115Kb / 6P
   Schottky Rectifier, 2 x 30 A
Revision: 13-Aug-08
63CPQ100G VISHAY-63CPQ100G Datasheet
112Kb / 6P
   Schottky Rectifier, 2 x 30 A
Revision: 21-Aug-08
63CTQ100G VISHAY-63CTQ100G Datasheet
110Kb / 6P
   Schottky Rectifier, 2 x 30 A
Revision: 21-Aug-08
60CPQ150PBF VISHAY-60CPQ150PBF_12 Datasheet
171Kb / 7P
   Schottky Rectifier, 2 x 30 A
Revision: 31-Aug-11
63CTQ100PBF VISHAY-63CTQ100PBF_12 Datasheet
163Kb / 7P
   Schottky Rectifier, 2 x 30 A
Revision: 29-Aug-11
VS-63CPQ100PBF VISHAY-VS-63CPQ100PBF_V01 Datasheet
143Kb / 7P
   Schottky Rectifier, 2 x 30 A
08-Feb-17
VS-60CTQ150PBF VISHAY-VS-60CTQ150PBF_V01 Datasheet
137Kb / 7P
   Schottky Rectifier, 2 x 30 A
08-Feb-17
VS-61CTQPBF VISHAY-VS-61CTQPBF_V01 Datasheet
129Kb / 7P
   Schottky Rectifier, 2 x 30 A
08-Feb-17
60CTQ150 VISHAY-60CTQ150 Datasheet
110Kb / 6P
   Schottky Rectifier, 2 x 30 A
Revision: 21-Aug-08
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com