Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

63CTQ100G-N3 Datasheet(PDF) 3 Page - Vishay Siliconix

Part # 63CTQ100G-N3
Description  Schottky Rectifier, 2 x 30 A
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

63CTQ100G-N3 Datasheet(HTML) 3 Page - Vishay Siliconix

  63CTQ100G-N3 Datasheet HTML 1Page - Vishay Siliconix 63CTQ100G-N3 Datasheet HTML 2Page - Vishay Siliconix 63CTQ100G-N3 Datasheet HTML 3Page - Vishay Siliconix 63CTQ100G-N3 Datasheet HTML 4Page - Vishay Siliconix 63CTQ100G-N3 Datasheet HTML 5Page - Vishay Siliconix 63CTQ100G-N3 Datasheet HTML 6Page - Vishay Siliconix 63CTQ100G-N3 Datasheet HTML 7Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
VS-63CTQ100GPbF, VS-63CTQ100G-N3
www.vishay.com
Vishay Semiconductors
Revision: 29-Aug-11
3
Document Number: 94508
For technical questions within your region: DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Fig. 1 - Maximum Forward Voltage Drop Characteristics
Fig. 2 - Typical Values of Reverse Current vs.
Reverse Voltage
Fig. 3 - Typical Junction Capacitance vs. Reverse Voltage
Fig. 4 - Maximum Thermal Impedance ZthJC Characteristics
Forward Voltage Drop - V
FM
(V)
1
10
100
1000
0
0.2 0.4 0.6 0.8
1
1.2 1.4 1.6 1.8
Tj = 175˚C
Tj = 125˚C
Tj = 25˚C
Reverse Voltage - V
R (V)
0.0001
0.001
0.01
0.1
1
10
100
1000
0
204060
80
100
125˚C
100˚C
75˚C
50˚C
25˚C
Tj = 175˚C
150˚C
Reverse Voltage - V
R (V)
100
1000
0
2040
6080
100
Tj = 25˚C
t1, Rectangular Pulse Duration (Seconds)
0.001
0.01
0.1
1
10
0.00001
0.0001
0.001
0.01
0.1
1
10
Single Pulse
(Thermal Resistance)
D = 0.75
D = 0.50
D = 0.33
D = 0.25
D = 0.20
Notes:
1. Duty factor D = t1/ t2
2. Peak Tj = Pdm x ZthJC + Tc
2
t
1
t
P
DM


Similar Part No. - 63CTQ100G-N3

ManufacturerPart #DatasheetDescription
logo
International Rectifier
63CTQ100G IRF-63CTQ100G Datasheet
131Kb / 6P
   SCHOTTKY RECTIFIER
logo
Vishay Siliconix
63CTQ100G VISHAY-63CTQ100G Datasheet
110Kb / 6P
   Schottky Rectifier, 2 x 30 A
Revision: 21-Aug-08
logo
Thinki Semiconductor Co...
63CTQ100G THINKISEMI-63CTQ100G Datasheet
988Kb / 3P
   60Ampere,100Volt Heat Sink Dual Common Cathode Schottky Barrier Rectifiers
logo
International Rectifier
63CTQ100GPBF IRF-63CTQ100GPBF Datasheet
131Kb / 6P
   SCHOTTKY RECTIFIER
logo
Vishay Siliconix
63CTQ100GPBF VISHAY-63CTQ100GPBF Datasheet
114Kb / 6P
   Schottky Rectifier, 2 x 30 A
Revision: 12-Sep-08
More results

Similar Description - 63CTQ100G-N3

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
60CPQ150PBF VISHAY-60CPQ150PBF Datasheet
111Kb / 6P
   Schottky Rectifier, 2 x 30 A
Revision: 13-Aug-08
61CTQ035PBF VISHAY-61CTQ035PBF Datasheet
109Kb / 6P
   Schottky Rectifier, 2 x 30 A
Revision: 13-Aug-08
63CPQ100GPBF VISHAY-63CPQ100GPBF Datasheet
115Kb / 6P
   Schottky Rectifier, 2 x 30 A
Revision: 13-Aug-08
63CPQ100G VISHAY-63CPQ100G Datasheet
112Kb / 6P
   Schottky Rectifier, 2 x 30 A
Revision: 21-Aug-08
63CTQ100G VISHAY-63CTQ100G Datasheet
110Kb / 6P
   Schottky Rectifier, 2 x 30 A
Revision: 21-Aug-08
60CPQ150PBF VISHAY-60CPQ150PBF_12 Datasheet
171Kb / 7P
   Schottky Rectifier, 2 x 30 A
Revision: 31-Aug-11
63CTQ100PBF VISHAY-63CTQ100PBF_12 Datasheet
163Kb / 7P
   Schottky Rectifier, 2 x 30 A
Revision: 29-Aug-11
VS-63CPQ100PBF VISHAY-VS-63CPQ100PBF_V01 Datasheet
143Kb / 7P
   Schottky Rectifier, 2 x 30 A
08-Feb-17
VS-60CTQ150PBF VISHAY-VS-60CTQ150PBF_V01 Datasheet
137Kb / 7P
   Schottky Rectifier, 2 x 30 A
08-Feb-17
VS-61CTQPBF VISHAY-VS-61CTQPBF_V01 Datasheet
129Kb / 7P
   Schottky Rectifier, 2 x 30 A
08-Feb-17
60CTQ150 VISHAY-60CTQ150 Datasheet
110Kb / 6P
   Schottky Rectifier, 2 x 30 A
Revision: 21-Aug-08
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com