Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

95SQ015TR-M3 Datasheet(PDF) 7 Page - Vishay Siliconix

Part # 95SQ015TR-M3
Description  Schottky Rectifier, 9 A
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

95SQ015TR-M3 Datasheet(HTML) 7 Page - Vishay Siliconix

  95SQ015TR-M3 Datasheet HTML 1Page - Vishay Siliconix 95SQ015TR-M3 Datasheet HTML 2Page - Vishay Siliconix 95SQ015TR-M3 Datasheet HTML 3Page - Vishay Siliconix 95SQ015TR-M3 Datasheet HTML 4Page - Vishay Siliconix 95SQ015TR-M3 Datasheet HTML 5Page - Vishay Siliconix 95SQ015TR-M3 Datasheet HTML 6Page - Vishay Siliconix 95SQ015TR-M3 Datasheet HTML 7Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
Legal Disclaimer Notice
www.vishay.com
Vishay
Revision: 12-Mar-12
1
Document Number: 91000
Disclaimer
ALL PRODUCT, PRODUCT SPECIFICATIONS AND DATA ARE SUBJECT TO CHANGE WITHOUT NOTICE TO IMPROVE
RELIABILITY, FUNCTION OR DESIGN OR OTHERWISE.
Vishay Intertechnology, Inc., its affiliates, agents, and employees, and all persons acting on its or their behalf (collectively,
“Vishay”), disclaim any and all liability for any errors, inaccuracies or incompleteness contained in any datasheet or in any other
disclosure relating to any product.
Vishay makes no warranty, representation or guarantee regarding the suitability of the products for any particular purpose or
the continuing production of any product. To the maximum extent permitted by applicable law, Vishay disclaims (i) any and all
liability arising out of the application or use of any product, (ii) any and all liability, including without limitation special,
consequential or incidental damages, and (iii) any and all implied warranties, including warranties of fitness for particular
purpose, non-infringement and merchantability.
Statements regarding the suitability of products for certain types of applications are based on Vishay’s knowledge of typical
requirements that are often placed on Vishay products in generic applications. Such statements are not binding statements
about the suitability of products for a particular application. It is the customer’s responsibility to validate that a particular
product with the properties described in the product specification is suitable for use in a particular application. Parameters
provided in datasheets and/or specifications may vary in different applications and performance may vary over time. All
operating parameters, including typical parameters, must be validated for each customer application by the customer’s
technical experts. Product specifications do not expand or otherwise modify Vishay’s terms and conditions of purchase,
including but not limited to the warranty expressed therein.
Except as expressly indicated in writing, Vishay products are not designed for use in medical, life-saving, or life-sustaining
applications or for any other application in which the failure of the Vishay product could result in personal injury or death.
Customers using or selling Vishay products not expressly indicated for use in such applications do so at their own risk and agree
to fully indemnify and hold Vishay and its distributors harmless from and against any and all claims, liabilities, expenses and
damages arising or resulting in connection with such use or sale, including attorneys fees, even if such claim alleges that Vishay
or its distributor was negligent regarding the design or manufacture of the part. Please contact authorized Vishay personnel to
obtain written terms and conditions regarding products designed for such applications.
No license, express or implied, by estoppel or otherwise, to any intellectual property rights is granted by this document or by
any conduct of Vishay. Product names and markings noted herein may be trademarks of their respective owners.
Material Category Policy
Vishay Intertechnology, Inc. hereby certifies that all its products that are identified as RoHS-Compliant fulfill the
definitions and restrictions defined under Directive 2011/65/EU of The European Parliament and of the Council
of June 8, 2011 on the restriction of the use of certain hazardous substances in electrical and electronic equipment
(EEE) - recast, unless otherwise specified as non-compliant.
Please note that some Vishay documentation may still make reference to RoHS Directive 2002/95/EC. We confirm that
all the products identified as being compliant to Directive 2002/95/EC conform to Directive 2011/65/EU.


Similar Part No. - 95SQ015TR-M3

ManufacturerPart #DatasheetDescription
logo
International Rectifier
95SQ015TR IRF-95SQ015TR Datasheet
124Kb / 5P
   SCHOTTKY RECTIFIER 9 Amp
logo
Vishay Siliconix
95SQ015TR VISHAY-95SQ015TR Datasheet
105Kb / 6P
   Schottky Rectifier, 9 A
Revision: 07-Nov-08
More results

Similar Description - 95SQ015TR-M3

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
90SQ030 VISHAY-90SQ030 Datasheet
106Kb / 6P
   Schottky Rectifier, 9 A
Revision: 07-Nov-08
95SQ015 VISHAY-95SQ015 Datasheet
105Kb / 6P
   Schottky Rectifier, 9 A
Revision: 07-Nov-08
VS-90SQ045 VISHAY-VS-90SQ045 Datasheet
134Kb / 7P
   Schottky Rectifier, 9 A
Revision: 19-Sep-11
VS-90SQ VISHAY-VS-90SQ Datasheet
134Kb / 7P
   Schottky Rectifier, 9 A
Revision: 19-Sep-11
logo
International Rectifier
95SQ015 IRF-95SQ015 Datasheet
124Kb / 5P
   SCHOTTKY RECTIFIER 9 Amp
logo
Vishay Siliconix
241NQ045R VISHAY-241NQ045R Datasheet
119Kb / 6P
   Schottky Rectifier, 240 A
Revision: 18-Nov-09
10BQ100PBF VISHAY-10BQ100PBF_10 Datasheet
114Kb / 7P
   Schottky Rectifier, 1 A
Revision: 03-Mar-10
6TQ045 VISHAY-6TQ045 Datasheet
111Kb / 6P
   Schottky Rectifier, 6 A
Revision: 27-Jun-08
10MQ060NPBF VISHAY-10MQ060NPBF Datasheet
105Kb / 5P
   Schottky Rectifier, 2.1 A
Revision: 16-Apr-08
10MQ100NPBF VISHAY-10MQ100NPBF Datasheet
98Kb / 5P
   Schottky Rectifier, 2.1 A
Revision: 16-Apr-08
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com