Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MBR1100 Datasheet(PDF) 5 Page - Vishay Siliconix

Part # MBR1100
Description  Schottky Rectifier, 1 A
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

MBR1100 Datasheet(HTML) 5 Page - Vishay Siliconix

  MBR1100 Datasheet HTML 1Page - Vishay Siliconix MBR1100 Datasheet HTML 2Page - Vishay Siliconix MBR1100 Datasheet HTML 3Page - Vishay Siliconix MBR1100 Datasheet HTML 4Page - Vishay Siliconix MBR1100 Datasheet HTML 5Page - Vishay Siliconix MBR1100 Datasheet HTML 6Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
Outline Dimensions
www.vishay.com
Vishay Semiconductors
Revision: 29-Aug-11
1
Document Number: 95241
For technical questions within your region: DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Axial DO-204AL (DO-41)
DIMENSIONS in millimeters (inches)
2.70 (0.106)
2.29 (0.090)
DIA.
2.70 (0.106)
2.29 (0.090)
DIA.
0.86 (0.034)
0.72 (0.028)
(2 places)
27.0 (1.06) MIN.
(2 places)
5.21 (0.205)
MAX.
5.21 (0.205)
MAX.
27.0 (1.06) MIN.
(2 places)
1.27 (0.050) MAX.
Flash (2 places)
DIA.
0.86 (0.034)
0.72 (0.028)
(2 places)
DIA.
Cathode band


Similar Part No. - MBR1100

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MBR1100 ONSEMI-MBR1100 Datasheet
54Kb / 4P
   SCHOTTKY BARRIER RECTIFIER 1.0 AMPERE 100 VOLTS
April, 2003 - Rev. 4
MBR1100 ONSEMI-MBR1100 Datasheet
59Kb / 4P
   Axial Lead Rectifier
June, 2006 ??Rev. 6
logo
Pan Jit International I...
MBR1100 PANJIT-MBR1100 Datasheet
425Kb / 2P
   10 AMPERES SCHOTTKY BARRIER RECTIFIERS
logo
Vishay Siliconix
MBR1100 VISHAY-MBR1100 Datasheet
82Kb / 5P
   Schottky Rectifier, 1 A
Revision: 06-Nov-08
logo
Pan Jit International I...
MBR1100 PANJIT-MBR1100 Datasheet
60Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS
More results

Similar Description - MBR1100

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VS-MBR1100 VISHAY-VS-MBR1100 Datasheet
116Kb / 6P
   Schottky Rectifier, 1 A
Revision: 21-Sep-11
MBR1100 VISHAY-MBR1100 Datasheet
82Kb / 5P
   Schottky Rectifier, 1 A
Revision: 06-Nov-08
VS-10BQ100PBF VISHAY-VS-10BQ100PBF Datasheet
113Kb / 7P
   Schottky Rectifier, 1 A
Revision: 03-Mar-10
10BQ100PBF VISHAY-10BQ100PBF_10 Datasheet
114Kb / 7P
   Schottky Rectifier, 1 A
Revision: 03-Mar-10
MBR150 VISHAY-MBR150_12 Datasheet
120Kb / 6P
   Schottky Rectifier, 1 A
Revision: 20-Sep-11
10BQ100M VISHAY-10BQ100M Datasheet
111Kb / 6P
   Schottky Rectifier, 1 A
Revision: 29-May-12
MBR150 VISHAY-MBR150 Datasheet
84Kb / 5P
   Schottky Rectifier, 1 A
Revision: 06-Nov-08
10MQ060-M3 VISHAY-10MQ060-M3 Datasheet
116Kb / 6P
   Schottky Rectifier, 1 A
Revision: 22-Aug-11
10MQ040-M3 VISHAY-10MQ040-M3 Datasheet
115Kb / 6P
   Schottky Rectifier, 1 A
Revision: 22-Aug-11
10MQ100-M3 VISHAY-10MQ100-M3 Datasheet
122Kb / 6P
   Schottky Rectifier, 1 A
Revision: 10-Aug-11
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com