Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BD3817KS Datasheet(PDF) 2 Page - Rohm

Part # BD3817KS
Description  6.1ch Sound Processor
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BD3817KS Datasheet(HTML) 2 Page - Rohm

  BD3817KS Datasheet HTML 1Page - Rohm BD3817KS Datasheet HTML 2Page - Rohm BD3817KS Datasheet HTML 3Page - Rohm BD3817KS Datasheet HTML 4Page - Rohm BD3817KS Datasheet HTML 5Page - Rohm BD3817KS Datasheet HTML 6Page - Rohm BD3817KS Datasheet HTML 7Page - Rohm BD3817KS Datasheet HTML 8Page - Rohm BD3817KS Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 18 page
background image
2/17
BD3816K1,BD3817KS
www.rohm.com
2010.06 - Rev.A
© 2010 ROHM Co., Ltd. All rights reserved.
Technical Note
Absolute maximum ratings (Ta=25℃)
Parameter
Symbol
Ratings
Unit
Power Supply Voltage
VCC
7.5
*1
V
VEE
-7.5
Power Dissipation
Pd
1200 (BD3816K1)
*2
mW
1300 (BD3817KS)
Operating Temperature Range
Topr
-20 ~ +75
Storage Temperature Range
Tstg
-55 ~ +125
*1
Even in the specified range of Power Supply Voltage, applying voltage only to the VCC side may cause
an excessive current to give a permanent damage to the IC.
When starting up power supplies, VEE and VCC should be powered on simultaneously or VEE first; then followed by VCC.
*2
Reduced by 12 mW/℃ over 25℃ (BD3816K1), when installed on the standard board (size: 70x70x1.6mm).
Reduced by 13 mW/℃ over 25℃ (BD3817KS), when installed on the standard board (size: 70x70x1.6mm)
Operating conditions
Must function normally at Ta=25
C.
Parameter
Symbol
Ratings
Unit
Min.
Typ.
Max.
Operating source voltage
VCC
5.0
7.0
7.3
V
VEE
-7.3
-7.0
-5.0
Electrical characteristics
Ta=25℃, VCC=7V, f=1kHz, Vin=1Vrms, RL=10k
, Rg=600, Input Gain=0dB, Volume=0dB, Output Gain=0dB, Bass=0dB,
Treble=0dB, Mixing c/sw=OFF, unless otherwise noted.
Parameter
Symbol
Limits
Unit
Conditions
Min.
Typ.
Max.
Circuit Current
VCC
IQ
24
40
mA
No signal
VEE
-40
-24
Output Voltage Gain
Gv
-2
0
2
dB
Total Harmonic Distortion Ratio
THD
0.001
0.03
%
BW=400Hz-30kHz
Maximum Output Voltage
Vomax
3.6
4.2
Vrms
THD=1%
Output Noise Voltage
Vno
2.0
12
µVrms
Rg=0Ω, BW=IHF-A
(Output gain ON, Tone ON)
1.5
8
µVrms Rg=0
Ω
, BW=IHF-A
(Output gain ON, Tone OFF)
1.2
8
µVrms
Rg=0Ω, BW=IHF-A
(*OM=Volume Direct)
Cross-talk between Channels
CTC
-95
-80
dB
Rg=0Ω, BW=IHF-A
Cross-talk between Selectors
CTS
-95
-80
dB
Rg=0Ω, BW=IHF-A
Volume Output Voltage
GVV
-2
0
2
dB
Volume Total Harmonic
Distortion Ratio
THDV
0.001
0.03
%
BW=400Hz-30kHz
Volume Output Noise Voltage
VnoV
1.2
8
µVrms Rg=0Ω, BW=IHF-A


Similar Part No. - BD3817KS

ManufacturerPart #DatasheetDescription
logo
Rohm
BD3817KS ROHM-BD3817KS Datasheet
261Kb / 6P
   7ch Volume with 10ch input selector
More results

Similar Description - BD3817KS

ManufacturerPart #DatasheetDescription
logo
Rohm
BD3815KS ROHM-BD3815KS Datasheet
185Kb / 6P
   6.1ch Audio Sound Processor
logo
NEC
UPC1892 NEC-UPC1892 Datasheet
299Kb / 42P
   MATRIX SURROUND SOUND PROCESSOR WITH SOUND PROCESSOR
logo
New Japan Radio
NJW1152 NJRC-NJW1152 Datasheet
285Kb / 15P
   SOUND PROCESSOR with SOUND ENHANCEMENT
NJW1132 NJRC-NJW1132 Datasheet
163Kb / 9P
   SOUND PROCESSOR with SOUND ENHANCEMENT
NJW1130A NJRC-NJW1130A Datasheet
100Kb / 10P
   SOUND PROCESSOR with SOUND ENHANCEMENT
logo
Toshiba Semiconductor
TA1217AN TOSHIBA-TA1217AN Datasheet
716Kb / 19P
   TV-SOUND PROCESSOR
logo
List of Unclassifed Man...
YSF224B ETC-YSF224B Datasheet
472Kb / 8P
   SOUND ANALYSIS PROCESSOR
logo
Rohm
BH3874AKS2 ROHM-BH3874AKS2 Datasheet
261Kb / 25P
   Sound processor IC
logo
Agamem Microelectronic ...
AA8335 AGAMEM-AA8335 Datasheet
230Kb / 8P
   SOUND EFFECT PROCESSOR
logo
Rohm
BD3811K1 ROHM-BD3811K1_1 Datasheet
536Kb / 18P
   5.1ch Sound Processor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com