Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BD6380EFV Datasheet(PDF) 5 Page - Rohm

Part # BD6380EFV
Description  Low Voltage Stepping Motor Drivers
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BD6380EFV Datasheet(HTML) 5 Page - Rohm

  BD6380EFV Datasheet HTML 1Page - Rohm BD6380EFV Datasheet HTML 2Page - Rohm BD6380EFV Datasheet HTML 3Page - Rohm BD6380EFV Datasheet HTML 4Page - Rohm BD6380EFV Datasheet HTML 5Page - Rohm BD6380EFV Datasheet HTML 6Page - Rohm BD6380EFV Datasheet HTML 7Page - Rohm BD6380EFV Datasheet HTML 8Page - Rohm BD6380EFV Datasheet HTML 9Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
Technical Note
5/8
BD6380EFV/BD6381EFV
www.rohm.com
2012.02 - Rev.A
© 2012 ROHM Co., Ltd. All rights reserved.
Power dissipation
HTSSOP-B24 Package
HTSSOP-B24 has exposed metal on the back, and it is possible to dissipate heat from a through hole in the back. Also,
the back of board as well as the surfaces has large areas of copper foil heat dissipation patterns, greatly increasing
power dissipation. The back metal is shorted with the back side of the IC chip, being a GND potential, therefore there is
a possibility for malfunction if it is shorted with any potential other than GND, which should be avoided. Also, it is
recommended that the back metal is soldered onto the GND to short. Please note that it has been assumed that this
product will be used in the condition of this back metal performed heat dissipation treatment for increasing heat
dissipation efficiency.
3.0
2.0
1.0
100
125
4.0W
0
4
Ambient Temperature : Ta[℃]
4.0
Measurement machine:TH156(Kuwano Electric)
Measurement condition:ROHM board
Board size:70*70*1.6mm
3
(With through holes on the board)
The exposed metal of the backside is connected to the board with
solder.
Board①:1-layer board(Copper foil on the back 0mm
2)
Board②:2-layer board(Copper foil on the back 15*15mm
2)
Board③:2-layer board(Copper foil on the back 70*70mm
2)
Board④:4-layer board(Copper foil on the back 70*70mm
2)
Board①:θja=113.6℃/W
Board②:θja =73.5℃/W
Board③:θja =44.6℃/W
Board④:θja =31.3℃/W
Fig.2 HTSSOP-B24 Derating curve
2.8W
1.7W
1.1W
3
2
1


Similar Part No. - BD6380EFV

ManufacturerPart #DatasheetDescription
logo
Rohm
BD6380EFV ROHM-BD6380EFV Datasheet
299Kb / 6P
   Bipolar stepping motor driver
BD6380EFV ROHM-BD6380EFV Datasheet
176Kb / 5P
   Silicon monolithic integrated circuits
BD6380EFV ROHM-BD6380EFV_11 Datasheet
176Kb / 5P
   Silicon monolithic integrated circuits
More results

Similar Description - BD6380EFV

ManufacturerPart #DatasheetDescription
logo
Rohm
BD6382EFV ROHM-BD6382EFV_12 Datasheet
259Kb / 9P
   Low Voltage Stepping Motor Drivers
BD6422EFV ROHM-BD6422EFV_12 Datasheet
270Kb / 9P
   High Voltage Series Stepping Motor Drivers
BD63801EFV ROHM-BD63801EFV_12 Datasheet
266Kb / 9P
   Stepping Motor Driver Series Standard 36V Stepping Motor Drivers
BD63940EFV ROHM-BD63940EFV_12 Datasheet
260Kb / 9P
   Stepping Motor Driver Series Standard 36V Stepping Motor Drivers
BD6393FP ROHM-BD6393FP_12 Datasheet
260Kb / 9P
   Standard 36V Stepping Motor Drivers
BD6393FP-E2 ROHM-BD6393FP-E2 Datasheet
235Kb / 9P
   Standard 36V Stepping Motor Drivers
BD6395FP-E2 ROHM-BD6395FP-E2 Datasheet
389Kb / 11P
   Standard 36V Stepping Motor Drivers
BD63843EFV ROHM-BD63843EFV_12 Datasheet
267Kb / 9P
   Stepping Motor Driver series Micro step 36V Stepping Motor Drivers
BD63521EFV ROHM-BD63521EFV Datasheet
1Mb / 27P
   Micro step 36V Stepping Motor Drivers
BD63520AEFV ROHM-BD63520AEFV Datasheet
1Mb / 27P
   Micro step 36V Stepping Motor Drivers
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com