Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MBR2045CTPBF Datasheet(PDF) 7 Page - Vishay Siliconix

Part # MBR2045CTPBF
Description  Schottky Rectifier, 2 x 10 A
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

MBR2045CTPBF Datasheet(HTML) 7 Page - Vishay Siliconix

  MBR2045CTPBF Datasheet HTML 1Page - Vishay Siliconix MBR2045CTPBF Datasheet HTML 2Page - Vishay Siliconix MBR2045CTPBF Datasheet HTML 3Page - Vishay Siliconix MBR2045CTPBF Datasheet HTML 4Page - Vishay Siliconix MBR2045CTPBF Datasheet HTML 5Page - Vishay Siliconix MBR2045CTPBF Datasheet HTML 6Page - Vishay Siliconix MBR2045CTPBF Datasheet HTML 7Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
Legal Disclaimer Notice
www.vishay.com
Vishay
Revision: 12-Mar-12
1
Document Number: 91000
Disclaimer
ALL PRODUCT, PRODUCT SPECIFICATIONS AND DATA ARE SUBJECT TO CHANGE WITHOUT NOTICE TO IMPROVE
RELIABILITY, FUNCTION OR DESIGN OR OTHERWISE.
Vishay Intertechnology, Inc., its affiliates, agents, and employees, and all persons acting on its or their behalf (collectively,
“Vishay”), disclaim any and all liability for any errors, inaccuracies or incompleteness contained in any datasheet or in any other
disclosure relating to any product.
Vishay makes no warranty, representation or guarantee regarding the suitability of the products for any particular purpose or
the continuing production of any product. To the maximum extent permitted by applicable law, Vishay disclaims (i) any and all
liability arising out of the application or use of any product, (ii) any and all liability, including without limitation special,
consequential or incidental damages, and (iii) any and all implied warranties, including warranties of fitness for particular
purpose, non-infringement and merchantability.
Statements regarding the suitability of products for certain types of applications are based on Vishay’s knowledge of typical
requirements that are often placed on Vishay products in generic applications. Such statements are not binding statements
about the suitability of products for a particular application. It is the customer’s responsibility to validate that a particular
product with the properties described in the product specification is suitable for use in a particular application. Parameters
provided in datasheets and/or specifications may vary in different applications and performance may vary over time. All
operating parameters, including typical parameters, must be validated for each customer application by the customer’s
technical experts. Product specifications do not expand or otherwise modify Vishay’s terms and conditions of purchase,
including but not limited to the warranty expressed therein.
Except as expressly indicated in writing, Vishay products are not designed for use in medical, life-saving, or life-sustaining
applications or for any other application in which the failure of the Vishay product could result in personal injury or death.
Customers using or selling Vishay products not expressly indicated for use in such applications do so at their own risk and agree
to fully indemnify and hold Vishay and its distributors harmless from and against any and all claims, liabilities, expenses and
damages arising or resulting in connection with such use or sale, including attorneys fees, even if such claim alleges that Vishay
or its distributor was negligent regarding the design or manufacture of the part. Please contact authorized Vishay personnel to
obtain written terms and conditions regarding products designed for such applications.
No license, express or implied, by estoppel or otherwise, to any intellectual property rights is granted by this document or by
any conduct of Vishay. Product names and markings noted herein may be trademarks of their respective owners.
Material Category Policy
Vishay Intertechnology, Inc. hereby certifies that all its products that are identified as RoHS-Compliant fulfill the
definitions and restrictions defined under Directive 2011/65/EU of The European Parliament and of the Council
of June 8, 2011 on the restriction of the use of certain hazardous substances in electrical and electronic equipment
(EEE) - recast, unless otherwise specified as non-compliant.
Please note that some Vishay documentation may still make reference to RoHS Directive 2002/95/EC. We confirm that
all the products identified as being compliant to Directive 2002/95/EC conform to Directive 2011/65/EU.


Similar Part No. - MBR2045CTPBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
MBR2045CTPBF IRF-MBR2045CTPBF Datasheet
173Kb / 7P
   SCHOTTKY RECTIFIER 20 Amp
logo
Vishay Siliconix
MBR2045CTPBF VISHAY-MBR2045CTPBF Datasheet
111Kb / 6P
   Schottky Rectifier, 2 x 10 A
Revision: 21-Aug-08
MBR2045CTPBF VISHAY-MBR2045CTPBF Datasheet
136Kb / 6P
   Schottky Rectifier, 2 x 10 A
Revision: 16-Mar-10
More results

Similar Description - MBR2045CTPBF

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
MBRB2035CT-1PBF VISHAY-MBRB2035CT-1PBF Datasheet
136Kb / 6P
   Schottky Rectifier, 2 x 10 A
Revision: 16-Mar-10
MBR20100CTKPBF VISHAY-MBR20100CTKPBF_09 Datasheet
168Kb / 7P
   Schottky Rectifier, 2 x 10 A
Revision: 05-Oct-09
MBRB2080CTG-1PBF VISHAY-MBRB2080CTG-1PBF_10 Datasheet
167Kb / 8P
   Schottky Rectifier, 2 x 10 A
Revision: 16-Mar-10
MBRB2080CTGPBF VISHAY-MBRB2080CTGPBF Datasheet
128Kb / 7P
   Schottky Rectifier, 2 x 10 A
Revision: 08-Oct-08
VS-MBR20CTPBF VISHAY-VS-MBR20CTPBF Datasheet
156Kb / 7P
   Schottky Rectifier, 2 x 10 A
Revision: 04-Dec-13
20CTQ150 VISHAY-20CTQ150 Datasheet
111Kb / 6P
   Schottky Rectifier, 2 x 10 A
Revision: 22-Aug-08
20CTQS VISHAY-20CTQS Datasheet
135Kb / 6P
   Schottky Rectifier, 2 x 10 A
Revision: 22-Aug-08
20CTQ150PBF VISHAY-20CTQ150PBF Datasheet
114Kb / 6P
   Schottky Rectifier, 2 x 10 A
Revision: 13-Aug-08
MBRB2035CTPBF VISHAY-MBRB2035CTPBF Datasheet
138Kb / 6P
   Schottky Rectifier, 2 x 10 A
Revision: 14-Aug-08
VS-20CTQSPBF VISHAY-VS-20CTQSPBF Datasheet
175Kb / 8P
   Schottky Rectifier, 2 x 10 A
Revision: 12-Mar-10
VS-MBR20CTKPBF VISHAY-VS-MBR20CTKPBF Datasheet
176Kb / 7P
   Schottky Rectifier, 2 x 10 A
Revision: 29-Aug-11
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com