Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BSM50GD120DN2E3226 Datasheet(PDF) 5 Page - Siemens Semiconductor Group

Part # BSM50GD120DN2E3226
Description  IGBT Power Module (Power module 3-phase full-bridge Including fast free-wheel diodes Package with insulated metal base plate)
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

BSM50GD120DN2E3226 Datasheet(HTML) 5 Page - Siemens Semiconductor Group

  BSM50GD120DN2E3226 Datasheet HTML 1Page - Siemens Semiconductor Group BSM50GD120DN2E3226 Datasheet HTML 2Page - Siemens Semiconductor Group BSM50GD120DN2E3226 Datasheet HTML 3Page - Siemens Semiconductor Group BSM50GD120DN2E3226 Datasheet HTML 4Page - Siemens Semiconductor Group BSM50GD120DN2E3226 Datasheet HTML 5Page - Siemens Semiconductor Group BSM50GD120DN2E3226 Datasheet HTML 6Page - Siemens Semiconductor Group BSM50GD120DN2E3226 Datasheet HTML 7Page - Siemens Semiconductor Group BSM50GD120DN2E3226 Datasheet HTML 8Page - Siemens Semiconductor Group BSM50GD120DN2E3226 Datasheet HTML 9Page - Siemens Semiconductor Group  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
Semiconductor Group
5
Jan-10-1997
BSM 50 GD120DN2E3226
Typ. output characteristics
IC = f (VCE)
parameter:
tp = 80 µs, Tj = 25 °C
0
1
2
3
V
5
V
CE
0
10
20
30
40
50
60
70
A
90
I
C
17V
15V
13V
11V
9V
7V
Typ. output characteristics
IC = f (VCE)
parameter:
tp = 80 µs, Tj = 125 °C
0
1
2
3
V
5
V
CE
0
10
20
30
40
50
60
70
A
90
I
C
17V
15V
13V
11V
9V
7V
Typ. transfer characteristics
IC = f (VGE)
parameter:
tp = 80 µs, VCE = 20 V
0
2
4
6
8
10
V
14
V
GE
0
10
20
30
40
50
60
70
A
90
I
C


Similar Part No. - BSM50GD120DN2E3226

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
BSM50GD120DN2 SIEMENS-BSM50GD120DN2 Datasheet
126Kb / 9P
   IGBT Power Module (Power module 3-phase full-bridge Including fast free-wheel diodes)
BSM50GD120DN2G SIEMENS-BSM50GD120DN2G Datasheet
182Kb / 9P
   IGBT Power Module (Power module 3-phase full-bridge Including fast free-wheel diodes)
More results

Similar Description - BSM50GD120DN2E3226

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
BSM15GD60DN2 SIEMENS-BSM15GD60DN2 Datasheet
123Kb / 9P
   IGBT Power Module (Power module 3-phase full-bridge Including fast free-wheel diodes)
BSM50GD120DN2 SIEMENS-BSM50GD120DN2 Datasheet
126Kb / 9P
   IGBT Power Module (Power module 3-phase full-bridge Including fast free-wheel diodes)
BSM15GD120D2 SIEMENS-BSM15GD120D2 Datasheet
138Kb / 9P
   IGBT Power Module (Power module 3-phase full-bridge Including fast free-wheel diodes)
BSM35GD120D2 SIEMENS-BSM35GD120D2 Datasheet
137Kb / 9P
   IGBT Power Module (Power module 3-phase full-bridge Including fast free-wheel diodes)
BSM50GD60DN2E3226 SIEMENS-BSM50GD60DN2E3226 Datasheet
121Kb / 9P
   IGBT Power Module (Power module 3-phase full-bridge Including fast free-wheel diodes)
BSM50GD60DN2 SIEMENS-BSM50GD60DN2 Datasheet
123Kb / 9P
   IGBT Power Module (Power module 3-phase full-bridge Including fast free-wheel diodes)
BSM25GD120D2 SIEMENS-BSM25GD120D2 Datasheet
137Kb / 9P
   IGBT Power Module (Power module 3-phase full-bridge Including fast free-wheel diodes)
BSM50GD120DN2G SIEMENS-BSM50GD120DN2G Datasheet
182Kb / 9P
   IGBT Power Module (Power module 3-phase full-bridge Including fast free-wheel diodes)
BSM10GD60DN2 SIEMENS-BSM10GD60DN2 Datasheet
122Kb / 9P
   IGBT Power Module (Power module 3-phase full-bridge Including fast free-wheel diodes
BSM75GD120DN2 SIEMENS-BSM75GD120DN2 Datasheet
185Kb / 9P
   IGBT Power Module (Solderable Power module 3-phase full-bridge Including fast free-wheel diodes)
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com