Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

C67076-A2514-A67 Datasheet(PDF) 9 Page - Siemens Semiconductor Group

Part # C67076-A2514-A67
Description  IGBT Power Module (Power module 3-phase full-bridge Including fast free-wheel diodes)
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

C67076-A2514-A67 Datasheet(HTML) 9 Page - Siemens Semiconductor Group

  C67076-A2514-A67 Datasheet HTML 1Page - Siemens Semiconductor Group C67076-A2514-A67 Datasheet HTML 2Page - Siemens Semiconductor Group C67076-A2514-A67 Datasheet HTML 3Page - Siemens Semiconductor Group C67076-A2514-A67 Datasheet HTML 4Page - Siemens Semiconductor Group C67076-A2514-A67 Datasheet HTML 5Page - Siemens Semiconductor Group C67076-A2514-A67 Datasheet HTML 6Page - Siemens Semiconductor Group C67076-A2514-A67 Datasheet HTML 7Page - Siemens Semiconductor Group C67076-A2514-A67 Datasheet HTML 8Page - Siemens Semiconductor Group C67076-A2514-A67 Datasheet HTML 9Page - Siemens Semiconductor Group  
Zoom Inzoom in Zoom Outzoom out
 9 / 9 page
background image
Semiconductor Group
9
Jan-10-1997
BSM 50 GD 120 DN2
Circuit Diagram
Package Outlines
Dimensions in mm
Weight: 180 g


Similar Part No. - C67076-A2514-A67

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
C67076-A2510-A67 SIEMENS-C67076-A2510-A67 Datasheet
123Kb / 9P
   IGBT Power Module (Power module 3-phase full-bridge Including fast free-wheel diodes)
logo
Infineon Technologies A...
C67076-A2513-A67 INFINEON-C67076-A2513-A67 Datasheet
306Kb / 10P
   Power module
2006-01-31
logo
Siemens Semiconductor G...
C67076-A2515-A67 SIEMENS-C67076-A2515-A67 Datasheet
123Kb / 9P
   IGBT Power Module (Power module 3-phase full-bridge Including fast free-wheel diodes)
More results

Similar Description - C67076-A2514-A67

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
BSM15GD60DN2 SIEMENS-BSM15GD60DN2 Datasheet
123Kb / 9P
   IGBT Power Module (Power module 3-phase full-bridge Including fast free-wheel diodes)
BSM15GD120D2 SIEMENS-BSM15GD120D2 Datasheet
138Kb / 9P
   IGBT Power Module (Power module 3-phase full-bridge Including fast free-wheel diodes)
BSM35GD120D2 SIEMENS-BSM35GD120D2 Datasheet
137Kb / 9P
   IGBT Power Module (Power module 3-phase full-bridge Including fast free-wheel diodes)
BSM50GD60DN2E3226 SIEMENS-BSM50GD60DN2E3226 Datasheet
121Kb / 9P
   IGBT Power Module (Power module 3-phase full-bridge Including fast free-wheel diodes)
BSM50GD60DN2 SIEMENS-BSM50GD60DN2 Datasheet
123Kb / 9P
   IGBT Power Module (Power module 3-phase full-bridge Including fast free-wheel diodes)
BSM25GD120D2 SIEMENS-BSM25GD120D2 Datasheet
137Kb / 9P
   IGBT Power Module (Power module 3-phase full-bridge Including fast free-wheel diodes)
BSM50GD120DN2G SIEMENS-BSM50GD120DN2G Datasheet
182Kb / 9P
   IGBT Power Module (Power module 3-phase full-bridge Including fast free-wheel diodes)
BSM10GD60DN2 SIEMENS-BSM10GD60DN2 Datasheet
122Kb / 9P
   IGBT Power Module (Power module 3-phase full-bridge Including fast free-wheel diodes
BSM75GD120DN2 SIEMENS-BSM75GD120DN2 Datasheet
185Kb / 9P
   IGBT Power Module (Solderable Power module 3-phase full-bridge Including fast free-wheel diodes)
BSM150GT120DN2 SIEMENS-BSM150GT120DN2 Datasheet
182Kb / 9P
   IGBT Power Module (Solderable Power module 3-phase full-bridge Including fast free-wheel diodes)
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com