Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

6CUT10-E Datasheet(PDF) 1 Page - Vishay Siliconix

Part # 6CUT10-E
Description  High Performance Schottky Generation 5.0, 2 x 3 A
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

6CUT10-E Datasheet(HTML) 1 Page - Vishay Siliconix

  6CUT10-E_12 Datasheet HTML 1Page - Vishay Siliconix 6CUT10-E_12 Datasheet HTML 2Page - Vishay Siliconix 6CUT10-E_12 Datasheet HTML 3Page - Vishay Siliconix 6CUT10-E_12 Datasheet HTML 4Page - Vishay Siliconix 6CUT10-E_12 Datasheet HTML 5Page - Vishay Siliconix 6CUT10-E_12 Datasheet HTML 6Page - Vishay Siliconix 6CUT10-E_12 Datasheet HTML 7Page - Vishay Siliconix 6CUT10-E_12 Datasheet HTML 8Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
VS-6CUT10-E, VS-6CWT10FN-E
www.vishay.com
Vishay Semiconductors
Revision: 03-Nov-11
1
Document Number: 94662
For technical questions within your region: DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
High Performance Schottky Generation 5.0, 2 x 3 A
FEATURES
• 175 °C high performance Schottky diode
• Very low forward voltage drop
• Extremely low reverse leakage
• Optimized VF vs. IR trade off for high efficiency
• Increased ruggedness for reverse avalanche
capability
• RBSOA available
• Negligible switching losses
• Submicron trench technology
• Compliant to RoHS Directive 2002/95/EC
APPLICATIONS
• Specific for PV cells bypass diode
• High efficiency SMPS
• High frequency switching
• Output rectification
• Reverse battery protection
• Freewheeling
• DC/DC systems
• Increased power density systems
PRODUCT SUMMARY
Package
D-PAK (TO-252AA),
I-PAK (TO-251AA)
IF(AV)
2 x 3 A
VR
100 V
VF at IF
0.63 V
IRM max.
1 mA at 125 °C
TJ max.
175 °C
Diode variation
Common cathode
EAS
12 mJ
D-PAK (TO-252AA)
I-PAK (TO-251AA)
VS-6CUT10-E
VS-6CWT10FN-E
Base
common
cathode
Common
cathode
2
4
13
Anode
Anode
Base
common
cathode
Common
cathode
2
4
13
Anode
Anode
MAJOR RATINGS AND CHARACTERISTICS
SYMBOL
CHARACTERISTICS
VALUES
UNITS
VRRM
100
V
VF
3 Apk, TJ = 125 °C (typical, per leg)
0.6
TJ
Range
- 55 to 175
°C
VOLTAGE RATINGS
PARAMETER
SYMBOL
TEST CONDITIONS
VS-6CUT10-E
VS-6CWT10FN-E
UNITS
Maximum DC reverse voltage
VR
TJ = 25 °C
100
V


Similar Part No. - 6CUT10-E_12

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
6CUT10-E VISHAY-6CUT10-E Datasheet
155Kb / 9P
   High Performance Schottky Generation 5.0, 2 x 3 A
Revision: 05-Jan-11
More results

Similar Description - 6CUT10-E_12

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
6CUT10-E VISHAY-6CUT10-E Datasheet
155Kb / 9P
   High Performance Schottky Generation 5.0, 2 x 3 A
Revision: 05-Jan-11
VS-6CUT04 VISHAY-VS-6CUT04_V01 Datasheet
137Kb / 8P
   High Performance Schottky Generation 5.0, 2 x 3 A
02-Oct-12
6CUT04 VISHAY-6CUT04 Datasheet
140Kb / 8P
   High Performance Schottky Generation 5.0, 2 x 3 A
Revision: 03-Nov-11
30CTT050-F VISHAY-30CTT050-F Datasheet
151Kb / 8P
   High Performance Schottky Generation 5.0, 2 x 15 A
Revision: 01-Oct-09
30CPT100 VISHAY-30CPT100 Datasheet
116Kb / 7P
   High Performance Schottky Generation 5.0, 2 x 15 A
Revision: 07-Oct-08
60CPT045 VISHAY-60CPT045 Datasheet
115Kb / 7P
   High Performance Schottky Generation 5.0, 2 x 30 A
Revision: 07-Oct-08
MBR20T100CT VISHAY-MBR20T100CT Datasheet
116Kb / 7P
   High Performance Schottky Generation 5.0, 2 x 10 A
Revision: 15-Oct-08
30CTT100 VISHAY-30CTT100 Datasheet
115Kb / 7P
   High Performance Schottky Generation 5.0, 2 x 15 A
Revision: 19-Feb-08
40CPT100-F VISHAY-40CPT100-F Datasheet
147Kb / 8P
   High Performance Schottky Generation 5.0, 2 x 20 A
Revision: 29-Jul-09
20CUT10 VISHAY-20CUT10 Datasheet
155Kb / 9P
   High Performance Schottky Generation 5.0, 2 x 10 A
Revision: 04-Jan-11
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com