Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

6CUT10-E Datasheet(PDF) 2 Page - Vishay Siliconix

Part # 6CUT10-E
Description  High Performance Schottky Generation 5.0, 2 x 3 A
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

6CUT10-E Datasheet(HTML) 2 Page - Vishay Siliconix

  6CUT10-E_12 Datasheet HTML 1Page - Vishay Siliconix 6CUT10-E_12 Datasheet HTML 2Page - Vishay Siliconix 6CUT10-E_12 Datasheet HTML 3Page - Vishay Siliconix 6CUT10-E_12 Datasheet HTML 4Page - Vishay Siliconix 6CUT10-E_12 Datasheet HTML 5Page - Vishay Siliconix 6CUT10-E_12 Datasheet HTML 6Page - Vishay Siliconix 6CUT10-E_12 Datasheet HTML 7Page - Vishay Siliconix 6CUT10-E_12 Datasheet HTML 8Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
VS-6CUT10-E, VS-6CWT10FN-E
www.vishay.com
Vishay Semiconductors
Revision: 03-Nov-11
2
Document Number: 94662
For technical questions within your region: DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Note
(1) Pulse width < 300 μs, duty cycle < 2 %
ABSOLUTE MAXIMUM RATINGS
PARAMETER
SYMBOL
TEST CONDITIONS
VALUES
UNITS
Maximum average
forward current
per leg
IF(AV)
50 % duty cycle at TC = 166 °C, rectangular waveform
3
A
per device
6
Maximum peak one cycle
non-repetitive surge current per leg
IFSM
5 μs sine or 3 μs rect. pulse
Following any rated load
condition and with rated
VRRM applied
440
10 ms sine or 6 ms rect. pulse
70
Non-repetitive avalanche energy per leg
EAS
TJ = 25 °C, IAS = 4 A, L = 1.5 mH
12
mJ
Repetitive avalanche current per leg
IAR
Limited by frequency of operation and time pulse duration
so that TJ < TJ max. IAS at TJ max. as a function of time pulse.
See fig. 8
IAS at
TJ max.
A
ELECTRICAL SPECIFICATIONS
PARAMETER
SYMBOL
TEST CONDITIONS
TYP.
MAX.
UNITS
Forward voltage drop per leg
VFM (1)
3 A
TJ = 25 °C
0.720
0.79
V
6 A
0.825
0.91
3 A
TJ = 125 °C
0.60
0.63
6 A
0.69
0.74
Reverse leakage current per leg
IRM (1)
TJ = 25 °C
VR = Rated VR
0.3
30
μA
TJ = 125 °C
0.3
1
mA
Junction capacitance per leg
CT
VR = 5 VDC (test signal range 100 kHz to 1 MHz), 25 °C
114
-
pF
Series inductance per leg
LS
Measured lead to lead 5 mm from package body
8.0
-
nH
Maximum voltage rate of change
dV/dt
Rated VR
-
10 000
V/μs
THERMAL - MECHANICAL SPECIFICATIONS
PARAMETER
SYMBOL
TEST CONDITIONS
VALUES
UNITS
Maximum junction and
storage temperature range
TJ, TStg
- 55 to 175
°C
Maximum thermal resistance,
junction to case per leg
RthJC
DC operation
4.7
°C/W
Maximum thermal resistance,
junction to case per device
2.35
Typical thermal resistance,
case to heatsink
RthCS
0.3
Approximate weight
0.3
g
0.01
oz.
Marking device
Case style I-PAK
6CUT10
Case style D-PAK
6CWT10FN


Similar Part No. - 6CUT10-E_12

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
6CUT10-E VISHAY-6CUT10-E Datasheet
155Kb / 9P
   High Performance Schottky Generation 5.0, 2 x 3 A
Revision: 05-Jan-11
More results

Similar Description - 6CUT10-E_12

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
6CUT10-E VISHAY-6CUT10-E Datasheet
155Kb / 9P
   High Performance Schottky Generation 5.0, 2 x 3 A
Revision: 05-Jan-11
VS-6CUT04 VISHAY-VS-6CUT04_V01 Datasheet
137Kb / 8P
   High Performance Schottky Generation 5.0, 2 x 3 A
02-Oct-12
6CUT04 VISHAY-6CUT04 Datasheet
140Kb / 8P
   High Performance Schottky Generation 5.0, 2 x 3 A
Revision: 03-Nov-11
30CTT050-F VISHAY-30CTT050-F Datasheet
151Kb / 8P
   High Performance Schottky Generation 5.0, 2 x 15 A
Revision: 01-Oct-09
30CPT100 VISHAY-30CPT100 Datasheet
116Kb / 7P
   High Performance Schottky Generation 5.0, 2 x 15 A
Revision: 07-Oct-08
60CPT045 VISHAY-60CPT045 Datasheet
115Kb / 7P
   High Performance Schottky Generation 5.0, 2 x 30 A
Revision: 07-Oct-08
MBR20T100CT VISHAY-MBR20T100CT Datasheet
116Kb / 7P
   High Performance Schottky Generation 5.0, 2 x 10 A
Revision: 15-Oct-08
30CTT100 VISHAY-30CTT100 Datasheet
115Kb / 7P
   High Performance Schottky Generation 5.0, 2 x 15 A
Revision: 19-Feb-08
40CPT100-F VISHAY-40CPT100-F Datasheet
147Kb / 8P
   High Performance Schottky Generation 5.0, 2 x 20 A
Revision: 29-Jul-09
20CUT10 VISHAY-20CUT10 Datasheet
155Kb / 9P
   High Performance Schottky Generation 5.0, 2 x 10 A
Revision: 04-Jan-11
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com