Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

20UT04 Datasheet(PDF) 3 Page - Vishay Siliconix

Part # 20UT04
Description  High Performance Schottky Generation 5.0, 20 A
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

20UT04 Datasheet(HTML) 3 Page - Vishay Siliconix

  20UT04 Datasheet HTML 1Page - Vishay Siliconix 20UT04 Datasheet HTML 2Page - Vishay Siliconix 20UT04 Datasheet HTML 3Page - Vishay Siliconix 20UT04 Datasheet HTML 4Page - Vishay Siliconix 20UT04 Datasheet HTML 5Page - Vishay Siliconix 20UT04 Datasheet HTML 6Page - Vishay Siliconix 20UT04 Datasheet HTML 7Page - Vishay Siliconix 20UT04 Datasheet HTML 8Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
VS-20UT04, VS-20WT04FN
www.vishay.com
Vishay Semiconductors
Revision: 03-Nov-11
3
Document Number: 94573
For technical questions within your region: DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Fig. 1 - Maximum Forward Voltage Drop Characteristics
Fig. 2 - Typical Values of Reverse Current vs. Reverse Voltage
Fig. 3 - Typical Junction Capacitance vs. Reverse Voltage
Fig. 4 - Maximum Thermal Impedance ZthJC Characteristics
VFM - Forward Voltage Drop (V)
0
0.2
0.4
0.8
1.2
0.6
1.0
1.4
1.6
1
10
100
94573_01
T
J = 25 °C
T
J = 125 °C
T
J = 175 °C
VR - Reverse Voltage (V)
0
5
10
15
30
25
40
35
20
45
0.0001
0.001
0.01
0.1
1
10
100
94573_02
T
J = 125 °C
T
J = 175 °C
T
J = 150 °C
T
J = 100 °C
T
J = 75 °C
T
J = 50 °C
T
J = 25 °C
VR - Reverse Voltage (V)
010
20
40
30
515
35
25
45
100
10 000
1000
94573_03
0.01
0.1
1
10
0.00001
94573_04
0.0001
0.001
0.01
0.1
t1 - Rectangular Pulse Duration (s)
1
Single pulse
(thermal resistance)
D = 0.75
D = 0.50
D = 0.33
D = 0.25
D = 0.20


Similar Part No. - 20UT04

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
20UT04 VISHAY-20UT04 Datasheet
154Kb / 9P
   High Performance Schottky Generation 5.0, 20 A
Revision: 04-Jan-11
20UT04FN VISHAY-20UT04FN Datasheet
154Kb / 9P
   High Performance Schottky Generation 5.0, 20 A
Revision: 04-Jan-11
20UT04FNTR VISHAY-20UT04FNTR Datasheet
154Kb / 9P
   High Performance Schottky Generation 5.0, 20 A
Revision: 04-Jan-11
20UT04FNTRL VISHAY-20UT04FNTRL Datasheet
154Kb / 9P
   High Performance Schottky Generation 5.0, 20 A
Revision: 04-Jan-11
20UT04FNTRR VISHAY-20UT04FNTRR Datasheet
154Kb / 9P
   High Performance Schottky Generation 5.0, 20 A
Revision: 04-Jan-11
More results

Similar Description - 20UT04

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VS-20WT04FN VISHAY-VS-20WT04FN Datasheet
123Kb / 7P
   High Performance Schottky Generation 5.0, 20 A
Revision: 20-Jan-09
21TT100 VISHAY-21TT100_12 Datasheet
164Kb / 8P
   High Performance Schottky Generation 5.0, 20 A
Revision: 05-Sep-08
20TT100 VISHAY-20TT100_08 Datasheet
111Kb / 7P
   High Performance Schottky Generation 5.0, 20 A
Revision: 05-Sep-08
20TT100 VISHAY-20TT100_V01 Datasheet
151Kb / 8P
   High Performance Schottky Generation 5.0, 20 A
02-Oct-12
20TT100 VISHAY-20TT100_12 Datasheet
143Kb / 8P
   High Performance Schottky Generation 5.0, 20 A
Revision: 05-Sep-08
21TT100 VISHAY-21TT100 Datasheet
130Kb / 7P
   High Performance Schottky Generation 5.0, 20 A
Revision: 05-Sep-08
20UT04 VISHAY-20UT04 Datasheet
154Kb / 9P
   High Performance Schottky Generation 5.0, 20 A
Revision: 04-Jan-11
20TT100 VISHAY-20TT100 Datasheet
92Kb / 7P
   High Performance Schottky Generation 5.0, 20 A
Revision: 05-Sep-08
40CPT100-F VISHAY-40CPT100-F Datasheet
147Kb / 8P
   High Performance Schottky Generation 5.0, 2 x 20 A
Revision: 29-Jul-09
43CTT100 VISHAY-43CTT100_08 Datasheet
128Kb / 7P
   High Performance Schottky Generation 5.0, 2 x 20 A
Revision: 08-Sep-08
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com