Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TRX10GDP0301 Datasheet(PDF) 9 Page - FCI connector

Part # TRX10GDP0301
Description  10Gbit/s XFP LR, 1310 nm Transceiver
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FCI-CONNECTOR [FCI connector]
Direct Link  http://www.fciconnect.com
Logo FCI-CONNECTOR - FCI connector

TRX10GDP0301 Datasheet(HTML) 9 Page - FCI connector

Back Button TRX10GDP0301 Datasheet HTML 2Page - FCI connector TRX10GDP0301 Datasheet HTML 3Page - FCI connector TRX10GDP0301 Datasheet HTML 4Page - FCI connector TRX10GDP0301 Datasheet HTML 5Page - FCI connector TRX10GDP0301 Datasheet HTML 6Page - FCI connector TRX10GDP0301 Datasheet HTML 7Page - FCI connector TRX10GDP0301 Datasheet HTML 8Page - FCI connector TRX10GDP0301 Datasheet HTML 9Page - FCI connector TRX10GDP0301 Datasheet HTML 10Page - FCI connector  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
9
www.fciconnect.com
TRX10GDPxx01 Datasheet, SP/4100-13:74-01, C1, November 2010
Product Specification
10Gbit/s XFP LR, 1310 nm Transceiver
TRX10GDP030


Similar Part No. - TRX10GDP0301

ManufacturerPart #DatasheetDescription
logo
FCI connector
TRX10GDL0610 FCI-CONNECTOR-TRX10GDL0610 Datasheet
1Mb / 12P
   10GBd SFP 1310nm LRM Linear Transceiver
More results

Similar Description - TRX10GDP0301

ManufacturerPart #DatasheetDescription
logo
FCI connector
TRX10GVP2001 FCI-CONNECTOR-TRX10GVP2001 Datasheet
1Mb / 10P
   10Gbit/s XFP SR, 850 nm Transceiver
logo
AVAGO TECHNOLOGIES LIMI...
AFCT-711XPDZ AVAGO-AFCT-711XPDZ Datasheet
538Kb / 15P
   Multi-rate 1310 nm XFP 10 Gbit/s Optical Transceiver
AFCT-721XPDZ AVAGO-AFCT-721XPDZ Datasheet
521Kb / 14P
   10GbE/10GFC 1310 nm XFP 10 Gbit/s Optical Transceiver
HFCT-711XPD AVAGO-HFCT-711XPD Datasheet
340Kb / 14P
   Multi-rate 1310 nm XFP 10 Gbit/s Optical Transceiver
logo
Broadcom Corporation.
AFCT-721XPDZ BOARDCOM-AFCT-721XPDZ Datasheet
521Kb / 14P
   10GbE/10GFC 1310 nm XFP 10 Gbit/s Optical Transceiver
logo
AVAGO TECHNOLOGIES LIMI...
HFCT-721XPD AVAGO-HFCT-721XPD Datasheet
447Kb / 14P
   10GbE/10GFC 1310 nm XFP 10 Gbit/s Optical Transceiver
logo
Broadcom Corporation.
AFCT-711XPDZ BOARDCOM-AFCT-711XPDZ Datasheet
538Kb / 15P
   Multi-rate 1310 nm XFP 10 Gbit/s Optical Transceiver
logo
JDS Uniphase Corporatio...
JXP-01LWAA1 JDSU-JXP-01LWAA1 Datasheet
127Kb / 4P
   10GBASE-LR XFP Optical Transceiver
logo
Optoway Technology Inc
XPS-4140WG OPTOWAY-XPS-4140WG Datasheet
228Kb / 9P
   8.5Gb/s 1310 nm XFP Single-Mode Optical Transceiver for 8G FC Applications
XPS-4102WG OPTOWAY-XPS-4102WG Datasheet
230Kb / 9P
   8.5Gb/s 1310 nm XFP Single-Mode Optical Transceiver for 8G FC Applications
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com