Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

43CTT100 Datasheet(PDF) 7 Page - Vishay Siliconix

Part # 43CTT100
Description  High Performance Schottky Generation 5.0, 2 x 20 A
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

43CTT100 Datasheet(HTML) 7 Page - Vishay Siliconix

  43CTT100_12 Datasheet HTML 1Page - Vishay Siliconix 43CTT100_12 Datasheet HTML 2Page - Vishay Siliconix 43CTT100_12 Datasheet HTML 3Page - Vishay Siliconix 43CTT100_12 Datasheet HTML 4Page - Vishay Siliconix 43CTT100_12 Datasheet HTML 5Page - Vishay Siliconix 43CTT100_12 Datasheet HTML 6Page - Vishay Siliconix 43CTT100_12 Datasheet HTML 7Page - Vishay Siliconix 43CTT100_12 Datasheet HTML 8Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
Document Number: 95222
For technical questions within your region, please contact one of the following:
www.vishay.com
Revision: 08-Mar-11
DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
1
TO-220AB
Outline Dimensions
Vishay Semiconductors
DIMENSIONS in millimeters and inches
Notes
(1) Dimensioning and tolerancing as per ASME Y14.5M-1994
(2) Lead dimension and finish uncontrolled in L1
(3) Dimension D, D1 and E do not include mold flash. Mold flash
shall not exceed 0.127 mm (0.005") per side. These dimensions
are measured at the outermost extremes of the plastic body
(4) Dimension b1, b3 and c1 apply to base metal only
(5) Controlling dimensions: inches
(6) Thermal pad contour optional within dimensions E, H1, D2 and
E1
(7) Dimensions E2 x H1 define a zone where stamping and
singulation irregularities are allowed
(8) Outline conforms to JEDEC TO-220, except A2 (maximum) and
D2 (minimum) where dimensions are derived from the actual
package outline
SYMBOL
MILLIMETERS
INCHES
NOTES
SYMBOL
MILLIMETERS
INCHES
NOTES
MIN.
MAX.
MIN.
MAX.
MIN.
MAX.
MIN.
MAX.
A
4.25
4.65
0.167
0.183
E
10.11
10.51
0.398
0.414
3, 6
A1
1.14
1.40
0.045
0.055
E1
6.86
8.89
0.270
0.350
6
A2
2.56
2.92
0.101
0.115
E2
-
0.76
-
0.030
7
b
0.69
1.01
0.027
0.040
e
2.41
2.67
0.095
0.105
b1
0.38
0.97
0.015
0.038
4
e1
4.88
5.28
0.192
0.208
b2
1.20
1.73
0.047
0.068
H1
6.09
6.48
0.240
0.255
6, 7
b3
1.14
1.73
0.045
0.068
4
L
13.52
14.02
0.532
0.552
c
0.36
0.61
0.014
0.024
L1
3.32
3.82
0.131
0.150
2
c1
0.36
0.56
0.014
0.022
4
Ø P
3.54
3.73
0.139
0.147
D
14.85
15.25
0.585
0.600
3
Q
2.60
3.00
0.102
0.118
D1
8.38
9.02
0.330
0.355
90° to 93°
90° to 93°
D2
11.68
12.88
0.460
0.507
6
13
2
D
D1
H1
Q
13
2
C
C
D
D
3 x b2
3 x b
(b, b2)
b1, b3
(H1)
D2
Detail B
C
A
B
L
e1
Lead tip
E
E2
Ø P
0.014
A
B
M
M
0.015
A
B
MM
Seating
plane
c
A2
A1
A
A
A
Lead assignments
Diodes
1. - Anode/open
2. - Cathode
3. - Anode
Conforms to JEDEC outline TO-220AB
(6)
(6)
(7)
(6)
(7)
e
2 x
L1 (2)
Detail B
Section C - C and D - D
View A - A
Base metal
Plating
(4)
(4)
c1
c
(6)
Thermal pad
(E)
E1
(6)


Similar Part No. - 43CTT100_12

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
43CTT100 VISHAY-43CTT100_08 Datasheet
128Kb / 7P
   High Performance Schottky Generation 5.0, 2 x 20 A
Revision: 08-Sep-08
More results

Similar Description - 43CTT100_12

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
40CPT100-F VISHAY-40CPT100-F Datasheet
147Kb / 8P
   High Performance Schottky Generation 5.0, 2 x 20 A
Revision: 29-Jul-09
43CTT100 VISHAY-43CTT100_08 Datasheet
128Kb / 7P
   High Performance Schottky Generation 5.0, 2 x 20 A
Revision: 08-Sep-08
MBR40H100WT-F VISHAY-MBR40H100WT-F Datasheet
140Kb / 8P
   High Performance Schottky Generation 5.0, 2 x 20 A
Revision: 10-Dec-08
40CPT080-F VISHAY-40CPT080-F Datasheet
148Kb / 8P
   High Performance Schottky Generation 5.0, 2 x 20 A
Revision: 29-Jul-09
30CTT050-F VISHAY-30CTT050-F Datasheet
151Kb / 8P
   High Performance Schottky Generation 5.0, 2 x 15 A
Revision: 01-Oct-09
30CPT100 VISHAY-30CPT100 Datasheet
116Kb / 7P
   High Performance Schottky Generation 5.0, 2 x 15 A
Revision: 07-Oct-08
60CPT045 VISHAY-60CPT045 Datasheet
115Kb / 7P
   High Performance Schottky Generation 5.0, 2 x 30 A
Revision: 07-Oct-08
MBR20T100CT VISHAY-MBR20T100CT Datasheet
116Kb / 7P
   High Performance Schottky Generation 5.0, 2 x 10 A
Revision: 15-Oct-08
6CUT10-E VISHAY-6CUT10-E_12 Datasheet
136Kb / 8P
   High Performance Schottky Generation 5.0, 2 x 3 A
Revision: 03-Nov-11
30CTT100 VISHAY-30CTT100 Datasheet
115Kb / 7P
   High Performance Schottky Generation 5.0, 2 x 15 A
Revision: 19-Feb-08
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com