Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M3035S Datasheet(PDF) 2 Page - Vishay Siliconix

Part # M3035S
Description  Schottky Barrier Rectifier
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

M3035S Datasheet(HTML) 2 Page - Vishay Siliconix

  M3035S_12 Datasheet HTML 1Page - Vishay Siliconix M3035S_12 Datasheet HTML 2Page - Vishay Siliconix M3035S_12 Datasheet HTML 3Page - Vishay Siliconix M3035S_12 Datasheet HTML 4Page - Vishay Siliconix M3035S_12 Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
New Product
M(B,I)3035S & M(B,I)3045S
Vishay General Semiconductor
www.vishay.com
For technical questions within your region, please contact one of the following:
PDD-Americas@vishay.com, PDD-Asia@vishay.com, PDD-Europe@vishay.com
Document Number: 88952
Revision: 12-Mar-09
2
Notes:
(1) Pulse test: 300 µs pulse width, 1 % duty cycle
(2) Pulse test: Pulse width
≤ 40 ms
RATINGS AND CHARACTERISTICS CURVES
(TA = 25 °C unless otherwise noted)
ELECTRICAL CHARACTERISTICS (TA = 25 °C unless otherwise noted)
PARAMETER
TEST CONDITIONS
SYMBOL
TYP.
MAX.
UNIT
Maximum instantaneous
forward voltage (1)
IF = 15 A
IF = 30 A
TJ = 25 °C
VF
0.54
0.65
-
0.70
V
IF = 15 A
IF = 30 A
TJ = 125 °C
0.46
0.61
-
0.66
Maximum instantaneous
reverse current at rated VR
(2)
TJ = 25 °C
TJ = 125 °C
IR
40
26
200
55
µA
mA
Typical junction capacitance
4.0 V, 1 MHz
CJ
980
pF
THERMAL CHARACTERISTICS (TA = 25 °C unless otherwise noted)
PARAMETER
SYMBOL
M30xxS
MB30xxS
MI30xxS
UNIT
Typical thermal resistance
RθJC
2.0
°C/W
ORDERING INFORMATION (Example)
PACKAGE
PREFERRED P/N
UNIT WEIGHT (g)
PACKAGE CODE
BASE QUANTITY
DELIVERY MODE
TO-220AB
M3045S-E3/4W
1.878
4W
50/tube
Tube
TO-263AB
MB3045S-E3/4W
1.37
4W
50/tube
Tube
TO-263AB
MB3045S-E3/8W
1.37
8W
800/reel
Tape and reel
TO-262AA
MI3045S-E3/4W
1.454
4W
50/tube
Tube
Figure 1. Forward Current Derating Curve
Case Temperature (°C)
35
15
0
075
150
25
25
100
5
50
125
10
M30xxS
M(B,I)30xxS
30
20
Figure 2. Maximum Non-Repetitive Peak Forward Surge Current
Number of Cycles at 60 Hz
300
150
0
1100
200
10
50
100
250
T
J = TJ Max.
8.3 ms Single Half Sine-Wave


Similar Part No. - M3035S_12

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
M3035S VISHAY-M3035S_15 Datasheet
137Kb / 5P
   Schottky Barrier Rectifier
Revision: 13-Aug-13
More results

Similar Description - M3035S_12

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
CRS14 TOSHIBA-CRS14 Datasheet
191Kb / 6P
   Schottky Barrier Rectifier Schottky Barrier Type
logo
Shenzhen Ping Sheng Ele...
SS12 PFS-SS12 Datasheet
559Kb / 2P
   SCHOTTKY BARRIER RECTIFIER
logo
Sanken electric
FMW-2156 SANKEN-FMW-2156 Datasheet
209Kb / 4P
   Schottky Barrier Rectifier
logo
Micro Commercial Compon...
1N60 MCC-1N60 Datasheet
419Kb / 3P
   Schottky Barrier Rectifier
LL60 MCC-LL60 Datasheet
400Kb / 3P
   Schottky Barrier Rectifier
logo
Vishay Siliconix
1N5820 VISHAY-1N5820_09 Datasheet
68Kb / 4P
   Schottky Barrier Rectifier
Revision: 20-Oct-09
logo
Galaxy Semi-Conductor H...
S5817 BILIN-S5817 Datasheet
57Kb / 2P
   SCHOTTKY BARRIER RECTIFIER
logo
Vishay Siliconix
SBL1030 VISHAY-SBL1030 Datasheet
142Kb / 5P
   Schottky Barrier Rectifier
Revision: 25-Apr-08
logo
Chenmko Enterprise Co. ...
MPL1035PT CHENMKO-MPL1035PT Datasheet
260Kb / 2P
   SCHOTTKY BARRIER RECTIFIER
SPL270CTPT CHENMKO-SPL270CTPT Datasheet
161Kb / 2P
   SCHOTTKY BARRIER RECTIFIER
SPL320LLPT CHENMKO-SPL320LLPT Datasheet
153Kb / 2P
   SCHOTTKY BARRIER RECTIFIER
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com