Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

Q67000-S073 Datasheet(PDF) 3 Page - Siemens Semiconductor Group

Part # Q67000-S073
Description  SIPMOS Small-Signal Transistor (N channel Depletion mode High dynamic resistance)
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

Q67000-S073 Datasheet(HTML) 3 Page - Siemens Semiconductor Group

  Q67000-S073 Datasheet HTML 1Page - Siemens Semiconductor Group Q67000-S073 Datasheet HTML 2Page - Siemens Semiconductor Group Q67000-S073 Datasheet HTML 3Page - Siemens Semiconductor Group Q67000-S073 Datasheet HTML 4Page - Siemens Semiconductor Group Q67000-S073 Datasheet HTML 5Page - Siemens Semiconductor Group Q67000-S073 Datasheet HTML 6Page - Siemens Semiconductor Group Q67000-S073 Datasheet HTML 7Page - Siemens Semiconductor Group  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
Semiconductor Group
3
Package Outline
1) A specific group cannot be ordered separately.
Each reel only contains transistors from one group.
Electrical Characteristics (cont’d)
at
T
j = 25 ˚C, unless otherwise specified.
Parameter
Symbol
Values
Unit
min.
typ.
max.
Reverse Diode
Continuous reverse drain current
T
A = 25 ˚C
I
S
0.15
A
Pulsed reverse drain current
T
A = 25 ˚C
I
SM
0.45
Diode forward on-voltage
I
F = 0.3 A, VGS = 0
V
SD
0.7
1.4
V
V
GS(th) Grouping
Symbol
Limit Values
Unit
Test Condition
min.
max.
Range of
V
GS(th)
∆V
GS(th)
0.2
V
Threshold voltage selected in groups 1):
F
G
A
B
C
D
V
GS(th)
– 1.600
– 1.700
– 1.800
– 1.900
– 2.000
– 2.100
– 1.400
– 1.500
– 1.600
– 1.700
– 1.800
– 1.900
V
V
V
V
V
V
V
DS1 = 0.2 V;
V
DS2 = 3 V;
I
D = 10 µA
SOT-223
Dimensions in mm
BSP 129


Similar Part No. - Q67000-S073

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
Q67000-S070 SIEMENS-Q67000-S070 Datasheet
173Kb / 9P
   SIPMOS Small-Signal Transistor (N channel Enhancement mode Logic Level)
Q67000-S071 SIEMENS-Q67000-S071 Datasheet
328Kb / 7P
   SIPMOS Small-Signal Transistor (N channel Depletion mode High dynamic resistance)
Q67000-S076 SIEMENS-Q67000-S076 Datasheet
77Kb / 7P
   SIPMOS Small-Signal Transistor (N channel Enhancement mode Logic Level)
Q67000-S078 SIEMENS-Q67000-S078 Datasheet
77Kb / 7P
   SIPMOS Small-Signal Transistor (N channel Enhancement mode Logic Level)
More results

Similar Description - Q67000-S073

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
BSS229 SIEMENS-BSS229 Datasheet
303Kb / 6P
   SIPMOS Small-Signal Transistor (N channel Depletion mode High dynamic resistance)
BSS159 SIEMENS-BSS159 Datasheet
33Kb / 4P
   SIPMOS Small-Signal Transistor (N channel Depletion mode High dynamic resistance)
BSP135 SIEMENS-BSP135 Datasheet
411Kb / 7P
   SIPMOS Small-Signal Transistor (N channel Depletion mode High dynamic resistance)
BSP149 SIEMENS-BSP149 Datasheet
328Kb / 7P
   SIPMOS Small-Signal Transistor (N channel Depletion mode High dynamic resistance)
BSS129 SIEMENS-BSS129 Datasheet
282Kb / 6P
   SIPMOS Small-Signal Transistor(N channel Depletion mode High dynamic resistance)
BSS135 SIEMENS-BSS135 Datasheet
318Kb / 6P
   SIPMOS Small-Signal Transistor (N channel Depletion mode High dynamic resistance)
BSS139 SIEMENS-BSS139 Datasheet
330Kb / 6P
   SIPMOS Small-Signal Transistor (N channel Depletion mode High dynamic resistance)
BSS149 SIEMENS-BSS149 Datasheet
279Kb / 6P
   SIPMOS Small-Signal Transistor (N channel Depletion mode High dynamic resistance)
BSS169 SIEMENS-BSS169 Datasheet
33Kb / 4P
   SIPMOS Small-Signal Transistor (N channel Depletion mode High dynamic resistance)
BSP125 SIEMENS-BSP125 Datasheet
175Kb / 9P
   SIPMOS Small-Signal Transistor (N channel Enhancement mode)
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com