Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HV9801ANG-G Datasheet(PDF) 9 Page - Supertex, Inc

Part # HV9801ANG-G
Description  Switch Dimmable LED Driver
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUTEX [Supertex, Inc]
Direct Link  http://www.supertex.com
Logo SUTEX - Supertex, Inc

HV9801ANG-G Datasheet(HTML) 9 Page - Supertex, Inc

  HV9801ANG-G Datasheet HTML 1Page - Supertex, Inc HV9801ANG-G Datasheet HTML 2Page - Supertex, Inc HV9801ANG-G Datasheet HTML 3Page - Supertex, Inc HV9801ANG-G Datasheet HTML 4Page - Supertex, Inc HV9801ANG-G Datasheet HTML 5Page - Supertex, Inc HV9801ANG-G Datasheet HTML 6Page - Supertex, Inc HV9801ANG-G Datasheet HTML 7Page - Supertex, Inc HV9801ANG-G Datasheet HTML 8Page - Supertex, Inc HV9801ANG-G Datasheet HTML 9Page - Supertex, Inc  
Zoom Inzoom in Zoom Outzoom out
 9 / 9 page
background image
Supertex inc.
does not recommend the use of its products in life support applications, and will not knowingly sell them for use in such applications unless it receives
an adequate “product liability indemnification insurance agreement.” Supertex inc. does not assume responsibility for use of devices described, and limits its liability
to the replacement of the devices determined defective due to workmanship. No responsibility is assumed for possible omissions and inaccuracies. Circuitry and
specifications are subject to change without notice. For the latest product specifications refer to the Supertex inc. (website: http//www.supertex.com)
©2011 Supertex inc. All rights reserved. Unauthorized use or reproduction is prohibited.
Supertex inc.
1235 Bordeaux Drive, Sunnyvale, CA 94089
Tel: 408-222-8888
www.supertex.com
9
HV9801A
(The package drawing(s) in this data sheet may not reflect the most current specifications. For the latest package outline
information go to http://www.supertex.com/packaging.html.)
Doc.# DSFP-HV9801A
A122111
16-Lead SOIC (Narrow Body) Package Outline (NG)
9.90x3.90mm body, 1.75mm height (max), 1.27mm pitch
Symbol
A
A1
A2
b
D
E
E1
e
h
L
L1
L2
θ
θ1
Dimension
(mm)
MIN 1.35* 0.10
1.25
0.31
9.80* 5.80* 3.80*
1.27
BSC
0.25
0.40
1.04
REF
0.25
BSC
0O
5O
NOM
-
-
-
-
9.90
6.00
3.90
-
-
-
-
MAX 1.75
0.25 1.65* 0.51 10.00* 6.20* 4.00*
0.50
1.27
8O 15O
JEDEC Registration MS-012, Variation AC, Issue E, Sept. 2005.
* This dimension is not specified in the JEDEC drawing.
Drawings are not to scale.
Supertex Doc. #: DSPD-16SONG, Version G041309.
D
Seating
Plane
Gauge
Plane
L
L1
L2
Top View
Side View
View A-A
View B
View
B
θ1
θ
E1 E
A A2
A1
A
A
Seating
Plane
e
b
h
h
16
1
Note 1
Note 1
(Index Area
D/2 x E1/2)
Note:
1.
This chamfer feature is optional. If it is not present, then a Pin 1 identifier must be located in the index area indicated. The Pin 1 identifier can be:
a molded mark/identifier; an embedded metal marker; or a printed indicator.


Similar Part No. - HV9801ANG-G

ManufacturerPart #DatasheetDescription
logo
Supertex, Inc
HV9801ANG-G SUTEX-HV9801ANG-G Datasheet
990Kb / 9P
   Switch Dimmable LED Driver
HV9801ANG-GM934 SUTEX-HV9801ANG-GM934 Datasheet
990Kb / 9P
   Switch Dimmable LED Driver
More results

Similar Description - HV9801ANG-G

ManufacturerPart #DatasheetDescription
logo
Supertex, Inc
HV9801A SUTEX-HV9801A_12 Datasheet
990Kb / 9P
   Switch Dimmable LED Driver
logo
Diodes Incorporated
AL1692-30B DIODES-AL1692-30B Datasheet
320Kb / 14P
   DIMMABLE LED DRIVER
AL1692-10E DIODES-AL1692-10E Datasheet
320Kb / 14P
   DIMMABLE LED DRIVER
AL1698 DIODES-AL1698 Datasheet
748Kb / 15P
   DIMMABLE LED DRIVER
September 2019
AL16937 DIODES-AL16937 Datasheet
327Kb / 15P
   BUCK DIMMABLE LED DRIVER
AL1692K DIODES-AL1692K Datasheet
977Kb / 14P
   TRIAC DIMMABLE LED DRIVER
Rev. 2 - 2 December 2022
logo
Texas Instruments
LM3445MM TI-LM3445MM Datasheet
1Mb / 39P
[Old version datasheet]   Triac Dimmable Offline LED Driver
logo
Cirrus Logic
CS1610 APEX-CS1610 Datasheet
274Kb / 17P
   TRIAC Dimmable LED Driver IC
logo
Global Mixed-mode Techn...
G5345 GMT-G5345 Datasheet
58Kb / 1P
   Triac Dimmable Offline LED Driver
logo
TE Connectivity Ltd
SSL-75W TEC-SSL-75W Datasheet
385Kb / 2P
   75W Non Dimmable LED Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com