Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MSC1200 Datasheet(PDF) 7 Page - Texas Instruments

Part # MSC1200
Description  Precision Analog-to-Digital Converter (ADC) and Current-Output Digital Converter (DAC)
Download  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

MSC1200 Datasheet(HTML) 7 Page - Texas Instruments

Back Button MSC1200_06 Datasheet HTML 3Page - Texas Instruments MSC1200_06 Datasheet HTML 4Page - Texas Instruments MSC1200_06 Datasheet HTML 5Page - Texas Instruments MSC1200_06 Datasheet HTML 6Page - Texas Instruments MSC1200_06 Datasheet HTML 7Page - Texas Instruments MSC1200_06 Datasheet HTML 8Page - Texas Instruments MSC1200_06 Datasheet HTML 9Page - Texas Instruments MSC1200_06 Datasheet HTML 10Page - Texas Instruments MSC1200_06 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 92 page
background image
MSC1200
MSC1201
MSC1202
SBAS317E − APRIL 2004 − REVISED MAY 2006
www.ti.com
7
DIGITAL CHARACTERISTICS: DVDD = 2.7V to 5.25V
All specifications from TMIN to TMAX, FMCON = 10h, all digital outputs high, and PDCON = 00h (all peripherals ON) or PDCON = FFh (all peripherals OFF), unless
otherwise specified.
MSC120x
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Digital Power-Supply Requirements
DVDD
2.7
3.3
3.6
V
Normal Mode, fOSC = 1MHz, All Peripherals ON
0.7
mA
Normal Mode, fOSC = 1MHz, All Peripherals OFF
0.6
mA
Normal Mode, fOSC = 8MHz, All Peripherals ON
4.7
mA
Digital Power-Supply Current
Normal Mode, fOSC = 8MHz, All Peripherals OFF
4.3
mA
Digital Power-Supply Current
Internal Oscillator LF Mode (14.8MHz nominal),
All Peripherals ON
8.6
mA
Internal Oscillator LF Mode (14.8MHz nominal),
All Peripherals OFF
7.9
mA
Stop Mode, External Clock OFF
100
nA
DVDD
4.75
5.0
5.25
V
Normal Mode, fOSC = 1MHz, All Peripherals ON
1.4
mA
Normal Mode, fOSC = 1MHz, All Peripherals OFF
1.3
mA
Normal Mode, fOSC = 8MHz, All Peripherals ON
9.3
mA
Normal Mode, fOSC = 8MHz, All Peripherals OFF
8.6
mA
Digital Power-Supply Current
Internal Oscillator LF Mode (14.8MHz nom), All
Peripherals ON
18
mA
Digital Power-Supply Current
Internal Oscillator LF Mode (14.8MHz nom), All
Peripherals OFF
16
mA
Internal Oscillator HF Mode (29.5MHz nom), All
Peripherals ON
33
mA
Internal Oscillator HF Mode (29.5MHz nom), All
Peripherals OFF
31
mA
Stop Mode, External Clock OFF
100
nA
Digital Input/Output (CMOS)
Logic Level
VIH (except XIN pin)
0.6
• DVDD
DVDD
V
Logic Level
VIL (except XIN pin)
DGND
0.2
• DVDD
V
Ports 1 and 3, Input Leakage Current, Input
Mode
VIH = DVDD or VIH = 0V
0
µA
I/O Pin Hysteresis
700
mV
VOL, Ports 1 and 3, All Output Modes
IOL = 1mA
DGND
0.4
V
VOL, Ports 1 and 3, All Output Modes
IOL = 30mA, 3V (20mA)
1.5
V
VOH, Ports 1 and 3, Strong Drive Output
IOH = 1mA
DVDD − 0.4
DVDD − 0.1
DVDD
V
VOH, Ports 1 and 3, Strong Drive Output
IOH = 30mA, 3V (20mA)
DVDD − 1.5
V
Ports 1 and 3, Pull-Up Resistors
Tolerance =
±25%
13
k
FLASH MEMORY CHARACTERISTICS: DVDD = 2.7V to 5.25V
MSC120x
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Flash Memory Endurance
100,000
1,000,000
cycles
Flash Memory Data Retention
100
Years
Mass and Page Erase Time
Set with FER Value in FTCON, from TMIN to TMAX
10
ms
Flash Memory Write Time
Set with FWR Value in FTCON
30
40
µs


Similar Part No. - MSC1200_06

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
MSC1200-01 OKI-MSC1200-01 Datasheet
218Kb / 26P
   30-Bit Duplex Controller/Driver with Digital/Analog Dimming and Keyscan Functions
More results

Similar Description - MSC1200_06

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
MSC1202Y3RHHTG4 TI1-MSC1202Y3RHHTG4 Datasheet
1Mb / 92P
[Old version datasheet]   Precision Analog-to-Digital Converter and Current-Output Digital-to-Analog Converter
logo
Burr-Brown (TI)
MSC1202 BURR-BROWN-MSC1202 Datasheet
684Kb / 78P
   Precision, Analog-to-Digital Converter (ADC) and Digital-to-Analog Converter (DAC) with 8051 Microcontroller and Flash Memory
logo
Texas Instruments
MSC1200 TI-MSC1200 Datasheet
802Kb / 60P
[Old version datasheet]   Precision Analog-to-Digital Converter (ADC) and Digital-to-Analog Converter (DAC) with 8051 Microcontroller and Flash Memory
logo
Burr-Brown (TI)
MSC1212Y2 BURR-BROWN-MSC1212Y2 Datasheet
1Mb / 69P
   Precision Analog-to-Digital Converter (ADC)
logo
Texas Instruments
MSC1211 TI1-MSC1211_07 Datasheet
1Mb / 111P
[Old version datasheet]   Precision Analog-to-Digital Converter (ADC) and Digital-to-Analog Converters (DACs)
OCTOBER 2007
logo
Analog Devices
AD9652 AD-AD9652_17 Datasheet
1Mb / 37P
   Analog-to-Digital Converter (ADC)
AD9258 AD-AD9258 Datasheet
2Mb / 45P
   Analog-to-Digital Converter (ADC)
logo
Texas Instruments
MSC1202Y3RHHTG4 TI-MSC1202Y3RHHTG4 Datasheet
1Mb / 92P
[Old version datasheet]   Precision Analog -to-Digital Converter
OPA626 TI1-OPA626 Datasheet
2Mb / 39P
[Old version datasheet]   Analog-to-Digital Converter (ADC) Drivers
logo
Analog Devices
ADAU1979 AD-ADAU1979 Datasheet
1Mb / 44P
   Quad Analog-to-Digital Converter (ADC)
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com