Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MSC1211 Datasheet(PDF) 7 Page - Texas Instruments

Part # MSC1211
Description  Precision Analog-to-Digital Converter (ADC) and Digital-to-Analog Converters (DACs)
Download  111 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

MSC1211 Datasheet(HTML) 7 Page - Texas Instruments

Back Button MSC1211_07 Datasheet HTML 3Page - Texas Instruments MSC1211_07 Datasheet HTML 4Page - Texas Instruments MSC1211_07 Datasheet HTML 5Page - Texas Instruments MSC1211_07 Datasheet HTML 6Page - Texas Instruments MSC1211_07 Datasheet HTML 7Page - Texas Instruments MSC1211_07 Datasheet HTML 8Page - Texas Instruments MSC1211_07 Datasheet HTML 9Page - Texas Instruments MSC1211_07 Datasheet HTML 10Page - Texas Instruments MSC1211_07 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 111 page
background image
MSC1211, MSC1212
MSC1213,MSC1214
SBAS323G − JUNE 2004 − REVISED OCTOBER 2007
www.ti.com
7
ELECTRICAL CHARACTERISTICS: AVDD = 3V (continued)
All specifications from TMIN to TMAX, DVDD = +2.7V to 5.25V, AVDD = +3V, fMOD = 15.625kHz, PGA = 1, filter = Sinc3, Buffer ON, fDATA = 10Hz, Bipolar, fCLK = 8MHz,
and VREF ≡ (REF IN+) − (REF IN−) = +1.25V, unless otherwise noted. For VDAC, VREF = AVDD, RLOAD = 10kΩ, and CLOAD = 200pF, unless otherwise noted.
MSC1211/12/13/14
PARAMETER
UNITS
MAX
TYP
MIN
CONDITIONS
Voltage DAC Static Performance(6)
Resolution
16
Bits
Relative Accuracy
±0.05
±0.146
% of FSR
Differential Nonlinearity
Ensured Monotonic by Design
±1
LSB
Zero Code Error
All 0s Loaded to DAC Register
+13
+35
mV
Full-Scale Error
All 1s Loaded to DAC Register
−1.25
0
% of FSR
Gain Error
−1.25
0
±1.25
% of FSR
Zero Code Error Drift
±20
µV/°C
Gain Temperature Coefficient
±5
ppm of FSR/
°C
Voltage DAC Output Characteristics(7)
Output Voltage Range
AGND
AVDD
V
Output Voltage Settling Time
To
±0.003% FSR, 0200h to FD00h
8
µs
Slew Rate
1
V/
µs
DC Output Impedance
7
Short-Circuit Current
All 1s Loaded to DAC Register
16
mA
IDAC Output Characteristics
Full-Scale Output Current
Maximum VREF = 1.25V
25
mA
Maximum Short-Circuit Current Duration
Indefinite
Compliance Voltage
AVDD − 1.5
V
Relative Accuracy
Over Full Range
0.185
% of FSR
Zero Code Error
0.5
% of FSR
Full-Scale Error
−0.4
% of FSR
Gain Error
−0.6
% of FSR
Analog Power-Supply Requirements
Analog Power-Supply Voltage
AVDD
2.7
3.0
3.6
V
Analog Off Current(8)
Analog OFF, PDCON = 47h
< 1
nA
PGA = 1, Buffer OFF
200
µA
ADC Current (IADC)
PGA = 128, Buffer OFF
500
µA
Analog
ADC Current (IADC)
PGA = 1, Buffer ON
240
µA
Analog
Power-Supply
Current
PGA = 128, Buffer ON
850
µA
Power-Supply
Current
VDAC Current (IVDAC)
Excluding Load Current, External
Reference
250
µA
VREF Supply Current
(IVDAC)
ADC ON, VDAC OFF
250
µA
(1) The input impedance for PGA = 128 is the same as that for PGA = 64 (that is, 7MΩ/64).
(2) Calibration can minimize these errors.
(3) The gain calibration cannot have a REF IN+ of more than AVDD −1.5V with Buffer ON. To calibrate gain, turn Buffer OFF.
(4) ∆VOUT is change in digital result.
(5) 9pF switched capacitor at fSAMP clock frequency (see Figure 14).
(6) Linearity calculated using a reduced code range of 512 to 65024; output unloaded.
(7) Ensured by design and characterization; not production tested.
(8) Analog Brownout Detect OFF (HCR1.3 = 1), Analog LVD OFF (LVDCON.7 = 1).


Similar Part No. - MSC1211_07

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
MSC1211Y2 TI-MSC1211Y2 Datasheet
920Kb / 105P
[Old version datasheet]   Precision Analog-to-Digital Converter (ADC) and Digital-to-Analog Converters (DACs) with 8051 Microcontroller and Flash Memory
MSC1211Y2PAGR TI-MSC1211Y2PAGR Datasheet
920Kb / 105P
[Old version datasheet]   Precision Analog-to-Digital Converter (ADC) and Digital-to-Analog Converters (DACs) with 8051 Microcontroller and Flash Memory
MSC1211Y2PAGT TI-MSC1211Y2PAGT Datasheet
920Kb / 105P
[Old version datasheet]   Precision Analog-to-Digital Converter (ADC) and Digital-to-Analog Converters (DACs) with 8051 Microcontroller and Flash Memory
MSC1211Y2PAGT TI1-MSC1211Y2PAGT Datasheet
1Mb / 109P
[Old version datasheet]   Percision Analog-to-Digital Converter and Digital-to-Analog Converters
MSC1211Y3 TI-MSC1211Y3 Datasheet
920Kb / 105P
[Old version datasheet]   Precision Analog-to-Digital Converter (ADC) and Digital-to-Analog Converters (DACs) with 8051 Microcontroller and Flash Memory
More results

Similar Description - MSC1211_07

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
MSC1211 TI-MSC1211 Datasheet
920Kb / 105P
[Old version datasheet]   Precision Analog-to-Digital Converter (ADC) and Digital-to-Analog Converters (DACs) with 8051 Microcontroller and Flash Memory
logo
Burr-Brown (TI)
MSC1212Y2 BURR-BROWN-MSC1212Y2 Datasheet
1Mb / 69P
   Precision Analog-to-Digital Converter (ADC)
logo
Texas Instruments
MSC1211 TI1-MSC1211_16 Datasheet
1Mb / 109P
[Old version datasheet]   Percision Analog-to-Digital Converter and Digital-to-Analog Converters
MSC1202Y3RHHTG4 TI1-MSC1202Y3RHHTG4 Datasheet
1Mb / 92P
[Old version datasheet]   Precision Analog-to-Digital Converter and Current-Output Digital-to-Analog Converter
logo
Analog Devices
AD9652 AD-AD9652_17 Datasheet
1Mb / 37P
   Analog-to-Digital Converter (ADC)
AD9258 AD-AD9258 Datasheet
2Mb / 45P
   Analog-to-Digital Converter (ADC)
logo
Texas Instruments
MSC1200 TI1-MSC1200_06 Datasheet
1Mb / 92P
[Old version datasheet]   Precision Analog-to-Digital Converter (ADC) and Current-Output Digital Converter (DAC)
MAY 2006
logo
Burr-Brown (TI)
MSC1202 BURR-BROWN-MSC1202 Datasheet
684Kb / 78P
   Precision, Analog-to-Digital Converter (ADC) and Digital-to-Analog Converter (DAC) with 8051 Microcontroller and Flash Memory
logo
Texas Instruments
MSC1200 TI-MSC1200 Datasheet
802Kb / 60P
[Old version datasheet]   Precision Analog-to-Digital Converter (ADC) and Digital-to-Analog Converter (DAC) with 8051 Microcontroller and Flash Memory
MSC1202Y3RHHTG4 TI-MSC1202Y3RHHTG4 Datasheet
1Mb / 92P
[Old version datasheet]   Precision Analog -to-Digital Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com