Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MSC1214 Datasheet(PDF) 2 Page - Texas Instruments

Part # MSC1214
Description  Precision Analog-to-Digital Converter (ADC) and Digital-to-Analog Converters (DACs)
Download  111 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

MSC1214 Datasheet(HTML) 2 Page - Texas Instruments

  MSC1214 Datasheet HTML 1Page - Texas Instruments MSC1214 Datasheet HTML 2Page - Texas Instruments MSC1214 Datasheet HTML 3Page - Texas Instruments MSC1214 Datasheet HTML 4Page - Texas Instruments MSC1214 Datasheet HTML 5Page - Texas Instruments MSC1214 Datasheet HTML 6Page - Texas Instruments MSC1214 Datasheet HTML 7Page - Texas Instruments MSC1214 Datasheet HTML 8Page - Texas Instruments MSC1214 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 111 page
background image
MSC1211, MSC1212
MSC1213,MSC1214
SBAS323G − JUNE 2004 − REVISED OCTOBER 2007
www.ti.com
2
PACKAGE/ORDERING INFORMATION(1)
PRODUCT
FLASH
MEMORY
16-BIT DACS
I2C
PACKAGE
MARKING
MSC1211Y2
4k
4
Y
MSC1211Y2
MSC1211Y3
8k
4
Y
MSC1211Y3
MSC1211Y4
16k
4
Y
MSC1211Y4
MSC1211Y5
32k
4
Y
MSC1211Y5
MSC1212Y2
4k
4
N
MSC1212Y2
MSC1212Y3
8k
4
N
MSC1212Y3
MSC1212Y4
16k
4
N
MSC1212Y4
MSC1212Y5
32k
4
N
MSC1212Y4
MSC1213Y2
4k
2
Y
MSC1213Y2
MSC1213Y3
8k
2
Y
MSC1213Y3
MSC1213Y4
16k
2
Y
MSC1213Y4
MSC1213Y5
32k
2
Y
MSC1213Y5
MSC1214Y2
4k
2
N
MSC1214Y2
MSC1214Y3
8k
2
N
MSC1214Y3
MSC1214Y4
16k
2
N
MSC1214Y4
MSC1214Y5
32k
2
N
MSC1214Y5
(1) For the most current package and ordering information, see the Package Option Addendum located at the end of this datasheet, or refer to our
web site at www.ti.com.
This integrated circuit can be damaged by ESD. Texas Instruments recommends that all integrated circuits be handled with appropriate
precautions. Failure to observe proper handling and installation procedures can cause damage.
ESD damage can range from subtle performance degradation to complete device failure. Precision integrated circuits may be more susceptible to
damage because very small parametric changes could cause the device not to meet its published specifications.
ABSOLUTE MAXIMUM RATINGS(1)
MSC1211/12/13/14
UNITS
Analog Inputs
Input current
Momentary
100
mA
Input current
Continuous
10
mA
Input voltage
AGND − 0.3 to AVDD + 0.3
V
Power Supply
DVDD to DGND
−0.3 to +6
V
AVDD to AGND
−0.3 to +6
V
AGND to DGND
−0.3 to +0.3
V
VREF to AGND
−0.3 to AVDD + 0.3
V
Digital input voltage to DGND
−0.3 to DVDD + 0.3
V
Digital output voltage to DGND
−0.3 to DVDD + 0.3
V
Maximum junction temperature (TJ Max)
+150
°C
Operating temperature range
−40 to +125
°C
Storage temperature range
−65 to +150
°C
Junction to ambient (
qJA)
High K (2s 2p)
48.9
°C/W
Thermal resistance
Junction to ambient (
qJA)
Low K (1s)
72.9
°C/W
Thermal resistance
Junction to case (
qJC)
12.2
°C/W
Package power dissipation
(TJ Max − TAMBIENT)/qJA
W
Output current, all pins
200
mA
Output pin short-circuit
10
s
Digital Outputs
Output current
Continuous
100
mA
I/O source/sink current
100
mA
Power pin maximum
300
mA
(1) Stresses above those listed under Absolute Maximum Ratings may cause permanent damage to the device. Exposure to absolute maximum conditions for
extended periods may affect device reliability.


Similar Part No. - MSC1214

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
MSC1214 TI1-MSC1214 Datasheet
1Mb / 109P
[Old version datasheet]   Percision Analog-to-Digital Converter and Digital-to-Analog Converters
MSC1214Y2 TI-MSC1214Y2 Datasheet
920Kb / 105P
[Old version datasheet]   Precision Analog-to-Digital Converter (ADC) and Digital-to-Analog Converters (DACs) with 8051 Microcontroller and Flash Memory
MSC1214Y2PAGR TI-MSC1214Y2PAGR Datasheet
920Kb / 105P
[Old version datasheet]   Precision Analog-to-Digital Converter (ADC) and Digital-to-Analog Converters (DACs) with 8051 Microcontroller and Flash Memory
MSC1214Y2PAGT TI-MSC1214Y2PAGT Datasheet
920Kb / 105P
[Old version datasheet]   Precision Analog-to-Digital Converter (ADC) and Digital-to-Analog Converters (DACs) with 8051 Microcontroller and Flash Memory
MSC1214Y3 TI-MSC1214Y3 Datasheet
920Kb / 105P
[Old version datasheet]   Precision Analog-to-Digital Converter (ADC) and Digital-to-Analog Converters (DACs) with 8051 Microcontroller and Flash Memory
More results

Similar Description - MSC1214

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
MSC1211 TI-MSC1211 Datasheet
920Kb / 105P
[Old version datasheet]   Precision Analog-to-Digital Converter (ADC) and Digital-to-Analog Converters (DACs) with 8051 Microcontroller and Flash Memory
logo
Burr-Brown (TI)
MSC1212Y2 BURR-BROWN-MSC1212Y2 Datasheet
1Mb / 69P
   Precision Analog-to-Digital Converter (ADC)
logo
Texas Instruments
MSC1211 TI1-MSC1211_16 Datasheet
1Mb / 109P
[Old version datasheet]   Percision Analog-to-Digital Converter and Digital-to-Analog Converters
MSC1202Y3RHHTG4 TI1-MSC1202Y3RHHTG4 Datasheet
1Mb / 92P
[Old version datasheet]   Precision Analog-to-Digital Converter and Current-Output Digital-to-Analog Converter
logo
Analog Devices
AD9652 AD-AD9652_17 Datasheet
1Mb / 37P
   Analog-to-Digital Converter (ADC)
AD9258 AD-AD9258 Datasheet
2Mb / 45P
   Analog-to-Digital Converter (ADC)
logo
Texas Instruments
MSC1200 TI1-MSC1200_06 Datasheet
1Mb / 92P
[Old version datasheet]   Precision Analog-to-Digital Converter (ADC) and Current-Output Digital Converter (DAC)
MAY 2006
logo
Burr-Brown (TI)
MSC1202 BURR-BROWN-MSC1202 Datasheet
684Kb / 78P
   Precision, Analog-to-Digital Converter (ADC) and Digital-to-Analog Converter (DAC) with 8051 Microcontroller and Flash Memory
logo
Texas Instruments
MSC1200 TI-MSC1200 Datasheet
802Kb / 60P
[Old version datasheet]   Precision Analog-to-Digital Converter (ADC) and Digital-to-Analog Converter (DAC) with 8051 Microcontroller and Flash Memory
MSC1202Y3RHHTG4 TI-MSC1202Y3RHHTG4 Datasheet
1Mb / 92P
[Old version datasheet]   Precision Analog -to-Digital Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com