Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UCC27425-Q1 Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # UCC27425-Q1
Description  DUAL 4-A HIGH-SPEED LOW-SIDE MOSFET DRIVERS WITH ENABLE
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

UCC27425-Q1 Datasheet(HTML) 10 Page - Texas Instruments

Back Button UCC27425-Q1 Datasheet HTML 6Page - Texas Instruments UCC27425-Q1 Datasheet HTML 7Page - Texas Instruments UCC27425-Q1 Datasheet HTML 8Page - Texas Instruments UCC27425-Q1 Datasheet HTML 9Page - Texas Instruments UCC27425-Q1 Datasheet HTML 10Page - Texas Instruments UCC27425-Q1 Datasheet HTML 11Page - Texas Instruments UCC27425-Q1 Datasheet HTML 12Page - Texas Instruments UCC27425-Q1 Datasheet HTML 13Page - Texas Instruments UCC27425-Q1 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 28 page
background image
VDD − Supply Voltage − V
20
22
24
26
32
34
38
28
30
36
DELAY TIME (tD2)
vs
SUPPLY VOLTAGE (UCC27423)
1 nF
4.7 nF
2.2 nF
10 nF
470 pF
4
10
16
8
6
12
14
DELAY TIME (tD1)
vs
SUPPLY VOLTAGE (UCC27423)
12
14
16
18
20
22
30
24
26
28
VDD − Supply Voltage − V
1 nF
4.7 nF
2.2 nF
10 nF
470 pF
4
10
16
8
6
12
14
1.0
1.5
2.0
2.5
3.0
0
0.5
−50
125
−25
0
25
50
100
75
ENABLE THRESHOLD AND HYSTERESIS
vs
TEMPERATURE
TJ − Temperature − °C
ENBL − ON
ENBL − OFF
ENBL − HYSTERESIS
ENABLE RESISTANCE
vs
TEMPERATURE
TJ − Temperature − °C
110
130
140
100
150
120
70
80
90
60
−50
125
−25
0
25
50
100
75
50
UCC27423-Q1
UCC27424-Q1
UCC27425-Q1
SGLS274D
– SEPTEMBER 2008 – REVISED AUGUST 2011
www.ti.com
TYPICAL CHARACTERISTICS (continued)
Figure 16.
<br/>
Figure 17.
<br/>
<br/>
<br/>
Figure 18.
<br/>
Figure 19.
<br/>
<br/>
<br/>
10
Copyright
© 2008–2011, Texas Instruments Incorporated


Similar Part No. - UCC27425-Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC27425 TI-UCC27425 Datasheet
385Kb / 24P
[Old version datasheet]   DUAL 4-A HIGH SPEED LOW SIDE MOSFET DRIVERS WITH ENABLE
UCC27425D TI-UCC27425D Datasheet
385Kb / 24P
[Old version datasheet]   DUAL 4-A HIGH SPEED LOW SIDE MOSFET DRIVERS WITH ENABLE
UCC27425D TI1-UCC27425D Datasheet
1Mb / 30P
[Old version datasheet]   Dual 4-A High Speed Low-Side MOSFET Drivers With Enable
UCC27425D TI1-UCC27425D Datasheet
1Mb / 30P
[Old version datasheet]   Dual 4-A High Speed Low-Side MOSFET Drivers With Enable
UCC27425D TI1-UCC27425D Datasheet
1Mb / 34P
[Old version datasheet]   Dual 4-A High Speed Low-Side MOSFET Drivers
More results

Similar Description - UCC27425-Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC27423 TI-UCC27423 Datasheet
385Kb / 24P
[Old version datasheet]   DUAL 4-A HIGH SPEED LOW SIDE MOSFET DRIVERS WITH ENABLE
UCC27423 TI1-UCC27423_13 Datasheet
1Mb / 30P
[Old version datasheet]   Dual 4-A High Speed Low-Side MOSFET Drivers With Enable
UCC27423-Q1 TI1-UCC27423-Q1_15 Datasheet
1Mb / 29P
[Old version datasheet]   DUAL 4-A HIGH-SPEED LOW-SIDE MOSFET DRIVERS WITH ENABLE
UCC27424DR TI1-UCC27424DR Datasheet
1Mb / 30P
[Old version datasheet]   Dual 4-A High Speed Low-Side MOSFET Drivers With Enable
logo
ON Semiconductor
NCV81071 ONSEMI-NCV81071 Datasheet
224Kb / 12P
   Dual 5 A High Speed Low-Side MOSFET Drivers with Enable
August, 2017 ??Rev. 0
logo
Texas Instruments
UCC27423-EP TI1-UCC27423-EP Datasheet
988Kb / 29P
[Old version datasheet]   DUAL 4-A HIGH-SPEED LOW-SIDE MOSFET DRIVER WITH ENABLE
UCC27423-EP TI1-UCC27423-EP_16 Datasheet
1Mb / 31P
[Old version datasheet]   Dual 4-A High-Speed Low-Side MOSFET Driver With Enable
UCC27423 TI1-UCC27423_15 Datasheet
1Mb / 34P
[Old version datasheet]   Dual 4-A High Speed Low-Side MOSFET Drivers
UCC27423-EP TI1-UCC27423-EP_15 Datasheet
1Mb / 31P
[Old version datasheet]   UCC2742x-EP Dual 4-A High-Speed Low-Side MOSFET Driver With Enable
UCC27324-Q1 TI1-UCC27324-Q1 Datasheet
237Kb / 16P
[Old version datasheet]   DUAL 4-A PEAK HIGH-SPEED LOW-SIDE POWER MOSFET DRIVERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com