Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UCC27424QDGNRQ1 Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # UCC27424QDGNRQ1
Description  DUAL 4-A HIGH-SPEED LOW-SIDE MOSFET DRIVERS WITH ENABLE
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

UCC27424QDGNRQ1 Datasheet(HTML) 2 Page - Texas Instruments

  UCC27424QDGNRQ1 Datasheet HTML 1Page - Texas Instruments UCC27424QDGNRQ1 Datasheet HTML 2Page - Texas Instruments UCC27424QDGNRQ1 Datasheet HTML 3Page - Texas Instruments UCC27424QDGNRQ1 Datasheet HTML 4Page - Texas Instruments UCC27424QDGNRQ1 Datasheet HTML 5Page - Texas Instruments UCC27424QDGNRQ1 Datasheet HTML 6Page - Texas Instruments UCC27424QDGNRQ1 Datasheet HTML 7Page - Texas Instruments UCC27424QDGNRQ1 Datasheet HTML 8Page - Texas Instruments UCC27424QDGNRQ1 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 28 page
background image
ENBA
INA
GND
INB
ENBB
OUTA
VDD
OUTB
8
7
6
5
1
2
3
4
ENBA
INA
GND
INB
ENBB
OUTA
VDD
OUTB
8
7
6
5
1
2
3
4
(DUAL INVERTING)
(DUAL NON-INVERTING)
UCC27423
D OR DGN PACKAGE
(TOP VIEW)
UCC27424
D OR DGN PACKAGE
(TOP VIEW)
ENBA
INA
GND
INB
ENBB
OUTA
VDD
OUTB
8
7
6
5
1
2
3
4
(ONE INVERTING,
ONE NON-INVERTING)
UCC27425
D PACKAGE
(TOP VIEW)
UCC27423-Q1
UCC27424-Q1
UCC27425-Q1
SGLS274D
– SEPTEMBER 2008 – REVISED AUGUST 2011
www.ti.com
ORDERING INFORMATION(1)(2)
ORDERABLE
TA
CONFIGURATION
PACKAGE
TOP-SIDE MARKING
PART NUMBER
Dual Inverting
UCC27423QDGNRQ1
EADQ
MSOP
– DGN
Reel of 2500
Dual Noninverting
UCC27424QDGNRQ1
EPJQ
Dual Inverting
UCC27423QDRQ1
27423Q
–40°C to 125°C
Dual Noninverting
UCC27424QDRQ1
27424Q
SOIC
– D
Reel of 2500
One Inverting,
UCC27425QDRQ1
27425Q
One Noninverting
(1)
For the most current package and ordering information, see the Package Option Addendum at the end of this document, or see the TI
web site at www.ti.com.
(2)
Package drawings, thermal data, and symbolization are available at www.ti.com/packaging.
TERMINAL FUNCTIONS
TERMINAL
I/O
DESCRIPTION
NAME
NO.
Enable input for the driver A with logic compatible threshold and hysteresis. The driver output can be enabled
ENBA
1
I
and disabled with this pin. It is internally pulled up to VDD with 100-kΩ resistor for active high operation. The
output state when the device is disabled is low, regardless of the input state.
Input A. Input signal of the A driver which has logic compatible threshold and hysteresis. If not used, this input
INA
2
I
should be tied to either VDD or GND. It should not be left floating.
Common ground. This ground should be connected very closely to the source of the power MOSFET which
GND
3
the driver is driving.
Input B. Input signal of the A driver which has logic compatible threshold and hysteresis. If not used, this input
INB
4
I
should be tied to either VDD or GND. It should not be left floating.
OUTB
5
O
Driver output B. The output stage is capable of providing 4-A drive current to the gate of a power MOSFET.
VDD
6
Supply voltage and the power input connection for this device.
OUTA
7
O
Driver output A. The output stage is capable of providing 4-A drive current to the gate of a power MOSFET.
Enable input for the driver B with logic compatible threshold and hysteresis. The driver output can be enabled
ENBB
8
I
and disabled with this pin. It is internally pulled up to VDD with 100-kΩ resistor for active high operation. The
output state when the device is disabled is low, regardless of the input state.
2
Copyright
© 2008–2011, Texas Instruments Incorporated


Similar Part No. - UCC27424QDGNRQ1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC27424 TI-UCC27424 Datasheet
385Kb / 24P
[Old version datasheet]   DUAL 4-A HIGH SPEED LOW SIDE MOSFET DRIVERS WITH ENABLE
UCC27424-EP TI1-UCC27424-EP Datasheet
1Mb / 31P
[Old version datasheet]   Dual 4-A High-Speed Low-Side MOSFET Driver With Enable
UCC27424D TI-UCC27424D Datasheet
385Kb / 24P
[Old version datasheet]   DUAL 4-A HIGH SPEED LOW SIDE MOSFET DRIVERS WITH ENABLE
UCC27424D TI1-UCC27424D Datasheet
1Mb / 30P
[Old version datasheet]   Dual 4-A High Speed Low-Side MOSFET Drivers With Enable
UCC27424D TI1-UCC27424D Datasheet
1Mb / 30P
[Old version datasheet]   Dual 4-A High Speed Low-Side MOSFET Drivers With Enable
More results

Similar Description - UCC27424QDGNRQ1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC27423 TI-UCC27423 Datasheet
385Kb / 24P
[Old version datasheet]   DUAL 4-A HIGH SPEED LOW SIDE MOSFET DRIVERS WITH ENABLE
UCC27423 TI1-UCC27423_13 Datasheet
1Mb / 30P
[Old version datasheet]   Dual 4-A High Speed Low-Side MOSFET Drivers With Enable
UCC27423-Q1 TI1-UCC27423-Q1_15 Datasheet
1Mb / 29P
[Old version datasheet]   DUAL 4-A HIGH-SPEED LOW-SIDE MOSFET DRIVERS WITH ENABLE
UCC27424DR TI1-UCC27424DR Datasheet
1Mb / 30P
[Old version datasheet]   Dual 4-A High Speed Low-Side MOSFET Drivers With Enable
logo
ON Semiconductor
NCV81071 ONSEMI-NCV81071 Datasheet
224Kb / 12P
   Dual 5 A High Speed Low-Side MOSFET Drivers with Enable
August, 2017 ??Rev. 0
logo
Texas Instruments
UCC27423-EP TI1-UCC27423-EP Datasheet
988Kb / 29P
[Old version datasheet]   DUAL 4-A HIGH-SPEED LOW-SIDE MOSFET DRIVER WITH ENABLE
UCC27423-EP TI1-UCC27423-EP_16 Datasheet
1Mb / 31P
[Old version datasheet]   Dual 4-A High-Speed Low-Side MOSFET Driver With Enable
UCC27423 TI1-UCC27423_15 Datasheet
1Mb / 34P
[Old version datasheet]   Dual 4-A High Speed Low-Side MOSFET Drivers
UCC27423-EP TI1-UCC27423-EP_15 Datasheet
1Mb / 31P
[Old version datasheet]   UCC2742x-EP Dual 4-A High-Speed Low-Side MOSFET Driver With Enable
UCC27324-Q1 TI1-UCC27324-Q1 Datasheet
237Kb / 16P
[Old version datasheet]   DUAL 4-A PEAK HIGH-SPEED LOW-SIDE POWER MOSFET DRIVERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com