Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BCM48BT120M300A00 Datasheet(PDF) 1 Page - Vicor Corporation

Part # BCM48BT120M300A00
Description  Bus Converter
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VICOR [Vicor Corporation]
Direct Link  http://www.vicorpower.com
Logo VICOR - Vicor Corporation

BCM48BT120M300A00 Datasheet(HTML) 1 Page - Vicor Corporation

  BCM48BT120M300A00 Datasheet HTML 1Page - Vicor Corporation BCM48BT120M300A00 Datasheet HTML 2Page - Vicor Corporation BCM48BT120M300A00 Datasheet HTML 3Page - Vicor Corporation BCM48BT120M300A00 Datasheet HTML 4Page - Vicor Corporation BCM48BT120M300A00 Datasheet HTML 5Page - Vicor Corporation BCM48BT120M300A00 Datasheet HTML 6Page - Vicor Corporation BCM48BT120M300A00 Datasheet HTML 7Page - Vicor Corporation BCM48BT120M300A00 Datasheet HTML 8Page - Vicor Corporation BCM48BT120M300A00 Datasheet HTML 9Page - Vicor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
Rev. 1.2
7/2011
Page 1 of 18
V•I CHIP CORP. (A VICOR COMPANY) 25 FRONTAGE RD. ANDOVER, MA 01810 800-735-6200
vicorpower.com
x 120
300A00
y
B
48
BCM
PRELIMINARY DATASHEET
BCM™
Bus Converter
SW1
enable / disable
switch
F1
V
IN
PC
TM
-Out
+Out
-In
+In
L
O
A
D
BCM
TM
Bus Converter
FEATURES
48 Vdc – 12 Vdc 300 W Bus Converter
High efficiency (>96%) reduces system
power consumption
High power density (>1022 W/in3)
reduces power system footprint by >40%
Contains built-in protection features:
- Undervoltage
- Overvoltage Lockout
- Overcurrent Protection
- Short circuit Protection
- Overtemperature Protection
Provides enable/disable control,
internal temperature monitoring
Can be paralleled to create multi-kW arrays
TYPICAL APPLICATIONS
High End Computing Systems
Automated Test Equipment
High Density Power Supplies
Communications Systems
DESCRIPTION
The VI Chip™ bus converter is a high efficiency (>96%) Sine
Amplitude Converter™ (SAC™) operating from a 38 to 55 Vdc
primary bus to deliver an isolated, unregulated 9.5 to 13.8
output. The Sine Amplitude Converter offers a low AC
impedance beyond the bandwidth of most downstream
regulators; therefore capacitance normally at the load can be
located at the input to the Sine Amplitude Converter. Since the
transformation ratio of the BCM48BF120T300A00 is 1/4, the
capacitance value can be reduced by a factor of 16x, resulting
in savings of board area, materials and total system cost.
The BCM48BF120T300A00 is provided in a VI Chip package
compatible with standard pick-and-place and surface mount
assembly processes. The co-molded VI Chip package provides
enhanced thermal management due to a large thermal
interface area and superior thermal conductivity. The high
conversion efficiency of the BCM48BF120T300A00 increases
overall system efficiency and lowers operating costs compared
to conventional approaches.
TYPICAL APPLICATION
C
US
®
S
NRTL
C
US
PART NUMBER
PACKAGE STYLE
PRODUCT GRADE
F = J-Lead
T = -40° to 125°C
T = Through hole
M = -55° to 125°C
PART NUMBERING
For Storage and Operating Temperatures see Section 6.0 General Characteristics
120
x
y 300A00
B
48
BCM


Similar Part No. - BCM48BT120M300A00

ManufacturerPart #DatasheetDescription
logo
Vicor Corporation
BCM48BT120M300A00 VICOR-BCM48BT120M300A00 Datasheet
2Mb / 18P
   Fixed Ratio DC-DC Converter
More results

Similar Description - BCM48BT120M300A00

ManufacturerPart #DatasheetDescription
logo
Murata Power Solutions ...
EUS25-096 MURATA-PS-EUS25-096 Datasheet
1Mb / 7P
   BUS CONVERTER
EUS30-080 MURATA-PS-EUS30-080 Datasheet
1Mb / 7P
   BUS CONVERTER
EUS20-120 MURATA-PS-EUS20-120 Datasheet
685Kb / 7P
   Bus Converter
logo
Vicor Corporation
B048F480T30 VICOR-B048F480T30_11 Datasheet
1Mb / 12P
   Bus Converter
VIB0010TFJ VICOR-VIB0010TFJ_10 Datasheet
1Mb / 17P
   Bus Converter
B048F096T24 VICOR-B048F096T24_11 Datasheet
1Mb / 12P
   Bus Converter
BCM384F480T325A00 VICOR-BCM384F480T325A00 Datasheet
1Mb / 18P
   Bus Converter
logo
Murata Power Solutions ...
EUS15-120 MURATA-PS-EUS15-120 Datasheet
491Kb / 8P
   BUS CONVERTER
logo
Vicor Corporation
BCM48BH120M120A00 VICOR-BCM48BH120M120A00 Datasheet
1Mb / 16P
   Bus Converter
B048F240T30 VICOR-B048F240T30_12 Datasheet
1Mb / 12P
   Bus Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com