Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IB050E120T40N1-00 Datasheet(PDF) 10 Page - Vicor Corporation

Part # IB050E120T40N1-00
Description  4:1 Intermediate Bus Converter Module: Up to 500 W Output
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VICOR [Vicor Corporation]
Direct Link  http://www.vicorpower.com
Logo VICOR - Vicor Corporation

IB050E120T40N1-00 Datasheet(HTML) 10 Page - Vicor Corporation

Back Button IB050E120T40N1-00 Datasheet HTML 5Page - Vicor Corporation IB050E120T40N1-00 Datasheet HTML 6Page - Vicor Corporation IB050E120T40N1-00 Datasheet HTML 7Page - Vicor Corporation IB050E120T40N1-00 Datasheet HTML 8Page - Vicor Corporation IB050E120T40N1-00 Datasheet HTML 9Page - Vicor Corporation IB050E120T40N1-00 Datasheet HTML 10Page - Vicor Corporation IB050E120T40N1-00 Datasheet HTML 11Page - Vicor Corporation IB050E120T40N1-00 Datasheet HTML 12Page - Vicor Corporation IB050E120T40N1-00 Datasheet HTML 13Page - Vicor Corporation  
Zoom Inzoom in Zoom Outzoom out
 10 / 13 page
background image
VI BRICK IBC Module
IB050E120T40N1-00
vicorpower.com
Rev. 1.4
Page 10 of 13
+In / -In – DC Voltage Input Pins
The IBC input voltage range should not be exceeded. An internal
undervoltage / overvoltage lockout function prevents operation outside of
the normal operating input range. The IBC turns on within an input voltage
window bounded by the “Input under-voltage turn-on” and “Input
over-voltage turn-off” levels, as specified. The IBC may be protected against
accidental application of a reverse input voltage by the addition of a
rectifier in series with the positive input, or a reverse rectifier in shunt with
the positive input located on the load side of the input fuse.
The connection of the IBC to its power source should be implemented with
minimal distribution inductance. If the interconnect inductance exceeds
100 nH, the input should be bypassed with a RC damper to retain low
source impedance and stable operation. With an interconnect inductance
of 200 nH, the RC damper may be 47
µF in series with 0.3 Ω. A single
electrolytic or equivalent low-Q capacitor may be used in place of the series
RC bypass.
EN - Enable/Disable
Negative Logic Option
If the EN port is left floating, the IBC output is disabled. Once this port is-
pulled lower than 0.8 Vdc with respect to –In, the output is enabled. The
EN port can be driven by a relay, opto-coupler, or open collector transistor.
Refer to Figures 6 and 7 for the typical enable / disable characteristics. This
port should not be toggled at a rate higher than 1 Hz. The EN port should
also not be driven by or pulled up to an external voltage source.
Positive Logic Option
If the EN port is left floating, the IBC output is enabled. Once this port is
pulled lower than 1.4 Vdc with respect to –In, the output is disabled. This
action can be realized by employing a relay, opto-coupler, or open collector
transistor. This port should not be toggled at a rate higher than 1 Hz.
The EN port should also not be driven by or pulled up to an external volt-
age source. The EN port can source up to 2 mA at 5 Vdc. The EN port
should never be used to sink current.
If the IBC is disabled using the EN pin, the module will attempt to restart
approximately every 250ms. Once the module has been disabled for at least
250ms, the turn on delay after the EN pin is enabled will be as shown in
Figure 7.
+Out / -Out – DC Voltage Output Pins
Total load capacitance at the output of the IBC should not exceed the
specified maximum. Owing to the wide bandwidth and low output
impedance of the IBC, low frequency bypass capacitance and significant
energy storage may be more densely and efficiently provided by adding
capacitance at the input of the IBC.
PIN / CONTROL FUNCTIONS
Top View
1
2
3
5
4
Pin
Function
1
Vin+
2
Enable
3
Vin-
4
Vout-
5
Vout+
Figure 30 — IBC Pin Designations


Similar Part No. - IB050E120T40N1-00

ManufacturerPart #DatasheetDescription
logo
Vicor Corporation
IB050E120T40N1-00 VICOR-IB050E120T40N1-00 Datasheet
1Mb / 17P
   4:1 Intermediate Bus Converter Module: Up to 500W Output
More results

Similar Description - IB050E120T40N1-00

ManufacturerPart #DatasheetDescription
logo
Vicor Corporation
IB048E120T40N1-00 VICOR-IB048E120T40N1-00_14 Datasheet
3Mb / 16P
   4:1 Intermediate Bus Converter Module: Up to 500 W Output
IB048E120T40N1-00 VICOR-IB048E120T40N1-00 Datasheet
1Mb / 13P
   4:1 Intermediate Bus Converter Module: Up to 500 W Output
IB054E120T40N1-00 VICOR-IB054E120T40N1-00 Datasheet
1Mb / 13P
   4:1 Intermediate Bus Converter Module: Up to 500 W Output
IB048E096T48N1-00 VICOR-IB048E096T48N1-00 Datasheet
992Kb / 13P
   5:1 Intermediate Bus Converter Module: Up to 500 W Output
IB050E096T48N1-00 VICOR-IB050E096T48N1-00 Datasheet
1Mb / 13P
   5:1 Intermediate Bus Converter Module: Up to 500 W Output
IB054E096T48N1-00 VICOR-IB054E096T48N1-00 Datasheet
1,002Kb / 13P
   5:1 Intermediate Bus Converter Module: Up to 500 W Output
IB048E120T32N1-00 VICOR-IB048E120T32N1-00 Datasheet
1Mb / 13P
   4:1 Intermediate Bus Converter Module: Up to 300 W Output
IB048Q120T53N1-00 VICOR-IB048Q120T53N1-00 Datasheet
1Mb / 14P
   4:1 Intermediate Bus Converter Module: Up to 650 W Output
IB054E120T32N1-00 VICOR-IB054E120T32N1-00 Datasheet
1Mb / 13P
   4:1 Intermediate Bus Converter Module: Up to 300 W Output
IB054Q120T53N1-00 VICOR-IB054Q120T53N1-00 Datasheet
1Mb / 14P
   4:1 Intermediate Bus Converter Module: Up to 650 W Output
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com