Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MCR100-8 Datasheet(PDF) 1 Page - Tiger Electronic Co.,Ltd

Part # MCR100-8
Description  TO-92 Plastic-Encapsulate Transistors (TO-92)
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TGS [Tiger Electronic Co.,Ltd]
Direct Link  http://www.tgselec.com
Logo TGS - Tiger Electronic Co.,Ltd

MCR100-8 Datasheet(HTML) 1 Page - Tiger Electronic Co.,Ltd

  MCR100-8 Datasheet HTML 1Page - Tiger Electronic Co.,Ltd MCR100-8 Datasheet HTML 2Page - Tiger Electronic Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
TO-92 Plastic-Encapsulate Transistors
MCR 100- 6, - 8 Silicon Planar PNPN Thyristor
FEATURES
Current-IGT:
200
µ
A
ITRMS:
0.8
A
VDRM:
MCR100-6:
400
V
MCR100-8:
600
V
Operating and storage junction temperature range
TJ, Tstg: -55
℃ to +150℃
ELECTRICAL
CHARACTERISTICS (Tamb=25
℃ unless otherwise specified)
Parameter
Symbol
Test
conditions
MIN
MAX
UNIT
On state voltage *
VTM
ITM=1A
1.7
V
Gate trigger voltage
VGT
VAK=7V
0.8
V
Peak Repetitive forward and reverse
blocking voltage
MCR100-6
MCR100-8
VDRM
AND
VRRM
IDRM= 10 µA ,VMAX=1010 V
400
600
V
Peak forward or reverse blocking
Current
IDRM
IRRM
VAK= Rated
VDRM or VRRM
10
µA
Holding current
IH
IHL= 20 mA , Av = 7 V
5
mA
A2
5
15
µA
A1
15
30
µA
A
30
80
µA
Gate trigger current
IGT
B
VAK=7V
80
200
µA
* Forward current applied for 1 ms maximum duration, duty cycle≤1%.
1 2 3
TO-92
1. KATHODE
2. GATE
3. ANODE
TIGER ELECTRONIC CO.,LTD


Similar Part No. - MCR100-8

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MCR100-8 MOTOROLA-MCR100-8 Datasheet
81Kb / 4P
   Silicon Controlled Rectifiers(Reverse Blocking Triode Thyristors)
logo
Tiger Electronic Co.,Lt...
MCR100-8 TGS-MCR100-8 Datasheet
118Kb / 2P
   SOT-89 Plastic-Encapsulate Transistors (SOT-89)
logo
First Silicon Co., Ltd
MCR100-8 FS-MCR100-8 Datasheet
245Kb / 2P
   Silicon Planar PNPN Thyristor
logo
Unisonic Technologies
MCR100-8 UTC-MCR100-8 Datasheet
15Kb / 2P
   PLASTIC SILICON CONTROLLED RECTIFIERS(PNPN devices designed for high volume)
logo
Apollo Electron Co., Lt...
MCR100-8 APOLLOELECTRON-MCR100-8 Datasheet
3Mb / 5P
   Sensitive Gate Silicon Controlled Rectifiers
More results

Similar Description - MCR100-8

ManufacturerPart #DatasheetDescription
logo
Avic Technology
AV42 AVICTEK-AV42 Datasheet
148Kb / 2P
   TO-92 Plastic-Encapsulate Transistors
AV1015 AVICTEK-AV1015 Datasheet
423Kb / 3P
   TO-92 Plastic-Encapsulate Transistors
AV1815 AVICTEK-AV1815 Datasheet
404Kb / 3P
   TO-92 Plastic-Encapsulate Transistors
AV4401 AVICTEK-AV4401 Datasheet
478Kb / 3P
   TO-92 Plastic-Encapsulate Transistors
logo
Jiangsu Changjiang Elec...
2SC2001 JIANGSU-2SC2001 Datasheet
802Kb / 5P
   TO-92 Plastic-Encapsulate Transistors
logo
Jiangsu High diode Semi...
S9014-TO-92 HDSEMI-S9014-TO-92 Datasheet
2Mb / 4P
   TO-92 Plastic-Encapsulate Transistors
logo
Jiangsu Changjiang Elec...
2SD1513 JIANGSU-2SD1513 Datasheet
422Kb / 3P
   TO-92 Plastic-Encapsulate Transistors
2SD1835 JIANGSU-2SD1835 Datasheet
1Mb / 4P
   TO-92 Plastic-Encapsulate Transistors
BC237 JIANGSU-BC237 Datasheet
1Mb / 4P
   TO-92 Plastic-Encapsulate Transistors
BC327 JIANGSU-BC327 Datasheet
534Kb / 4P
   TO-92 Plastic-Encapsulate Transistors
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com