Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MP028F036M12AL Datasheet(PDF) 7 Page - Vicor Corporation

Part # MP028F036M12AL
Description  Regulator 28 Vdc Input
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VICOR [Vicor Corporation]
Direct Link  http://www.vicorpower.com
Logo VICOR - Vicor Corporation

MP028F036M12AL Datasheet(HTML) 7 Page - Vicor Corporation

Back Button MP028F036M12AL Datasheet HTML 3Page - Vicor Corporation MP028F036M12AL Datasheet HTML 4Page - Vicor Corporation MP028F036M12AL Datasheet HTML 5Page - Vicor Corporation MP028F036M12AL Datasheet HTML 6Page - Vicor Corporation MP028F036M12AL Datasheet HTML 7Page - Vicor Corporation MP028F036M12AL Datasheet HTML 8Page - Vicor Corporation MP028F036M12AL Datasheet HTML 9Page - Vicor Corporation MP028F036M12AL Datasheet HTML 10Page - Vicor Corporation MP028F036M12AL Datasheet HTML 11Page - Vicor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
vicorpower.com
800-735-6200
PRM™ Regulator
MP028F036M12AL
Rev. 3.3
Page 7 of 14
Auxiliary Pins (Conditions are at 28 VIN, 36 VF, full load, and 25°C ambient unless otherwise specified)
Parameter
Min
Typ
Max
Unit
Note
VC (VTM Control)
Pulse width
8
12
18
ms
Peak voltage
12
14
18
V
Referenced to –Out
PC (Primary Control)
DC voltage
4.8
5.0
5.2
Vdc
Referenced to –In
Module disable voltage
2.3
2.4
Vdc
Referenced to –In
Module enable voltage
2.5
2.6
Vdc
Disable hysteresis
100
mV
Source only after start up; not to be used for
Current limit
1.75
1.90
mA
aux. supply; 100 k
Ω minimum load
impedance to assure start up.
Enable delay time
100
µs
Disable delay time
1
µs
IL (Current Limit Adjust)
Voltage
0.95
1
1.05
V
Accuracy
± 15
%
Based on DC current limit set point
PR (Parallel Port)
Voltage
2.5
3.5
V
Referenced to SG; See description Page 8
Source current
1
mA
External capacitance
100
pF
VH (Auxiliary Voltage)
Typical internal bypass C = 0.1 µF
Range
8.7
9.0
9.3
Vdc
Maximum external C = 0.1 µF, referenced to SG
Regulation
0.04
%/mA
Current
5
mA p
SC (Secondary Control)
Voltage
1.23
1.24
1.25
Vdc
Referenced to SG
Internal capacitance
0.22
µF
External capacitance
0.7
µF
OS (Output Set)
Set point accuracy
± 1.5
%
Includes 1% external resistor
Reference offset
± 4
mV
CD (Compensation Device)
External resistance
20
Ω
Omit resistor for regulation
at output of PRM module
Parameter
Min
Typ
Max
Unit
Note
MTBF
MIL-HDBK-217F
3,021,658
hrs
25°C, GB
543,747
hrs
50°C, NS
426,053
hrs
65°C, AIC
Agency approvals
cTÜVus
UL /CSA 60950-1, EN 60950-1
CE Mark
Low voltage directive
Mechanical
See mechanical drawings, Figures 19 – 22
Weight
0.53 / 15
oz / g
Dimensions
Length
1.28 / 32.5
in / mm
Width
0.87 / 22
in / mm
Height
0.26 5/ 6,73
in / mm
Thermal
Over temperature shutdown
130
135
140
°C
Junction temperature
Thermal capacity
9.3
Ws/°C
Junction-to-case thermal impedance (RθJC)1.1
°C / W
Junction-to-board thermal impedance (RθJB)2.1
°C / W
Case-to-ambient
3.7
°C / W
With 0.25” heat sink @ 300 LFM
General Specs
Electrical Specifications (continued)
V•I Chip Regulator


Similar Part No. - MP028F036M12AL

ManufacturerPart #DatasheetDescription
logo
Vicor Corporation
MP028F036M12AL VICOR-MP028F036M12AL Datasheet
1Mb / 14P
   PRM Regulator 28 Vdc Input
MP028F036M12AL VICOR-MP028F036M12AL Datasheet
1Mb / 14P
   PRM Regulator 28 Vdc Input
MP028F036M12AL VICOR-MP028F036M12AL Datasheet
2Mb / 14P
   Non-isolated Regulator
MP028F036M12AL-CB VICOR-MP028F036M12AL-CB Datasheet
507Kb / 9P
   PRM짰 and VTM짰 Customer Evaluation Boards
MP028F036M12AL VICOR-MP028F036M12AL_1 Datasheet
1Mb / 14P
   PRM Regulator 28 Vdc Input
More results

Similar Description - MP028F036M12AL

ManufacturerPart #DatasheetDescription
logo
Vicor Corporation
MP028F036M12AL VICOR-MP028F036M12AL_1 Datasheet
1Mb / 14P
   PRM Regulator 28 Vdc Input
MP028F036M12AL VICOR-MP028F036M12AL Datasheet
1Mb / 14P
   PRM Regulator 28 Vdc Input
logo
ABLIC Inc.
S-1222B ABLIC-S-1222B Datasheet
1Mb / 65P
   28 V INPUT, 200 mA VOLTAGE REGULATOR
Rev.2.1_00
logo
Zilog, Inc.
IXD1701 ZILOG-IXD1701 Datasheet
3Mb / 33P
   28 V Input High Speed Voltage Regulator
logo
Texas Instruments
TPS7A4201 TI1-TPS7A4201 Datasheet
740Kb / 19P
[Old version datasheet]   28-V Input Voltage, 50-mA Voltage Regulator
logo
Tyco Electronics
FC250R MACOM-FC250R Datasheet
1Mb / 20P
   Power Module:dc-dc Converter; 18 Vdc to 36 Vdc Input, 28 Vdc Output; 250 W
logo
Texas Instruments
TPS7A4201_15 TI-TPS7A4201_15_15 Datasheet
932Kb / 22P
[Old version datasheet]   TPS7A4201 28-V Input Voltage, 50-mA Voltage Regulator
logo
Freescale Semiconductor...
MC34676 FREESCALE-MC34676 Datasheet
1Mb / 27P
   Dual 28 V Input Voltage Charger with Linear Regulator
logo
Mallory Sonalert Produc...
SCE028LD3DT7B MSPI-SCE028LD3DT7B Datasheet
55Kb / 1P
   SCE028LD3DT7B16 to 28 VDC
logo
List of Unclassifed Man...
FC020 ETC1-FC020 Datasheet
892Kb / 15P
   FC020-SERIES POWER MODULES : DC-DC CONVERTERS ; 28 VDC INPUT, 20W
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com