Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

Q67000-S225 Datasheet(PDF) 8 Page - Siemens Semiconductor Group

Part # Q67000-S225
Description  SIPMOS Small-Signal Transistor (N channel Enhancement mode Avalanche rated)
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

Q67000-S225 Datasheet(HTML) 8 Page - Siemens Semiconductor Group

  Q67000-S225 Datasheet HTML 1Page - Siemens Semiconductor Group Q67000-S225 Datasheet HTML 2Page - Siemens Semiconductor Group Q67000-S225 Datasheet HTML 3Page - Siemens Semiconductor Group Q67000-S225 Datasheet HTML 4Page - Siemens Semiconductor Group Q67000-S225 Datasheet HTML 5Page - Siemens Semiconductor Group Q67000-S225 Datasheet HTML 6Page - Siemens Semiconductor Group Q67000-S225 Datasheet HTML 7Page - Siemens Semiconductor Group Q67000-S225 Datasheet HTML 8Page - Siemens Semiconductor Group Q67000-S225 Datasheet HTML 9Page - Siemens Semiconductor Group  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
Semiconductor Group
8
Sep-12-1996
BSP 299
Avalanche energy
E
AS = ƒ(Tj)
parameter:
ID = 1.2 A, VDD = 50 V
RGS = 25 Ω, L = 163 mH
20
40
60
80
100
120
°C
160
T
j
0
10
20
30
40
50
60
70
80
90
100
110
120
mJ
140
E
AS
Drain-source breakdown voltage
V(BR)DSS = ƒ(Tj)
-60
-20
20
60
100
°C
160
T
j
450
460
470
480
490
500
510
520
530
540
550
560
570
580
V
600
V
(BR)DSS
Safe operating area
ID=f(VDS)
parameter :
D = 0.01, TC=25°C


Similar Part No. - Q67000-S225

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
Q67000-S220 SIEMENS-Q67000-S220 Datasheet
140Kb / 9P
   SIPMOS Small-Signal Transistor (N channel Enhancement mode Avalanche rated)
Q67000-S221 SIEMENS-Q67000-S221 Datasheet
330Kb / 6P
   SIPMOS Small-Signal Transistor (N channel Depletion mode High dynamic resistance)
Q67000-S224 SIEMENS-Q67000-S224 Datasheet
101Kb / 8P
   SIPMOS Small-Signal Transistor (P channel Enhancement mode Logic Level Avalanche rated)
Q67000-S227 SIEMENS-Q67000-S227 Datasheet
66Kb / 6P
   MiniPROFET (High-side switch Short-circuit protection Overtemperature protection with hysteresis)
Q67000-S229 SIEMENS-Q67000-S229 Datasheet
131Kb / 8P
   SIPMOS Small-Signal Transistor (N channel Enhancement mode Logic Level)
More results

Similar Description - Q67000-S225

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
BSP17 SIEMENS-BSP17 Datasheet
140Kb / 9P
   SIPMOS Small-Signal Transistor (N channel Enhancement mode Avalanche rated)
BSP373 SIEMENS-BSP373 Datasheet
168Kb / 9P
   SIPMOS Small-Signal Transistor (N channel Enhancement mode Avalanche rated)
BSP298 SIEMENS-BSP298 Datasheet
170Kb / 9P
   SIPMOS Small-Signal Transistor (N channel Enhancement mode Avalanche rated)
BSP300 SIEMENS-BSP300 Datasheet
98Kb / 8P
   SIPMOS Small-Signal Transistor (N channel Enhancement mode Avalanche rated)
BSP320S SIEMENS-BSP320S Datasheet
130Kb / 8P
   SIPMOS Small-Signal Transistor (N channel Enhancement mode Avalanche rated)
BSP170 SIEMENS-BSP170 Datasheet
101Kb / 8P
   SIPMOS Small-Signal Transistor (P channel Enhancement mode Avalanche rated)
BSP372 SIEMENS-BSP372 Datasheet
167Kb / 9P
   SIPMOS Small-Signal Transistor (N channel Enhancement mode Logic Level Avalanche rated
BSP318S SIEMENS-BSP318S Datasheet
129Kb / 8P
   SIPMOS Small-Signal Transistor(N channel Enhancement mode Logic Level Avalanche rated)
BSP319 SIEMENS-BSP319 Datasheet
165Kb / 9P
   SIPMOS Small-Signal Transistor (N channel Enhancement mode Logic Level Avalanche rated)
BSP171 SIEMENS-BSP171 Datasheet
101Kb / 8P
   SIPMOS Small-Signal Transistor (P channel Enhancement mode Logic Level Avalanche rated)
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com