Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

5EWH06FNTRR-M3 Datasheet(PDF) 1 Page - Vishay Siliconix

Part # 5EWH06FNTRR-M3
Description  Hyperfast Rectifier, 5 A FRED Pt®
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

5EWH06FNTRR-M3 Datasheet(HTML) 1 Page - Vishay Siliconix

  5EWH06FNTRR-M3 Datasheet HTML 1Page - Vishay Siliconix 5EWH06FNTRR-M3 Datasheet HTML 2Page - Vishay Siliconix 5EWH06FNTRR-M3 Datasheet HTML 3Page - Vishay Siliconix 5EWH06FNTRR-M3 Datasheet HTML 4Page - Vishay Siliconix 5EWH06FNTRR-M3 Datasheet HTML 5Page - Vishay Siliconix 5EWH06FNTRR-M3 Datasheet HTML 6Page - Vishay Siliconix 5EWH06FNTRR-M3 Datasheet HTML 7Page - Vishay Siliconix 5EWH06FNTRR-M3 Datasheet HTML 8Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
Document Number: 93245
For technical questions within your region, please contact one of the following:
www.vishay.com
Revision: 31-Mar-11
DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
1
This document is subject to change without notice.
THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Hyperfast Rectifier, 5 A FRED Pt®
VS-5EWH06FN-M3
Vishay Semiconductors
New Product
FEATURES
• Hyperfast recovery time, reduced Qrr and soft
recovery
• 175 °C maximum operating junction temperature
• For PFC CRM/CCM operation
• Low forward voltage drop
• Low leakage current
• Meets MSL level 1, per J-STD-020, LF maximum
peak of 260 °C
• Compliant to RoHS Directive 2002/95/EC
• Halogen-free according to IEC 61249-2-21 definition
DESCRIPTION/APPLICATIONS
State of the art hyperfast recovery rectifiers designed with
optimized performance of forward voltage drop, hyperfast
recovery time, and soft recovery.
The planar structure and the platinum doped life time
control
guarantee
the
best
overall
performance,
ruggedness and reliability characteristics.
These devices are intended for use in PFC boost stage in
the AC/DC section of SMPS inverters or as freewheeling
diodes. Their extremely optimized stored charge and low
recovery current minimize the switching losses and reduce
over dissipation in the switching element and snubbers.
PRODUCT SUMMARY
Package
D-PAK (TO-252AA)
IF(AV)
5 A
VR
600 V
VF at IF
1.85 V
trr (typ.)
18 ns
TJ max.
175 °C
Diode variation
Single die
2, 4
3
Anode
1
N/C
D-PAK (TO-252AA)
ABSOLUTE MAXIMUM RATINGS
PARAMETER
SYMBOL
TEST CONDITIONS
VALUES
UNITS
Peak repetitive reverse voltage
VRRM
600
V
Average rectified forward current
IF(AV)
TC = 150 °C
5
A
Non-repetitive peak surge current
IFSM
TJ = 25 °C
70
Peak repetitive forward current
IFM
TC = 150 °C, f = 20 kHz, d = 50 %
10
Operating junction and storage temperatures
TJ, TStg
- 65 to 175
°C
ELECTRICAL SPECIFICATIONS (TJ = 25 °C unless otherwise specified)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN.
TYP.
MAX.
UNITS
Breakdown voltage,
blocking voltage
VBR,
VR
IR = 100 μA
600
-
-
V
Forward voltage
VF
IF = 5 A
-
1.54
1.85
IF = 5 A, TJ = 150 °C
-
1.20
1.40
Reverse leakage current
IR
VR = VR rated
-
-
5
μA
TJ = 150 °C, VR = VR rated
-
-
130
Junction capacitance
CT
VR = 600 V
-
3.5
-
pF
Series inductance
LS
Measured lead to lead 5 mm from package body
-
8
-
nH


Similar Part No. - 5EWH06FNTRR-M3

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
5EWL06FN-M3 VISHAY-5EWL06FN-M3 Datasheet
149Kb / 8P
   Ultralow VF Ultrafast Rectifier, 5 A FRED Pt®
Revision: 31-Mar-11
5EWL06FNTR-M3 VISHAY-5EWL06FNTR-M3 Datasheet
149Kb / 8P
   Ultralow VF Ultrafast Rectifier, 5 A FRED Pt®
Revision: 31-Mar-11
5EWL06FNTRL-M3 VISHAY-5EWL06FNTRL-M3 Datasheet
149Kb / 8P
   Ultralow VF Ultrafast Rectifier, 5 A FRED Pt®
Revision: 31-Mar-11
5EWL06FNTRR-M3 VISHAY-5EWL06FNTRR-M3 Datasheet
149Kb / 8P
   Ultralow VF Ultrafast Rectifier, 5 A FRED Pt®
Revision: 31-Mar-11
5EWX06FN-M3 VISHAY-5EWX06FN-M3 Datasheet
149Kb / 8P
   Hyperfast Rectifier, 5 A FRED Pt®
Revision: 31-Mar-11
More results

Similar Description - 5EWH06FNTRR-M3

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
5EWX06FN-M3 VISHAY-5EWX06FN-M3 Datasheet
149Kb / 8P
   Hyperfast Rectifier, 5 A FRED Pt®
Revision: 31-Mar-11
10CWH02FN-M3 VISHAY-10CWH02FN-M3 Datasheet
148Kb / 8P
   Hyperfast Rectifier, 2 x 5 A FRED Pt®
Revision: 31-Mar-11
VS-10CWH02FN-M3 VISHAY-VS-10CWH02FN-M3 Datasheet
163Kb / 7P
   Hyperfast Rectifier, 2 x 5 A FRED Pt®
Revision: 04-Oct-16
VS-ETX1506S-M3 VISHAY-VS-ETX1506S-M3 Datasheet
197Kb / 8P
   Hyperfast Rectifier, 15 A FRED Pt®
Revision: 09-Jul-15
VS-1EFH02-M3 VISHAY-VS-1EFH02-M3 Datasheet
113Kb / 6P
   Hyperfast Rectifier, 1 A FRED Pt®
Revision: 28-Jun-16
8E2TX06-E VISHAY-8E2TX06-E Datasheet
174Kb / 9P
   Hyperfast Rectifier, 8 A FRED Pt®
Revision: 18-Aug-10
30ETH06FP-F3 VISHAY-30ETH06FP-F3 Datasheet
157Kb / 8P
   Hyperfast Rectifier, 30 A FRED Pt®
Revision: 16-Nov-11
15ETX06PBF VISHAY-15ETX06PBF_12 Datasheet
198Kb / 9P
   Hyperfast Rectifier, 15 A FRED Pt®
Revision: 02-Jan-11
VS-ETH3006-M3 VISHAY-VS-ETH3006-M3 Datasheet
199Kb / 9P
   Hyperfast Rectifier, 30 A FRED Pt®
Revision: 18-Apr-11
6EWX06FN-M3 VISHAY-6EWX06FN-M3 Datasheet
149Kb / 8P
   Hyperfast Rectifier, 6 A FRED Pt®
Revision: 31-Mar-11
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com