Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

8EWX06FNTR-M3 Datasheet(PDF) 4 Page - Vishay Siliconix

Part # 8EWX06FNTR-M3
Description  Hyperfast Rectifier, 8 A FRED Pt®
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

8EWX06FNTR-M3 Datasheet(HTML) 4 Page - Vishay Siliconix

  8EWX06FNTR-M3 Datasheet HTML 1Page - Vishay Siliconix 8EWX06FNTR-M3 Datasheet HTML 2Page - Vishay Siliconix 8EWX06FNTR-M3 Datasheet HTML 3Page - Vishay Siliconix 8EWX06FNTR-M3 Datasheet HTML 4Page - Vishay Siliconix 8EWX06FNTR-M3 Datasheet HTML 5Page - Vishay Siliconix 8EWX06FNTR-M3 Datasheet HTML 6Page - Vishay Siliconix 8EWX06FNTR-M3 Datasheet HTML 7Page - Vishay Siliconix 8EWX06FNTR-M3 Datasheet HTML 8Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
www.vishay.com
For technical questions within your region, please contact one of the following:
Document Number: 93244
4
DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
Revision: 06-Apr-11
This document is subject to change without notice.
THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
VS-8EWX06FN-M3
Vishay Semiconductors
Hyperfast Rectifier, 8 A FRED Pt®
New Product
Fig. 5 - Maximum Allowable Case Temperature vs.
Average Forward Current
Fig. 6 - Forward Power Loss Characteristics
Fig. 7 - Typical Reverse Recovery Time vs. dIF/dt
Fig. 8 - Typical Stored Charge vs. dIF/dt
Note
(1) Formula used: TC = TJ - (Pd + PdREV) x RthJC;
Pd = Forward power loss = IF(AV) x VFM at (IF(AV)/D) (see fig. 6);
PdREV = Inverse power loss = VR1 x IR (1 - D); IR at VR1 = Rated VR
Average Forward Current - IF
(AV)
(A)
0
2
4
6
8
10
12
14
110
120
130
140
150
160
170
180
DC
see note (1)
Square wave (D=0.50)
rated Vr applied
Average Forward Current - IF
(AV)
(A)
02468
10
12
14
0
5
10
15
20
25
D = 0.01
D = 0.02
D = 0.05
D = 0.1
D = 0.2
D = 0.5
RMS Limit
DC
di F /dt (A/μs )
0
0
0
1
0
0
1
10
15
20
25
30
35
40
45
50
8A, Tj = 25°C
8A, Tj = 125°C
di F/dt (A/μs )
0
0
0
1
0
0
1
0
50
100
150
200
250
300
8A, Tj = 25°C
8A, Tj = 125°C


Similar Part No. - 8EWX06FNTR-M3

ManufacturerPart #DatasheetDescription
logo
International Rectifier
8EWF IRF-8EWF Datasheet
162Kb / 8P
   SURFACE MOUNTABLE FAST SOFT RECOVERY DIODE
logo
Vishay Siliconix
8EWF..S VISHAY-8EWF..S Datasheet
172Kb / 9P
   optimized or combined short reverse rocovery time, low forward voltage drop and low leakage current
rev. B 10/99
8EWF02SPBF VISHAY-8EWF02SPBF Datasheet
238Kb / 8P
   Surface Mountable Fast Soft Recovery Diode, 8 A
Revision: 01-Jul-09
logo
International Rectifier
8EWF02STRL IRF-8EWF02STRL Datasheet
162Kb / 8P
   SURFACE MOUNTABLE FAST SOFT RECOVERY DIODE
logo
Vishay Siliconix
8EWF02STRLPBF VISHAY-8EWF02STRLPBF Datasheet
238Kb / 8P
   Surface Mountable Fast Soft Recovery Diode, 8 A
Revision: 01-Jul-09
More results

Similar Description - 8EWX06FNTR-M3

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
8E2TX06-E VISHAY-8E2TX06-E Datasheet
174Kb / 9P
   Hyperfast Rectifier, 8 A FRED Pt®
Revision: 18-Aug-10
8EWH02FN-M3 VISHAY-8EWH02FN-M3 Datasheet
147Kb / 8P
   Hyperfast Rectifier, 8 A FRED Pt®
Revision: 31-Mar-11
VS-ETH0806-M3 VISHAY-VS-ETH0806-M3 Datasheet
204Kb / 9P
   Hyperfast Rectifier, 8 A FRED Pt®
Revision: 16-Sep-13
VS-8EWH02FN-M3 VISHAY-VS-8EWH02FN-M3 Datasheet
147Kb / 8P
   Hyperfast Rectifier, 8 A FRED Pt®
Revision: 31-Mar-11
VS-8EWX06FN-M3 VISHAY-VS-8EWX06FN-M3 Datasheet
167Kb / 8P
   Hyperfast Rectifier, 8 A FRED Pt®
Revision: 05-Oct-16
8S2TH06I-M VISHAY-8S2TH06I-M Datasheet
131Kb / 7P
   Hyperfast Rectifier, 8 A FRED Pt®
Revision: 19-Aug-10
8EWH06FN-M3 VISHAY-8EWH06FN-M3 Datasheet
153Kb / 8P
   Hyperfast Rectifier, 8 A FRED Pt®
Revision: 05-Apr-11
VS-8ETH06PBF VISHAY-VS-8ETH06PBF Datasheet
194Kb / 9P
   Hyperfast Rectifier, 8 A FRED Pt®
Revision: 02-Jan-12
VS-16CDH02-M3 VISHAY-VS-16CDH02-M3_V01 Datasheet
156Kb / 7P
   Hyperfast Rectifier, 2 x 8 A FRED Pt®
01-Jan-2022
VS-16CDH02HM3 VISHAY-VS-16CDH02HM3_V01 Datasheet
159Kb / 7P
   Hyperfast Rectifier, 2 x 8 A FRED Pt®
01-Jan-2022
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com