Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BSP373 Datasheet(PDF) 4 Page - Siemens Semiconductor Group

Part # BSP373
Description  SIPMOS Small-Signal Transistor (N channel Enhancement mode Avalanche rated)
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

BSP373 Datasheet(HTML) 4 Page - Siemens Semiconductor Group

  BSP373 Datasheet HTML 1Page - Siemens Semiconductor Group BSP373 Datasheet HTML 2Page - Siemens Semiconductor Group BSP373 Datasheet HTML 3Page - Siemens Semiconductor Group BSP373 Datasheet HTML 4Page - Siemens Semiconductor Group BSP373 Datasheet HTML 5Page - Siemens Semiconductor Group BSP373 Datasheet HTML 6Page - Siemens Semiconductor Group BSP373 Datasheet HTML 7Page - Siemens Semiconductor Group BSP373 Datasheet HTML 8Page - Siemens Semiconductor Group BSP373 Datasheet HTML 9Page - Siemens Semiconductor Group  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
Semiconductor Group
4
Sep-12-1996
BSP 373
Electrical Characteristics, at
Tj = 25°C, unless otherwise specified
Parameter
Symbol
Values
Unit
min.
typ.
max.
Reverse Diode
Inverse diode continuous forward current
TA = 25 °C
IS
-
-
1.7
A
Inverse diode direct current,pulsed
TA = 25 °C
ISM
-
-
6.8
Inverse diode forward voltage
VGS = 0 V, IF = 1.7 A, Tj = 25 °C
VSD
-
0.8
1.1
V
Reverse recovery time
VR = 30 V, IF=lS, diF/dt = 100 A/µs
trr
-
-
-
ns
Reverse recovery charge
VR = 30 V, IF=lS, diF/dt = 100 A/µs
Qrr
-
-
-
µC


Similar Part No. - BSP373

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
BSP373 INFINEON-BSP373 Datasheet
278Kb / 8P
   SIPMOS Small-Signal Transistor
05.99
BSP373 INFINEON-BSP373 Datasheet
3Mb / 8P
   SIPMOS Small-Signal Transistor
Rev 1.2 2007-02-08
BSP373N INFINEON-BSP373N Datasheet
569Kb / 9P
   OptiMOS??Small-Signal-Transistor
Rev 2.0 2013-04-04
BSP373 INFINEON-BSP373_07 Datasheet
3Mb / 8P
   SIPMOS Small-Signal Transistor
Rev 1.2 2007-02-08
More results

Similar Description - BSP373

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
BSP17 SIEMENS-BSP17 Datasheet
140Kb / 9P
   SIPMOS Small-Signal Transistor (N channel Enhancement mode Avalanche rated)
BSP298 SIEMENS-BSP298 Datasheet
170Kb / 9P
   SIPMOS Small-Signal Transistor (N channel Enhancement mode Avalanche rated)
BSP299 SIEMENS-BSP299 Datasheet
169Kb / 9P
   SIPMOS Small-Signal Transistor (N channel Enhancement mode Avalanche rated)
BSP300 SIEMENS-BSP300 Datasheet
98Kb / 8P
   SIPMOS Small-Signal Transistor (N channel Enhancement mode Avalanche rated)
BSP320S SIEMENS-BSP320S Datasheet
130Kb / 8P
   SIPMOS Small-Signal Transistor (N channel Enhancement mode Avalanche rated)
BSP170 SIEMENS-BSP170 Datasheet
101Kb / 8P
   SIPMOS Small-Signal Transistor (P channel Enhancement mode Avalanche rated)
BSP372 SIEMENS-BSP372 Datasheet
167Kb / 9P
   SIPMOS Small-Signal Transistor (N channel Enhancement mode Logic Level Avalanche rated
BSP318S SIEMENS-BSP318S Datasheet
129Kb / 8P
   SIPMOS Small-Signal Transistor(N channel Enhancement mode Logic Level Avalanche rated)
BSP319 SIEMENS-BSP319 Datasheet
165Kb / 9P
   SIPMOS Small-Signal Transistor (N channel Enhancement mode Logic Level Avalanche rated)
BSP171 SIEMENS-BSP171 Datasheet
101Kb / 8P
   SIPMOS Small-Signal Transistor (P channel Enhancement mode Logic Level Avalanche rated)
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com