Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

15EWH06FNTRR-M3 Datasheet(PDF) 6 Page - Vishay Siliconix

Part # 15EWH06FNTRR-M3
Description  Hyperfast Rectifier, 15 A FRED Pt®
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

15EWH06FNTRR-M3 Datasheet(HTML) 6 Page - Vishay Siliconix

  15EWH06FNTRR-M3 Datasheet HTML 1Page - Vishay Siliconix 15EWH06FNTRR-M3 Datasheet HTML 2Page - Vishay Siliconix 15EWH06FNTRR-M3 Datasheet HTML 3Page - Vishay Siliconix 15EWH06FNTRR-M3 Datasheet HTML 4Page - Vishay Siliconix 15EWH06FNTRR-M3 Datasheet HTML 5Page - Vishay Siliconix 15EWH06FNTRR-M3 Datasheet HTML 6Page - Vishay Siliconix 15EWH06FNTRR-M3 Datasheet HTML 7Page - Vishay Siliconix 15EWH06FNTRR-M3 Datasheet HTML 8Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
www.vishay.com
For technical questions within your region, please contact one of the following:
Document Number: 93237
6
DiodesAmericas@vishay.com, DiodesAsia@vishay.com,
Revision: 05-Apr-11
This document is subject to change without notice.
THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
VS-15EWH06FN-M3
Vishay Semiconductors Hyperfast Rectifier, 15 A FRED Pt
®
New Product
ORDERING INFORMATION TABLE
ORDERING INFORMATION (Example)
PREFERRED P/N
QUANTITY PER T/R
MINIMUM ORDER QUANTITY
PACKAGING DESCRIPTION
VS-15EWH06FN-M3
75
3000
Antistatic plastic tube
VS-15EWH06FNTR-M3
2000
2000
13" diameter reel
VS-15EWH06FNTRL-M3
3000
3000
13" diameter reel
VS-15EWH06FNTRR-M3
3000
3000
13" diameter reel
LINKS TO RELATED DOCUMENTS
Dimensions
www.vishay.com/doc?95016
Part marking information
www.vishay.com/doc?95176
Packaging information
www.vishay.com/doc?95033
SPICE model
www.vishay.com/doc?95385
2
-
Current rating (15 = 15 A)
4
-
Package identifier:
W = D-PAK
E = Single diode
5
-
H = Hyperfast recovery
6
-
Voltage rating (06 = 600 V)
7
-
FN = TO-252AA
8
-
TR = Tape and reel
None = Tube
TRL = Tape and reel (left oriented)
TRR = Tape and reel (right oriented)
3
-
Circuit configuration:
1
-
Vishay Semiconductors product
-
Environmental digit:
-M3 = Halogen-free, RoHS compliant and terminations lead (Pb)-free
9
Device code
5
1
3
2
4
6
7
8
9
VS-
15
E
W
H
06
FN
TRL -M3


Similar Part No. - 15EWH06FNTRR-M3

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
15EWH06FNTRR-M3 VISHAY-15EWH06FNTRR-M3 Datasheet
157Kb / 8P
   Hyperfast Rectifier, 15 A FRED Pt®
Revision: 05-Apr-11
More results

Similar Description - 15EWH06FNTRR-M3

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VS-ETX1506S-M3 VISHAY-VS-ETX1506S-M3 Datasheet
197Kb / 8P
   Hyperfast Rectifier, 15 A FRED Pt®
Revision: 09-Jul-15
15ETX06PBF VISHAY-15ETX06PBF_12 Datasheet
198Kb / 9P
   Hyperfast Rectifier, 15 A FRED Pt®
Revision: 02-Jan-11
VS-15ETH06SPBF VISHAY-VS-15ETH06SPBF Datasheet
166Kb / 8P
   Hyperfast Rectifier, 15 A FRED Pt®
Revision: 09-Jul-15
VS-15ETX06PBF VISHAY-VS-15ETX06PBF Datasheet
201Kb / 9P
   Hyperfast Rectifier, 15 A FRED Pt®
Revision: 02-Jan-11
VS-15EWX06FN-M3 VISHAY-VS-15EWX06FN-M3 Datasheet
159Kb / 8P
   Hyperfast Rectifier, 15 A FRED Pt®
Revision: 05-Apr-11
VS-15ETH06PBF VISHAY-VS-15ETH06PBF Datasheet
209Kb / 9P
   Hyperfast Rectifier, 15 A Fred Pt®
Revision: 13-May-16
VS-ETH1506FP-M3 VISHAY-VS-ETH1506FP-M3 Datasheet
203Kb / 9P
   Hyperfast Rectifier, 15 A FRED Pt®
Revision: 11-Mar-11
VS-15ETH03SPBF VISHAY-VS-15ETH03SPBF Datasheet
181Kb / 9P
   Hyperfast Rectifier, 15 A FRED Pt®
Revision: 11-Mar-10
15EWH06FN-M3 VISHAY-15EWH06FN-M3_13 Datasheet
157Kb / 8P
   Hyperfast Rectifier, 15 A FRED Pt®
Revision: 05-Apr-11
15EWX06FN-M3 VISHAY-15EWX06FN-M3 Datasheet
157Kb / 8P
   Hyperfast Rectifier, 15 A FRED Pt®
Revision: 05-Apr-11
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com