Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BSP452 Datasheet(PDF) 3 Page - Siemens Semiconductor Group

Part # BSP452
Description  MiniPROFET (High-side switch Short-circuit protection Input protection Overtemperature protection with hysteresis)
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

BSP452 Datasheet(HTML) 3 Page - Siemens Semiconductor Group

  BSP452 Datasheet HTML 1Page - Siemens Semiconductor Group BSP452 Datasheet HTML 2Page - Siemens Semiconductor Group BSP452 Datasheet HTML 3Page - Siemens Semiconductor Group BSP452 Datasheet HTML 4Page - Siemens Semiconductor Group BSP452 Datasheet HTML 5Page - Siemens Semiconductor Group BSP452 Datasheet HTML 6Page - Siemens Semiconductor Group BSP452 Datasheet HTML 7Page - Siemens Semiconductor Group BSP452 Datasheet HTML 8Page - Siemens Semiconductor Group  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
Mini PROFET® BSP 452
Semiconductor Group
3
Electrical Characteristics
Parameter and Conditions
Symbol
Values
Unit
at
Tj = 25 °C, Vbb = 13.5V unless otherwise specified
min
typ
max
Load Switching Capabilities and Characteristics
On-state resistance (pin 4 to 1)
IL = 0.5 A, Vin = high
Tj = 25°C
Tj = 150°C
RON
--
--
0.16
--
0.2
0.4
Nominal load current (pin 4 to 1)7)
ISO Standard:
VON = Vbb - VOUT = 0.5 V
TS = 85 °C
IL(ISO)
1.7
--
--
A
Turn-on time
to 90%
VOUT
Turn-off time
to 10%
VOUT
RL = 24 Ω
ton
toff
--
--
60
60
100
150
µs
Slew rate on
10 to 30%
VOUT, RL = 24 Ω
d
V /dton
--
2
4
V/
µs
Slew rate off
70 to 40%
VOUT, RL = 24 Ω
-d
V/dtoff
--
2
4
V/
µs
Input
Allowable input voltage range, (pin 3 to 2)
VIN
-3.0
--
Vbb
V
Input turn-on threshold voltage
Tj = -40...+150°C
VIN(T+)
--
--
3.5
V
Input turn-off threshold voltage
Tj = -40...+150°C
VIN(T-)
1.5
--
--
V
Input threshold hysteresis
∆V
IN(T)
--
0.5
--
V
Off state input current (pin 3)
VIN(off) = 1.2 V
Tj = -40...+150°C
IIN(off)
10
--
60
µA
On state input current (pin 3)
VIN(on) = 3.0 V to Vbb
Tj = -40...+150°C
IIN(on)
10
--
100
µA
Input resistance
RIN
1.5
2.8
3.5
k
7
) I
L(ISO) characterizes the MOSFET part of the device and may be higher than the shortcircuit current IL(SC) of the whole device


Similar Part No. - BSP452

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
BSP452 INFINEON-BSP452 Datasheet
919Kb / 8P
   MiniPROFET(N-channel vertical power FET with charge pump)
20.08.96
BSP452 INFINEON-BSP452 Datasheet
189Kb / 10P
   Smart High-Side Power Switch
V1.0, 2007-05-25
BSP452-E6327 INFINEON-BSP452-E6327 Datasheet
924Kb / 8P
   miniPROFET BSP 452
20.08.96
BSP452 INFINEON-BSP452_07 Datasheet
189Kb / 10P
   Smart High-Side Power Switch
V1.0, 2007-05-25
More results

Similar Description - BSP452

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
BSP550 SIEMENS-BSP550 Datasheet
65Kb / 7P
   MiniPROFET (High-side switch Short-circuit protection Input protection Overtemperature protection with hysteresis)
logo
Infineon Technologies A...
BSP550 INFINEON-BSP550 Datasheet
76Kb / 7P
   MiniPROFET(High-side switch Short-circuit protection Input protection Overtemperature protection with hysteresis)
20.06.96
BSP450 INFINEON-BSP450 Datasheet
76Kb / 7P
   MiniPROFET(High-side switch Short-circuit protection Input protection Overtemperature protection with hysteresis)
20.06.96
logo
Siemens Semiconductor G...
BSP450 SIEMENS-BSP450 Datasheet
65Kb / 7P
   MiniPROFET (High-side switch Short-circuit protection Input protection Overtemperature protection with hysteresis)
logo
Infineon Technologies A...
BSP350 INFINEON-BSP350 Datasheet
68Kb / 6P
   MiniPROFET(High-side switch Short-circuit protection Overtemperature protection with hysteresis)
08.04.97
logo
Siemens Semiconductor G...
BSP350 SIEMENS-BSP350 Datasheet
66Kb / 6P
   MiniPROFET (High-side switch Short-circuit protection Overtemperature protection with hysteresis)
logo
Infineon Technologies A...
BSP365 INFINEON-BSP365 Datasheet
65Kb / 6P
   MiniSmart(High-side switch Short-circuit protection Overtemperature protection with hysteresis)
05.03.96
TLE8209-4SA INFINEON-TLE8209-4SA Datasheet
703Kb / 38P
   Short circuit and overtemperature protection
logo
Siemens Semiconductor G...
BTS550P SIEMENS-BTS550P Datasheet
151Kb / 15P
   Smart Highside High Current Power Switch (Overload protection Current limitation Short circuit protection Overtemperature protection)
BTS650P SIEMENS-BTS650P Datasheet
187Kb / 16P
   Smart Highside High Current Power Switch (Overload protection Current limitation Short circuit protection Overtemperature protection)
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com