Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ULN2003 Datasheet(PDF) 3 Page - Tiger Electronic Co.,Ltd

Part # ULN2003
Description  SEVEN DARLINGTON ARRAYS
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TGS [Tiger Electronic Co.,Ltd]
Direct Link  http://www.tgselec.com
Logo TGS - Tiger Electronic Co.,Ltd

ULN2003 Datasheet(HTML) 3 Page - Tiger Electronic Co.,Ltd

  ULN2003 Datasheet HTML 1Page - Tiger Electronic Co.,Ltd ULN2003 Datasheet HTML 2Page - Tiger Electronic Co.,Ltd ULN2003 Datasheet HTML 3Page - Tiger Electronic Co.,Ltd ULN2003 Datasheet HTML 4Page - Tiger Electronic Co.,Ltd ULN2003 Datasheet HTML 5Page - Tiger Electronic Co.,Ltd ULN2003 Datasheet HTML 6Page - Tiger Electronic Co.,Ltd ULN2003 Datasheet HTML 7Page - Tiger Electronic Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
双 极电路
CS2003CP
版本:
2007-11-A
无 锡华润 矽科 微电子 有限 公司
3 页 共 9 页
3. 3、电特性
除非另有规定,
Tamb= 25℃
规 范 值
参 数 名 称
符 号
测 试 条 件
最小
典型
最大
单位
VCE=50V,TaMB=25℃
-
-
50
输出灌电流
ICEX
VCE=50V,TaMB=85℃
-
-
100
μ
A
1
IOUT=350mA
IIN=500μA
-
1.3
1.6
IOUT=200mA
IIN=350μA
-
1.1
1.3
集电极、发射
极饱和压降
VCE (sat)
IOUT=100mA
IIN=250μA
-
0.9
1.1
V
2
直流电流
传输率
hFE
VCE=2V
IOUT=350mA
1000
-
-
2
输入电流
(输出开)
IIN(ON)
VIN=2.4V
IOUT=350mA
-
0.4
0.7
mA
3
输入电流
(输出关)
IIN(OFF)
IOUT=500μA
Tamb=85℃
50
65
-
μ
A
4
IOUT=350mA
-
-
2.6
输入电压
(输出开)
VIN(ON)
VCE=2V
hFE=800 IOUT=200mA
-
-
2.0
V
5
VR=50V,Tamb=25℃
-
-
50
钳位二极管
反向电流
IR
VR=50V,Tamb=85℃
-
-
100
μ
A
6
钳位二极管
正向电压
VF
IF=350mA
-
-
2.0
V
7
输入电容
CIN
-
15
-
pF
开启延迟时间
tON
VOUT=50V
RL=125Ω,CL=15pF
-
0.1
-
关闭延迟时间
tOFF
VOUT=50V
RL=125Ω,CL=15pF
-
0.2
-
μ
s
8
ULN2003AN/ADR
7


Similar Part No. - ULN2003

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ULN2003 STMICROELECTRONICS-ULN2003 Datasheet
326Kb / 8P
   SEVEN DARLINGTON ARRAYS
logo
List of Unclassifed Man...
ULN2003 ETC1-ULN2003 Datasheet
749Kb / 8P
   HIGH-VOLTAGE, HIGH-CURRENT DARLINGTON ARRAYS
logo
First Components Intern...
ULN2003 FCI-ULN2003 Datasheet
268Kb / 5P
   High-Voltage, High - Current Darlington Arrays
logo
Unisonic Technologies
ULN2003 UTC-ULN2003 Datasheet
328Kb / 10P
   7CH DARLINGTON SINK DRIVER
logo
STMicroelectronics
ULN2003 STMICROELECTRONICS-ULN2003 Datasheet
930Kb / 16P
   Seven Darlington array
More results

Similar Description - ULN2003

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ULN2003A STMICROELECTRONICS-ULN2003A Datasheet
326Kb / 8P
   SEVEN DARLINGTON ARRAYS
logo
Unisonic Technologies
UTCULN2003 UTC-UTCULN2003 Datasheet
485Kb / 7P
   SEVEN DARLINGTON ARRAYS
logo
STMicroelectronics
ULN2000 STMICROELECTRONICS-ULN2000 Datasheet
240Kb / 8P
   SEVEN DARLINGTON ARRAYS
February 2002
ULN200X STMICROELECTRONICS-ULN200X Datasheet
75Kb / 8P
   SEVEN DARLINGTON ARRAYS
ULQ2001 STMICROELECTRONICS-ULQ2001 Datasheet
300Kb / 7P
   SEVEN DARLINGTON ARRAYS
ULN2001A-ULN2002A STMICROELECTRONICS-ULN2001A-ULN2002A Datasheet
62Kb / 8P
   SEVEN DARLINGTON ARRAYS
logo
Tiger Electronic Co.,Lt...
ULN2003AN TGS-ULN2003AN Datasheet
671Kb / 7P
   SEVEN DARLINGTON ARRAYS
ULN2003AN TGS-ULN2003AN_19 Datasheet
686Kb / 8P
   SEVEN DARLINGTON ARRAYS
logo
STMicroelectronics
L603 STMICROELECTRONICS-L603 Datasheet
63Kb / 4P
   DARLINGTON ARRAYS
L601-L603 STMICROELECTRONICS-L601-L603 Datasheet
59Kb / 5P
   DARLINGTON ARRAYS
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com