Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BSS119 Datasheet(PDF) 3 Page - Siemens Semiconductor Group

Part # BSS119
Description  SIPMOS Small-Signal Transistor (N channel Enhancement mode)
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

BSS119 Datasheet(HTML) 3 Page - Siemens Semiconductor Group

  BSS119 Datasheet HTML 1Page - Siemens Semiconductor Group BSS119 Datasheet HTML 2Page - Siemens Semiconductor Group BSS119 Datasheet HTML 3Page - Siemens Semiconductor Group BSS119 Datasheet HTML 4Page - Siemens Semiconductor Group BSS119 Datasheet HTML 5Page - Siemens Semiconductor Group BSS119 Datasheet HTML 6Page - Siemens Semiconductor Group BSS119 Datasheet HTML 7Page - Siemens Semiconductor Group BSS119 Datasheet HTML 8Page - Siemens Semiconductor Group  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
Semiconductor Group
3
Sep-13-1996
BSS 119
Electrical Characteristics, at
Tj = 25°C, unless otherwise specified
Parameter
Symbol
Values
Unit
min.
typ.
max.
Dynamic Characteristics
Transconductance
VDS≥ 2 * ID * RDS(on)max, ID = 0.17 A
gfs
0.1
0.2
-
S
Input capacitance
VGS = 0 V, VDS = 25 V, f = 1 MHz
Ciss
-
70
95
pF
Output capacitance
VGS = 0 V, VDS = 25 V, f = 1 MHz
Coss
-
10
15
Reverse transfer capacitance
VGS = 0 V, VDS = 25 V, f = 1 MHz
Crss
-
4
6
Turn-on delay time
VDD = 30 V, VGS = 10 V, ID = 0.28 A
RGS = 50 Ω
td(on)
-
4
6
ns
Rise time
VDD = 30 V, VGS = 10 V, ID = 0.28 A
RGS = 50 Ω
tr
-
5
8
Turn-off delay time
VDD = 30 V, VGS = 10 V, ID = 0.28 A
RGS = 50 Ω
td(off)
-
12
16
Fall time
VDD = 30 V, VGS = 10 V, ID = 0.28 A
RGS = 50 Ω
tf
-
12
16


Similar Part No. - BSS119

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
BSS119 INFINEON-BSS119 Datasheet
81Kb / 8P
   SIPMOS Small-Signal-Transistor
2002-12-10
BSS119 INFINEON-BSS119 Datasheet
95Kb / 8P
   SIPMOS Small-Signal-Transistor
Rev. 1.3 2006-12-01
BSS119 INFINEON-BSS119 Datasheet
95Kb / 8P
   SIPMOS Small-Signal-Transistor
2006-12-01
BSS119E6327 INFINEON-BSS119E6327 Datasheet
95Kb / 8P
   SIPMOS Small-Signal-Transistor
2006-12-01
BSS119N INFINEON-BSS119N Datasheet
661Kb / 9P
   OptiMOS??Small-Signal-Transistor
Rev 2.1 2012-05-10
More results

Similar Description - BSS119

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
BSP125 SIEMENS-BSP125 Datasheet
175Kb / 9P
   SIPMOS Small-Signal Transistor (N channel Enhancement mode)
BSP324 SIEMENS-BSP324 Datasheet
176Kb / 9P
   SIPMOS Small-Signal Transistor (N channel Enhancement mode)
BSS145 SIEMENS-BSS145 Datasheet
138Kb / 8P
   SIPMOS Small-Signal Transistor (N channel Enhancement mode)
BSS124 SIEMENS-BSS124 Datasheet
78Kb / 7P
   SIPMOS Small-Signal Transistor (N channel Enhancement mode)
BSS125 SIEMENS-BSS125 Datasheet
78Kb / 7P
   SIPMOS Small-Signal Transistor (N channel Enhancement mode)
BSP297 SIEMENS-BSP297 Datasheet
172Kb / 9P
   SIPMOS Small-Signal Transistor (N channel Enhancement mode Logic Level)
BSS100 SIEMENS-BSS100 Datasheet
79Kb / 7P
   SIPMOS Small-Signal Transistor (N channel Enhancement mode Logic Level)
BSS87 SIEMENS-BSS87 Datasheet
130Kb / 8P
   SIPMOS Small-Signal Transistor (N channel Enhancement mode Logic Level)
BSS131 SIEMENS-BSS131 Datasheet
131Kb / 8P
   SIPMOS Small-Signal Transistor (N channel Enhancement mode Logic Level)
BSS138 SIEMENS-BSS138 Datasheet
138Kb / 8P
   SIPMOS Small-Signal Transistor (N channel Enhancement mode Logic Level)
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com