Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TS1004 Datasheet(PDF) 1 Page - Touchstone Semiconductor Inc

Part # TS1004
Description  THE ONLY 0.8V/0.6uA RAIL-TO-RAIL DUAL/QUAD OP AMPS
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOUCHSTONE [Touchstone Semiconductor Inc]
Direct Link  http://www.touchstonesemi.com
Logo TOUCHSTONE - Touchstone Semiconductor Inc

TS1004 Datasheet(HTML) 1 Page - Touchstone Semiconductor Inc

  TS1004 Datasheet HTML 1Page - Touchstone Semiconductor Inc TS1004 Datasheet HTML 2Page - Touchstone Semiconductor Inc TS1004 Datasheet HTML 3Page - Touchstone Semiconductor Inc TS1004 Datasheet HTML 4Page - Touchstone Semiconductor Inc TS1004 Datasheet HTML 5Page - Touchstone Semiconductor Inc TS1004 Datasheet HTML 6Page - Touchstone Semiconductor Inc TS1004 Datasheet HTML 7Page - Touchstone Semiconductor Inc TS1004 Datasheet HTML 8Page - Touchstone Semiconductor Inc TS1004 Datasheet HTML 9Page - Touchstone Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
TS1002/TS1004
Page 1
© 2012 Touchstone Semiconductor, Inc. All rights reserved.
FEATURES
Single 0.65V to 2.5V Operation
Supply current: 0.6
μA per amplifier (typ)
Offset voltage: 0.5mV (typ)
Low TCVOS: 10µV/°C (typ)
AVOL Driving 100kΩ Load: 90dB (min)
Unity Gain Stable
Rail-to-rail Input and Output
No Output Phase Reversal
Packaging: TS1002
– 8-pin MSOP
TS1004
– 14-pin TSSOP
APPLICATIONS
Battery/Solar-Powered Instrumentation
Portable Gas Monitors
Low-voltage Signal Processing
Nanopower Active Filters
Wireless Remote Sensors
Battery-powered Industrial Sensors
Active RFID Readers
Powerline or Battery Current Sensing
Handheld/Portable POS Terminals
DESCRIPTION
The TS1002 and the TS1004 are the industry’s first
and only dual and quad single-supply, precision
CMOS operational amplifiers fully specified to operate
at 0.8V while consuming less than 0.6µA supply
current per amplifier. Optimized for ultra-long-life
battery-powered applications, the TS1002 and the
TS1004 join Touchstone’s TS1001 operational
amplifier
in
the
“NanoWatt
Analog™”
high-
performance analog integrated circuits portfolio. Both
op amps exhibit a typical offset voltage of 0.5mV, a
typical input bias current of 25pA, and rail-to-rail input
and output stages. The TS1002 and the TS1004 can
operate from single-supply voltages from 0.65V to
2.5V.
The TS1002/TS1004’s combined features make
either an excellent choice in applications where very
low supply current and low operating supply voltage
translate into very long equipment operating time.
Applications
include:
nanopower
active
filters,
wireless remote sensors, battery and powerline
current
sensors,
portable
gas
monitors,
and
handheld/portable POS terminals.
The TS1002 and the TS1004 are fully specified at
VDD = 0.8V and over the industrial temperature
range (−40°C to +85°C). The TS1002 is available in
PCB-space
saving
8-lead
MSOP
surface-mount
packages. The TS1004 is available in a 14-pin
TSSOP package.
THE ONLY 0.8V/0.6µA RAIL-TO-RAIL DUAL/QUAD OP AMPS
TYPICAL APPLICATION CIRCUIT
A NanoWatt 2-Pole Sallen-Key Low-Pass Filter
Patent(s) Pending
NanoWatt Analog and the Touchstone Semiconductor logo are registered
trademarks of Touchstone Semiconductor, Incorporated.
VDD = 0.8V
0.53
0.58
0.63
0.68
0.73
30%
25%
20%
15%
10%
5%
0%
Supply Current Distribution
Supply Current per Amplifier - µA


Similar Part No. - TS1004

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
TS1004 SILABS-TS1004 Datasheet
1Mb / 14P
   THE ONLY 0.8V/0.6A RAIL-TO-RAIL DUAL/QUAD OP AMPS
TS1004IT14 SILABS-TS1004IT14 Datasheet
1Mb / 14P
   THE ONLY 0.8V/0.6A RAIL-TO-RAIL DUAL/QUAD OP AMPS
TS1004IT14T SILABS-TS1004IT14T Datasheet
1Mb / 14P
   THE ONLY 0.8V/0.6A RAIL-TO-RAIL DUAL/QUAD OP AMPS
More results

Similar Description - TS1004

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
TS1002 SILABS-TS1002 Datasheet
1Mb / 14P
   THE ONLY 0.8V/0.6A RAIL-TO-RAIL DUAL/QUAD OP AMPS
logo
Touchstone Semiconducto...
TS1003 TOUCHSTONE-TS1003 Datasheet
882Kb / 11P
   THE ONLY 0.8V TO 5.5V, 0.6uA RAIL-TO-RAIL SINGLE OP AMP
TS1001 TOUCHSTONE-TS1001 Datasheet
507Kb / 11P
   THE ONLY 0.8V/0.6 RAIL-TO-RAIL OP AMP
logo
Silicon Laboratories
TS1001 SILABS-TS1001 Datasheet
1Mb / 12P
   THE ONLY 0.8V/0.6A RAIL-TO-RAIL OP AMP
logo
List of Unclassifed Man...
TS1001 ETC-TS1001 Datasheet
518Kb / 11P
   THE ONLY 0.8V/0.6關A RAIL-TO-RAIL OP AMP
logo
Silicon Laboratories
TS1003 SILABS-TS1003 Datasheet
1Mb / 13P
   THE ONLY 0.8V TO 5.5V, 0.6A RAIL-TO-RAIL SINGLE OP AMP
logo
Linear Technology
LT1679 LINER-LT1679_15 Datasheet
298Kb / 16P
   Dual/Quad Low Noise, Rail-to-Rail, Precision Op Amps
LT1678 LINER-LT1678_15 Datasheet
298Kb / 16P
   Dual/Quad Low Noise, Rail-to-Rail, Precision Op Amps
LT1678 LINER-LT1678 Datasheet
297Kb / 16P
   Dual/Quad Low Noise, Rail-to-Rail, Precision Op Amps
LT1490A LINER-LT1490A_15 Datasheet
234Kb / 18P
   Dual/Quad Over-The-Top Micropower Rail-to-Rail Input and Output Op Amps
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com