Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

15ETL06PBF Datasheet(PDF) 6 Page - Vishay Siliconix

Part # 15ETL06PBF
Description  Ultralow VF Hyperfast Rectifier for Discontinuous Mode PFC, 15 A FRED Pt®
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

15ETL06PBF Datasheet(HTML) 6 Page - Vishay Siliconix

  15ETL06PBF Datasheet HTML 1Page - Vishay Siliconix 15ETL06PBF Datasheet HTML 2Page - Vishay Siliconix 15ETL06PBF Datasheet HTML 3Page - Vishay Siliconix 15ETL06PBF Datasheet HTML 4Page - Vishay Siliconix 15ETL06PBF Datasheet HTML 5Page - Vishay Siliconix 15ETL06PBF Datasheet HTML 6Page - Vishay Siliconix 15ETL06PBF Datasheet HTML 7Page - Vishay Siliconix 15ETL06PBF Datasheet HTML 8Page - Vishay Siliconix 15ETL06PBF Datasheet HTML 9Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
VS-15ETL06PbF, VS-15ETL06-N3, VS-15ETL06FPPbF, VS-15ETL06FP-N3
www.vishay.com
Vishay Semiconductors
Revision: 02-Jan-12
6
Document Number: 94004
For technical questions within your region: DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
ORDERING INFORMATION TABLE
ORDERING INFORMATION (Example)
PREFERRED P/N
QUANTITY PER T/R
MINIMUM ORDER QUANTITY
PACKAGING DESCRIPTION
VS-15ETL06PbF
50
1000
Antistatic plastic tube
VS-15ETL06-N3
50
1000
Antistatic plastic tube
VS-15ETL06FPPbF
50
1000
Antistatic plastic tube
VS-15ETL06FP-N3
50
1000
Antistatic plastic tube
LINKS TO RELATED DOCUMENTS
Dimensions
TO-220AC
www.vishay.com/doc?95221
TO-220FP
www.vishay.com/doc?95005
Part marking information
TO-220ACPbF
www.vishay.com/doc?95224
TO-220AC-N3
www.vishay.com/doc?95068
TO-220FPPbF
www.vishay.com/doc?95009
TO-220FP-N3
www.vishay.com/doc?95440
1
-
Vishay Semiconductors product
2
-
Current rating (15 = 15 A)
3
-
E = Single diode
4
-
T = TO-220, D2PAK
5
-
L = Ultralow VF hyperfast recovery
6
-
Voltage rating (06 = 600 V)
7
-
None = TO-220AC
FP = TO-220 FULL-PAK
8
Device code
5
1
3
2
4
6
7
8
VS-
15
E
T
L
06
FP
PbF
PbF = Lead (Pb)-free and RoHS compliant
-
Environmental digit:
-N3 = Halogen-free, RoHS compliant and totally lead (Pb)-free


Similar Part No. - 15ETL06PBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
15ETL06PBF IRF-15ETL06PBF Datasheet
236Kb / 8P
   Ultra-low V Hyperfast Rectifier for Discontinuous Mode PFC
logo
Vishay Siliconix
15ETL06PBF VISHAY-15ETL06PBF Datasheet
115Kb / 7P
   Ultralow VF Hyperfast Rectifier for Discontinuous Mode PFC, 15 A FRED PtTM
Revision: 04-Apr-08
15ETL06PBF VISHAY-15ETL06PBF Datasheet
184Kb / 9P
   Ultralow VF Hyperfast Rectifier for Discontinuous Mode PFC, 15 A FRED Pt
Revision: 31-Mar-11
15ETL06PBF VISHAY-15ETL06PBF_11 Datasheet
184Kb / 9P
   Ultralow VF Hyperfast Rectifier for Discontinuous Mode PFC, 15 A FRED Pt
Revision: 31-Mar-11
More results

Similar Description - 15ETL06PBF

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VS-15ETL06PBF VISHAY-VS-15ETL06PBF Datasheet
196Kb / 9P
   Ultralow VF Hyperfast Rectifier for Discontinuous Mode PFC, 15 A FRED Pt®
Revision: 02-Jan-12
15ETL06PBF VISHAY-15ETL06PBF_11 Datasheet
184Kb / 9P
   Ultralow VF Hyperfast Rectifier for Discontinuous Mode PFC, 15 A FRED Pt
Revision: 31-Mar-11
15ETL06SPBF VISHAY-15ETL06SPBF_10 Datasheet
711Kb / 9P
   Ultralow VF Hyperfast Rectifier for Discontinuous Mode PFC, 15 A FRED Pt
Revision: 23-Jun-10
VS-15ETL06HN3 VISHAY-VS-15ETL06HN3 Datasheet
167Kb / 7P
   Ultralow VF Hyperfast Rectifier for Discontinuous Mode PFC, 15 A FRED Pt
Revision: 20-Oct-16
8ETL06PBF VISHAY-8ETL06PBF_12 Datasheet
196Kb / 9P
   Ultralow VF Hyperfast Rectifier for Discontinuous Mode PFC, 8 A FRED Pt®
Revision: 02-Jan-12
8ETL06PBF VISHAY-8ETL06PBF_11 Datasheet
189Kb / 9P
   Ultralow VF Hyperfast Rectifier for Discontinuous Mode PFC, 8 A FRED Pt
Revision: 28-Apr-11
VS-8ETL06PBF VISHAY-VS-8ETL06PBF Datasheet
199Kb / 9P
   Ultralow VF Hyperfast Rectifier for Discontinuous Mode PFC, 8 A FRED Pt
Revision: 02-Jan-12
8ETL06SPBF VISHAY-8ETL06SPBF_10 Datasheet
177Kb / 9P
   Ultralow VF Hyperfast Rectifier for Discontinuous Mode PFC, 8 A FRED Pt
Revision: 11-Mar-10
VS-15ETL06S-M3 VISHAY-VS-15ETL06S-M3 Datasheet
217Kb / 8P
   Ultralow VF Hyperfast Rectifier for Discontinuous Mode PFC, 15 A FRED Pt®
Revision: 24-Oct-17
VS-15ETL06-M3 VISHAY-VS-15ETL06-M3 Datasheet
146Kb / 7P
   Ultralow VF Hyperfast Rectifier for Discontinuous Mode PFC, 15 A FRED Pt®
Revision: 23-Nov-17
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com