Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

15ETL06FP-N3 Datasheet(PDF) 1 Page - Vishay Siliconix

Part # 15ETL06FP-N3
Description  Ultralow VF Hyperfast Rectifier for Discontinuous Mode PFC, 15 A FRED Pt®
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

15ETL06FP-N3 Datasheet(HTML) 1 Page - Vishay Siliconix

  15ETL06FP-N3 Datasheet HTML 1Page - Vishay Siliconix 15ETL06FP-N3 Datasheet HTML 2Page - Vishay Siliconix 15ETL06FP-N3 Datasheet HTML 3Page - Vishay Siliconix 15ETL06FP-N3 Datasheet HTML 4Page - Vishay Siliconix 15ETL06FP-N3 Datasheet HTML 5Page - Vishay Siliconix 15ETL06FP-N3 Datasheet HTML 6Page - Vishay Siliconix 15ETL06FP-N3 Datasheet HTML 7Page - Vishay Siliconix 15ETL06FP-N3 Datasheet HTML 8Page - Vishay Siliconix 15ETL06FP-N3 Datasheet HTML 9Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
VS-15ETL06PbF, VS-15ETL06-N3, VS-15ETL06FPPbF, VS-15ETL06FP-N3
www.vishay.com
Vishay Semiconductors
Revision: 02-Jan-12
1
Document Number: 94004
For technical questions within your region: DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Ultralow VF Hyperfast Rectifier
for Discontinuous Mode PFC, 15 A FRED Pt®
FEATURES
• Hyperfast recovery time
• Benchmark ultralow forward voltage drop
• 175 °C operating junction temperature
• Low leakage current
• Fully isolated package (VINS = 2500 VRMS)
• UL E78996 pending
• Compliant to RoHS Directive 2002/95/EC
• Designed and qualified according to JEDEC-JESD47
• Halogen-free according to IEC 61249-2-21 definition
(-N3 only)
DESCRIPTION
State of the art, ultralow VF, soft-switching hyperfast
rectifiers optimized for Discontinuous (Critical) Mode (DCM)
Power Factor Correction (PFC).
The minimized conduction loss, optimized stored charge
and low recovery current minimize the switching losses and
reduce over dissipation in the switching element and
snubbers.
The device is also intended for use as a freewheeling diode
in power supplies and other power switching applications.
APPLICATIONS
AC/DC SMPS 70 W to 400 W
e.g. laptop and printer AC adaptors, desktop PC, TV and
monitor, games units and DVD AC/DC power supplies.
PRODUCT SUMMARY
Package
TO-220AC, TO-220FP
IF(AV)
15 A
VR
600 V
VF at IF
1.05 V
trr typ.
60 ns
TJ max.
175 °C
Diode variation
Single die
TO-220AC
TO-220 FULL-PAK
Anode
1
3
Cathode
Base
cathode
2
Anode
1
3
Cathode
VS-15ETL06PbF
VS-15ETL06FPPbF
VS-15ETL06-N3
VS-15ETL06FP-N3
ABSOLUTE MAXIMUM RATINGS
PARAMETER
SYMBOL
TEST CONDITIONS
VALUES
UNITS
Peak repetitive reverse voltage
VRRM
600
V
Average rectified forward current
IF(AV)
TC = 154 °C
15
A
TC = 120 °C (FULL-PAK)
Non-repetitive peak surge current
IFSM
TJ = 25 °C
250
Peak repetitive forward current
IFM
30
Operating junction and storage temperatures
TJ, TStg
- 65 to 175
°C
ELECTRICAL SPECIFICATIONS (TJ = 25 °C unless otherwise specified)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN.
TYP.
MAX.
UNITS
Breakdown voltage,
blocking voltage
VBR,
VR
IR = 100 μA
600
-
-
V
Forward voltage
VF
IF = 15 A
-
0.99
1.05
IF = 15 A, TJ = 150 °C
-
0.85
0.92
Reverse leakage current
IR
VR = VR rated
-
0.1
10
μA
TJ = 150 °C, VR = VR rated
-
15
120
Junction capacitance
CT
VR = 600 V
-
20
-
pF
Series inductance
LS
Measured lead to lead 5 mm from package body
-
8.0
-
nH


Similar Part No. - 15ETL06FP-N3

ManufacturerPart #DatasheetDescription
logo
International Rectifier
15ETL06FP IRF-15ETL06FP Datasheet
205Kb / 9P
   Ultra-low VF Hyperfast Rectifier for Discontinuous Mode PFC
15ETL06FP IRF-15ETL06FP Datasheet
236Kb / 8P
   Ultra-low V Hyperfast Rectifier for Discontinuous Mode PFC
logo
Vishay Siliconix
15ETL06FP VISHAY-15ETL06FP Datasheet
116Kb / 7P
   Ultralow VF Hyperfast Rectifier for Discontinuous Mode PFC, 15 A FRED PtTM
Revision: 20-Jun-08
logo
International Rectifier
15ETL06FP IRF-15ETL06FP Datasheet
383Kb / 11P
   Ultra-low VF Hyperfast Rectifier for Discontinuous Mode PFC
logo
Inchange Semiconductor ...
15ETL06FP ISC-15ETL06FP Datasheet
267Kb / 2P
   Hyperfast Rectifier
More results

Similar Description - 15ETL06FP-N3

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VS-15ETL06PBF VISHAY-VS-15ETL06PBF Datasheet
196Kb / 9P
   Ultralow VF Hyperfast Rectifier for Discontinuous Mode PFC, 15 A FRED Pt®
Revision: 02-Jan-12
15ETL06PBF VISHAY-15ETL06PBF_11 Datasheet
184Kb / 9P
   Ultralow VF Hyperfast Rectifier for Discontinuous Mode PFC, 15 A FRED Pt
Revision: 31-Mar-11
15ETL06SPBF VISHAY-15ETL06SPBF_10 Datasheet
711Kb / 9P
   Ultralow VF Hyperfast Rectifier for Discontinuous Mode PFC, 15 A FRED Pt
Revision: 23-Jun-10
VS-15ETL06HN3 VISHAY-VS-15ETL06HN3 Datasheet
167Kb / 7P
   Ultralow VF Hyperfast Rectifier for Discontinuous Mode PFC, 15 A FRED Pt
Revision: 20-Oct-16
8ETL06PBF VISHAY-8ETL06PBF_12 Datasheet
196Kb / 9P
   Ultralow VF Hyperfast Rectifier for Discontinuous Mode PFC, 8 A FRED Pt®
Revision: 02-Jan-12
8ETL06PBF VISHAY-8ETL06PBF_11 Datasheet
189Kb / 9P
   Ultralow VF Hyperfast Rectifier for Discontinuous Mode PFC, 8 A FRED Pt
Revision: 28-Apr-11
VS-8ETL06PBF VISHAY-VS-8ETL06PBF Datasheet
199Kb / 9P
   Ultralow VF Hyperfast Rectifier for Discontinuous Mode PFC, 8 A FRED Pt
Revision: 02-Jan-12
8ETL06SPBF VISHAY-8ETL06SPBF_10 Datasheet
177Kb / 9P
   Ultralow VF Hyperfast Rectifier for Discontinuous Mode PFC, 8 A FRED Pt
Revision: 11-Mar-10
VS-15ETL06S-M3 VISHAY-VS-15ETL06S-M3 Datasheet
217Kb / 8P
   Ultralow VF Hyperfast Rectifier for Discontinuous Mode PFC, 15 A FRED Pt®
Revision: 24-Oct-17
VS-15ETL06-M3 VISHAY-VS-15ETL06-M3 Datasheet
146Kb / 7P
   Ultralow VF Hyperfast Rectifier for Discontinuous Mode PFC, 15 A FRED Pt®
Revision: 23-Nov-17
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com