Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

15ETX06FPPBF Datasheet(PDF) 6 Page - Vishay Siliconix

Part # 15ETX06FPPBF
Description  Hyperfast Rectifier, 15 A FRED Pt®
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

15ETX06FPPBF Datasheet(HTML) 6 Page - Vishay Siliconix

  15ETX06FPPBF Datasheet HTML 1Page - Vishay Siliconix 15ETX06FPPBF Datasheet HTML 2Page - Vishay Siliconix 15ETX06FPPBF Datasheet HTML 3Page - Vishay Siliconix 15ETX06FPPBF Datasheet HTML 4Page - Vishay Siliconix 15ETX06FPPBF Datasheet HTML 5Page - Vishay Siliconix 15ETX06FPPBF Datasheet HTML 6Page - Vishay Siliconix 15ETX06FPPBF Datasheet HTML 7Page - Vishay Siliconix 15ETX06FPPBF Datasheet HTML 8Page - Vishay Siliconix 15ETX06FPPBF Datasheet HTML 9Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
VS-15ETX06PbF, VS-15ETX06-N3, VS-15ETX06FPPbF, VS-15ETX06FP-N3
www.vishay.com
Vishay Semiconductors
Revision: 02-Jan-11
6
Document Number: 94006
For technical questions within your region: DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
ORDERING INFORMATION TABLE
ORDERING INFORMATION (Example)
PREFERRED P/N
QUANTITY PER T/R
MINIMUM ORDER QUANTITY
PACKAGING DESCRIPTION
VS-15ETX06PbF
50
1000
Antistatic plastic tube
VS-15ETX06-N3
50
1000
Antistatic plastic tube
VS-15ETX06FPPbF
50
1000
Antistatic plastic tube
VS-15ETX06FP-N3
50
1000
Antistatic plastic tube
LINKS TO RELATED DOCUMENTS
Dimensions
TO-220AC
www.vishay.com/doc?95221
TO-220FP
www.vishay.com/doc?95005
Part marking information
TO-220ACPbF
www.vishay.com/doc?95224
TO-220AC-N3
www.vishay.com/doc?95068
TO-220AFPPbF
www.vishay.com/doc?95009
TO-220FP-N3
www.vishay.com/doc?95440
1
-
Vishay Semiconductors product
2
-
Current rating (15 = 15 A)
3
-
E = Single diode
4
-
T = TO-220, D2PAK
5
-
X = Hyperfast recovery
6
-
Voltage rating (06 = 600 V)
7
-
None = TO-220AC
FP = TO-220 FULL-PAK
8
Device code
5
1
3
2
4
6
7
8
VS-
15
E
T
X
06
FP
PbF
PbF = Lead (Pb)-free and RoHS compliant
-
Environmental digit:
-N3 = Halogen-free, RoHS compliant and totally lead (Pb)-free


Similar Part No. - 15ETX06FPPBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
15ETX06FPPBF IRF-15ETX06FPPBF Datasheet
236Kb / 8P
   Hyperfast Rectifier
logo
Vishay Siliconix
15ETX06FPPBF VISHAY-15ETX06FPPBF Datasheet
121Kb / 7P
   Hyperfast Rectifier, 15 A FRED PtTM
Revision: 04-Apr-08
15ETX06FPPBF VISHAY-15ETX06FPPBF Datasheet
192Kb / 9P
   Ultrafast Rectifier, 15 A FRED Pt
Revision: 28-Apr-11
More results

Similar Description - 15ETX06FPPBF

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VS-ETX1506S-M3 VISHAY-VS-ETX1506S-M3 Datasheet
197Kb / 8P
   Hyperfast Rectifier, 15 A FRED Pt®
Revision: 09-Jul-15
VS-15ETH06SPBF VISHAY-VS-15ETH06SPBF Datasheet
166Kb / 8P
   Hyperfast Rectifier, 15 A FRED Pt®
Revision: 09-Jul-15
VS-15ETX06PBF VISHAY-VS-15ETX06PBF Datasheet
201Kb / 9P
   Hyperfast Rectifier, 15 A FRED Pt®
Revision: 02-Jan-11
VS-15EWX06FN-M3 VISHAY-VS-15EWX06FN-M3 Datasheet
159Kb / 8P
   Hyperfast Rectifier, 15 A FRED Pt®
Revision: 05-Apr-11
15EWH06FN-M3 VISHAY-15EWH06FN-M3 Datasheet
156Kb / 8P
   Hyperfast Rectifier, 15 A FRED Pt®
Revision: 05-Apr-11
VS-15ETH06PBF VISHAY-VS-15ETH06PBF Datasheet
209Kb / 9P
   Hyperfast Rectifier, 15 A Fred Pt®
Revision: 13-May-16
VS-ETH1506FP-M3 VISHAY-VS-ETH1506FP-M3 Datasheet
203Kb / 9P
   Hyperfast Rectifier, 15 A FRED Pt®
Revision: 11-Mar-11
VS-15ETH03SPBF VISHAY-VS-15ETH03SPBF Datasheet
181Kb / 9P
   Hyperfast Rectifier, 15 A FRED Pt®
Revision: 11-Mar-10
15EWH06FN-M3 VISHAY-15EWH06FN-M3_13 Datasheet
157Kb / 8P
   Hyperfast Rectifier, 15 A FRED Pt®
Revision: 05-Apr-11
15EWX06FN-M3 VISHAY-15EWX06FN-M3 Datasheet
157Kb / 8P
   Hyperfast Rectifier, 15 A FRED Pt®
Revision: 05-Apr-11
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com