Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

60EPU06PBF Datasheet(PDF) 7 Page - Vishay Siliconix

Part # 60EPU06PBF
Description  Ultrafast Soft Recovery Diode, 60 A FRED Pt®
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

60EPU06PBF Datasheet(HTML) 7 Page - Vishay Siliconix

  60EPU06PBF_12 Datasheet HTML 1Page - Vishay Siliconix 60EPU06PBF_12 Datasheet HTML 2Page - Vishay Siliconix 60EPU06PBF_12 Datasheet HTML 3Page - Vishay Siliconix 60EPU06PBF_12 Datasheet HTML 4Page - Vishay Siliconix 60EPU06PBF_12 Datasheet HTML 5Page - Vishay Siliconix 60EPU06PBF_12 Datasheet HTML 6Page - Vishay Siliconix 60EPU06PBF_12 Datasheet HTML 7Page - Vishay Siliconix 60EPU06PBF_12 Datasheet HTML 8Page - Vishay Siliconix 60EPU06PBF_12 Datasheet HTML 9Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
Outline Dimensions
www.vishay.com
Vishay Semiconductors
Revision: 16-Jun-11
1
Document Number: 95223
For technical questions within your region: DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
DIMENSIONS in millimeters and inches
Notes
(1) Dimensioning and tolerancing per ASME Y14.5M-1994
(2) Contour of slot optional
(3) Dimension D and E do not include mold flash. Mold flash shall not exceed 0.127 mm (0.005") per side. These dimensions are measured at
the outermost extremes of the plastic body
(4) Thermal pad contour optional with dimensions D1 and E1
(5) Lead finish uncontrolled in L1
(6) Ø P to have a maximum draft angle of 1.5 to the top of the part with a maximum hole diameter of 3.91 mm (0.154")
(7) Outline conforms to JEDEC outline TO-247 with exception of dimension c
SYMBOL
MILLIMETERS
INCHES
NOTES
SYMBOL
MILLIMETERS
INCHES
NOTES
MIN.
MAX.
MIN.
MAX.
MIN.
MAX.
MIN.
MAX.
A
4.65
5.31
0.183
0.209
D2
0.51
1.30
0.020
0.051
A1
2.21
2.59
0.087
0.102
E
15.29
15.87
0.602
0.625
3
A2
1.50
2.49
0.059
0.098
E1
13.72
-
0.540
-
b
0.99
1.40
0.039
0.055
e
5.46 BSC
0.215 BSC
b1
0.99
1.35
0.039
0.053
FK
2.54
0.010
b2
1.65
2.39
0.065
0.094
L
14.20
16.10
0.559
0.634
b3
1.65
2.37
0.065
0.094
L1
3.71
4.29
0.146
0.169
b4
2.59
3.43
0.102
0.135
N
7.62 BSC
0.3
b5
2.59
3.38
0.102
0.133
P
3.56
3.66
0.14
0.144
c
0.38
0.86
0.015
0.034
P1
-
6.98
-
0.275
c1
0.38
0.76
0.015
0.030
Q
5.31
5.69
0.209
0.224
D
19.71
20.70
0.776
0.815
3
R
4.52
5.49
1.78
0.216
D1
13.08
-
0.515
-
4
S
5.51 BSC
0.217 BSC
0.10
A
C
M
M
E
N
(2)
(3)
(4)
(4)
(2) R/2
B
2 x R
S
D
See view B
2 x e
b4
3 x b
2 x b2
L
C
(5) L1
1
2
3
Q
D
A
A2
A
A
A1
C
Ø K
B
D
M
M
A
(6) Ø P
(Datum B)
FP1
D1 (4)
4
E1
0.01
B
D
M
M
View A - A
Thermal pad
D2
DD E
E
C
C
View B
(b1, b3, b5)
Base metal
c1
(b, b2, b4)
Section C - C, D - D, E - E
(c)
Planting
Lead assignments
Diodes
1. - Anode/open
2. - Cathode
3. - Anode


Similar Part No. - 60EPU06PBF_12

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
60EPU06PBF VISHAY-60EPU06PBF_11 Datasheet
200Kb / 9P
   Ultrafast Soft Recovery Diode, 60 A FRED Pt
Revision: 14-Feb-11
More results

Similar Description - 60EPU06PBF_12

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VS-60EPU04HN3 VISHAY-VS-60EPU04HN3 Datasheet
199Kb / 8P
   Ultrafast Soft Recovery Diode, 60 A FRED Pt®
Revision: 10-Jul-15
VS-60EPU06HN3 VISHAY-VS-60EPU06HN3 Datasheet
194Kb / 8P
   Ultrafast Soft Recovery Diode, 60 A FRED Pt®
Revision: 09-Jul-15
60EPU02PBF VISHAY-60EPU02PBF_12 Datasheet
207Kb / 9P
   Ultrafast Soft Recovery Diode, 60 A FRED Pt®
Revision: 15-Aug-11
60EPU04PBF VISHAY-60EPU04PBF_12 Datasheet
202Kb / 9P
   Ultrafast Soft Recovery Diode, 60 A FRED Pt®
Revision: 15-Aug-11
60EPU04PBF VISHAY-60EPU04PBF_11 Datasheet
196Kb / 9P
   Ultrafast Soft Recovery Diode, 60 A FRED Pt
Revision: 17-Feb-11
60EPU06PBF VISHAY-60EPU06PBF_11 Datasheet
200Kb / 9P
   Ultrafast Soft Recovery Diode, 60 A FRED Pt
Revision: 14-Feb-11
60EPU02PBF VISHAY-60EPU02PBF_11 Datasheet
201Kb / 9P
   Ultrafast Soft Recovery Diode, 60 A FRED Pt
Revision: 17-Feb-11
VS-80EBU02 VISHAY-VS-80EBU02 Datasheet
137Kb / 8P
   Ultrafast Soft Recovery Diode, 80 A FRED Pt®
Revision: 15-Jun-11
VS-150EBU02 VISHAY-VS-150EBU02 Datasheet
135Kb / 8P
   Ultrafast Soft Recovery Diode, 150 A FRED Pt®
Revision: 15-Jun-11
VS-80EBU04HF4 VISHAY-VS-80EBU04HF4 Datasheet
148Kb / 7P
   Ultrafast Soft Recovery Diode, 80 A FRED Pt®
Revision: 16-Jun-15
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com