Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

60APU06PBF Datasheet(PDF) 6 Page - Vishay Siliconix

Part # 60APU06PBF
Description  Ultrafast Soft Recovery Diode, 60 A FRED Pt®
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

60APU06PBF Datasheet(HTML) 6 Page - Vishay Siliconix

  60APU06PBF Datasheet HTML 1Page - Vishay Siliconix 60APU06PBF Datasheet HTML 2Page - Vishay Siliconix 60APU06PBF Datasheet HTML 3Page - Vishay Siliconix 60APU06PBF Datasheet HTML 4Page - Vishay Siliconix 60APU06PBF Datasheet HTML 5Page - Vishay Siliconix 60APU06PBF Datasheet HTML 6Page - Vishay Siliconix 60APU06PBF Datasheet HTML 7Page - Vishay Siliconix 60APU06PBF Datasheet HTML 8Page - Vishay Siliconix 60APU06PBF Datasheet HTML 9Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
VS-60EPU06PbF, VS-60EPU06-N3, VS-60APU06PbF, VS-60APU06-N3
www.vishay.com
Vishay Semiconductors
Revision: 15-Aug-11
6
Document Number: 94023
For technical questions within your region: DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
ORDERING INFORMATION TABLE
ORDERING INFORMATION (Example)
PREFERRED P/N
QUANTITY PER T/R
MINIMUM ORDER QUANTITY
PACKAGING DESCRIPTION
VS-60EPU06PbF
25
500
Antistatic plastic tube
VS-60EPU06-N3
25
500
Antistatic plastic tube
VS-60APU06PbF
25
500
Antistatic plastic tube
VS-60APU06-N3
25
500
Antistatic plastic tube
LINKS TO RELATED DOCUMENTS
Dimensions
TO-247AC modified
www.vishay.com/doc?95253
TO-247AC
www.vishay.com/doc?95223
Part marking information
TO-247AC modified PbF
www.vishay.com/doc?95255
TO-247AC modified -N3
www.vishay.com/doc?95442
TO-247ACPbF
www.vishay.com/doc?95226
TO-247AC-N3
www.vishay.com/doc?95007
2
-
Current rating (60 = 60 A)
4
-
Package:
P = TO-247AC (modified)
5
-
Type of silicon:
U = Ultrafast recovery
6
-
Voltage rating (06 = 600 V)
3
-
Circuit configuration:
E = Single diode
A = Single diode, 3 pins
Device code
5
1
3
2
4
6
7
VS-
60
E
P
U
06
PbF
1
-
Vishay Semiconductors product
7
-
Environmental digit:
PbF = Lead (Pb)-free and RoHS compliant
-N3 = Halogen-free, RoHS compliant and totally lead (Pb)-free


Similar Part No. - 60APU06PBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
60APU06PBF IRF-60APU06PBF Datasheet
215Kb / 8P
   Ultrafast Soft Recovery Diode
logo
Vishay Siliconix
60APU06PBF VISHAY-60APU06PBF Datasheet
119Kb / 7P
   Ultrafast Soft Recovery Diode, 60 A FRED PtTM
Revision: 07-Apr-08
60APU06PBF VISHAY-60APU06PBF Datasheet
200Kb / 9P
   Ultrafast Soft Recovery Diode, 60 A FRED Pt
Revision: 14-Feb-11
More results

Similar Description - 60APU06PBF

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VS-60EPU04HN3 VISHAY-VS-60EPU04HN3 Datasheet
199Kb / 8P
   Ultrafast Soft Recovery Diode, 60 A FRED Pt®
Revision: 10-Jul-15
VS-60EPU06HN3 VISHAY-VS-60EPU06HN3 Datasheet
194Kb / 8P
   Ultrafast Soft Recovery Diode, 60 A FRED Pt®
Revision: 09-Jul-15
60EPU02PBF VISHAY-60EPU02PBF_12 Datasheet
207Kb / 9P
   Ultrafast Soft Recovery Diode, 60 A FRED Pt®
Revision: 15-Aug-11
60EPU04PBF VISHAY-60EPU04PBF_12 Datasheet
202Kb / 9P
   Ultrafast Soft Recovery Diode, 60 A FRED Pt®
Revision: 15-Aug-11
60EPU04PBF VISHAY-60EPU04PBF_11 Datasheet
196Kb / 9P
   Ultrafast Soft Recovery Diode, 60 A FRED Pt
Revision: 17-Feb-11
60EPU06PBF VISHAY-60EPU06PBF_11 Datasheet
200Kb / 9P
   Ultrafast Soft Recovery Diode, 60 A FRED Pt
Revision: 14-Feb-11
60EPU02PBF VISHAY-60EPU02PBF_11 Datasheet
201Kb / 9P
   Ultrafast Soft Recovery Diode, 60 A FRED Pt
Revision: 17-Feb-11
VS-80EBU02 VISHAY-VS-80EBU02 Datasheet
137Kb / 8P
   Ultrafast Soft Recovery Diode, 80 A FRED Pt®
Revision: 15-Jun-11
VS-150EBU02 VISHAY-VS-150EBU02 Datasheet
135Kb / 8P
   Ultrafast Soft Recovery Diode, 150 A FRED Pt®
Revision: 15-Jun-11
VS-80EBU04HF4 VISHAY-VS-80EBU04HF4 Datasheet
148Kb / 7P
   Ultrafast Soft Recovery Diode, 80 A FRED Pt®
Revision: 16-Jun-15
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com